データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

G-1.6PCF データシート(PDF) 10 Page - Hirose Electric

部品番号 G-1.6PCF
部品情報  USCAR specified connector as SAE/USCAR-19
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HIROSE [Hirose Electric]
ホームページ  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

G-1.6PCF データシート(HTML) 10 Page - Hirose Electric

Back Button G-1.6PCF Datasheet HTML 6Page - Hirose Electric G-1.6PCF Datasheet HTML 7Page - Hirose Electric G-1.6PCF Datasheet HTML 8Page - Hirose Electric G-1.6PCF Datasheet HTML 9Page - Hirose Electric G-1.6PCF Datasheet HTML 10Page - Hirose Electric G-1.6PCF Datasheet HTML 11Page - Hirose Electric G-1.6PCF Datasheet HTML 12Page - Hirose Electric G-1.6PCF Datasheet HTML 13Page - Hirose Electric G-1.6PCF Datasheet HTML 14Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
16
GT5 Series ● For Antenna
8.2
11.8
14.05
0.3
2-R0.7
1.5
1.5
3.6
22-R0.7 14 05
14.05
0.3
d
Board
3
R2.3
8.2
3.6
14.05
0.3
Board
14.05
0.3
Board
30
25
18.8
14.8
2-φ2.5
18.8
27.4
7.7
7
21.3
5.45
41.4
(11.4)
(1.35)
(1.35)
GT5-2S-HU
GT5-2P/S-R
GT5-2P/S-R
(32.7)
12.6
21.3
(11.4)
GT5-2P/S-R
GT5-2S-HU
Standard
(A)
(B)
(C)
GT5-2P-DS (70)
Recommended Panel Cut-out
GT5-2P-DS (A)(70) GT5-2P-DS (B)(70) GT5-2P-DS (C)(70)
Housings
Retainer (Used with GT5-2S-HU, GT5-2PP-HU, and GT5N-2PP-HU)
Board Mounting Type
BMated condition
3
5.45
Panel
For inner
conductor
For outside
conductor
2-φ3.5
2-φ1.2
4-φ1.2
Part No.
HRS No.
Material
/Plating or Color
Color
Key polarizing
code
Packaging
RoHS
GT5-2P-DS(70)
755-0043-9 70
Housing
:PBT/ー
Center terminal
:Brass/Tin plating
Insulator
:PBT/Dark Gray
Outer terminal
:Phosphor bronze/Tin plating
Light Gray Standard
1
YES
GT5-2P-DS(A)(70)
755-0061-0 70
Brown
(A)
GT5-2P-DS(B)(70)
755-0062-3 70
Green
(B)
GT5-2P-DS(C)(70)
755-0101-3 70
Blue
(C)
Note 1 : Housing.
Note 2 : Use JIS B 1115 and 1122 class 4, nominal diameter 3, length 6 screws.
Part No.
HRS No.
Material
Color
Packaging
RoHS
GT5N-2PP-HU
755-0055-8
PBT
Light Gray
1
YES
Note : Assemble main parts with separated retainer (GT5-2P/S-R).
Part No.
HRS No.
Material
Color
Packaging
RoHS
GT5-2P/S-R
755-0046-7
PBT
Dark Gray
1
YES
BRecommended Board
Mounting Pattern
BMated condition (mounted)


同様の部品番号 - G-1.6PCF

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
G-1-380 VISHAY-G-1-380 Datasheet
192Kb / 3P
   Wirewound Resistors, Military, MIL-PRF-26 Qualified, Type RW, Precision Power, Silicone Coated
Revision: 22-Mar-06
G-1-80 VISHAY-G-1-80 Datasheet
192Kb / 3P
   Wirewound Resistors, Military, MIL-PRF-26 Qualified, Type RW, Precision Power, Silicone Coated
Revision: 22-Mar-06
G-10 VISHAY-G-10 Datasheet
192Kb / 3P
   Wirewound Resistors, Military, MIL-PRF-26 Qualified, Type RW, Precision Power, Silicone Coated
Revision: 22-Mar-06
logo
Formosa MS
G-100 FORMOSA-G-100 Datasheet
2Mb / 1P
   AC?득틦 LED?됧폊?롦Æ?
G-125 FORMOSA-G-125 Datasheet
2Mb / 1P
   AC?득틦 LED?됧폊?롦Æ?
More results

同様の説明 - G-1.6PCF

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0314081120 MOLEX4-0314081120 Datasheet
434Kb / 4P
   USCAR 2.54mm
logo
Mitsumi Electronics, Co...
CAM-K78A MITSUMI-CAM-K78A Datasheet
497Kb / 6P
   USCAR-30 Connector
logo
Molex Electronics Ltd.
0314081202 MOLEX4-0314081202 Datasheet
434Kb / 4P
   USCAR 2.54mm
0314081160 MOLEX4-0314081160 Datasheet
434Kb / 4P
   USCAR 2.54mm (.100?? Pitch Receptacle
0314081161 MOLEX4-0314081161 Datasheet
434Kb / 4P
   USCAR 2.54mm (.100?? Pitch Receptacle
31410-1201 MOLEX-31410-1201 Datasheet
256Kb / 2P
   USCAR 0.64MM RECEPTALCE SALES DRAWING, 20 CKT.
0314081082 MOLEX4-0314081082 Datasheet
434Kb / 4P
   USCAR 2.54mm (.100?? Pitch Receptacle, 8 Circuits, Polarization C, Brown
0945529012 MOLEX11-0945529012 Datasheet
224Kb / 3P
   Housing A USCAR, Receptacle for Mox Terminal 0.64 mm, 12 Circuits
0314081162 MOLEX4-0314081162 Datasheet
434Kb / 4P
   USCAR 2.54mm (.100?? Pitch Receptacle, 16 Circuits, Polarization C, Brown
0314081081 MOLEX4-0314081081 Datasheet
434Kb / 4P
   USCAR 2.54mm (.100?? Pitch Receptacle, 8 Circuits, Polarization B, Gray
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com