データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

MU04-2101 データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号. MU04-2101
部品情報  SUPER BRIGHT LED LIGHT BAR MODULE
ダウンロード  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo 

MU04-2101 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
6
Characteristics by Shape
SUPER BRIGHT LED LIGHT BAR MODULE
Package Dimensions
unit : mm
fig.8
fig.9
fig.10
fig.11
Absolute Max. Rating
Power Dissipation
Pd
Electro-Optical Characteristics
Luminous Intensity
Iv
MIN.
TYP.
IF
fig.
Shape
Part No.
Emitted
Color
Resin
Color
Light
Emitting
Surface
(Outer Size)
No.
of
Chips
MU09-9101
MU09-9102
MU09-9103
MU11-2201
MU11-3201
MU11-4201
MU11-5201
MU13-9102
Units
8
20
φ 6
.4
(φ 7)
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
8
6
8
12
8
8
20
10
20
10
12
14
12
40
16
16
12
12
16
4
4
4
6
4
4
10
5
10
5
6
7
6
20
8
8
6
6
8
60
125
60
150
60
125
120
125
150
125
60
310
60
375
120
120
125
125
150
mW
1
2
1
2
1
2
2
2
2
2
1
5
1
5
2
2
2
2
2
pcs
Milky White
Milky White
Milky White
Red
Orange
Yellow
Milky White
Red
Milky White
Orange
Milky White
mm
Red
Orange
Yellow
Pure Green
Red
Yellow
Pure Green
Pure Green
Red
Yellow
Red
Orange
Green
Milky White
4.6
x9.5
(5.6
x10.5)
4
x12
(5
x13)
10
11
12
MU17-2101
MU17-2105
MU17-3101
MU17-3105
MU17-4101
MU17-4105
MU17-5101
MU17-5105
MU16-2101
MU16-2105
MU16-3101
MU16-3105
MU16-4101
MU16-4105
MU16-5101
MU16-5105
Yellow
Pure Green
Red
Orange
MU13-9101
Red
Pure Green
Red
Yellow
Red
Orange
Yellow
Milky White
Green
Milky White
Red
Milky White
Orange
Milky White
Yellow
Milky White
Green
Milky White
9
x9
(10.1
x10.1)
4
x19
(5
x20)
2
3
3
3
3
3
3
3
3
2
2
150
125
125
180
180
190
190
225
225
190
190
8
4
4
12
12
9
9
12
12
5
5
16
8
8
24
24
18
18
24
24
10
10
mcd
mA
20
20
20
20
20
20
20
20
20
20
20
9
Ta=25°C
Tolerance : ±0.25mm


Html ページ

1  2  3  4 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
MV7441SUPER BRIGHT T-1 3mm LED LAMP -WATER CLEAR 1 2 QT Optoelectronics
MV8331SUPER BRIGHT T-1 3/4 5 mm LED LAMP - Water Clear 1 2 3 4 Fairchild Semiconductor
MV9100SUPER BRIGHT 10 mm LED LAMPS 1 2 3 4 Fairchild Semiconductor
AM2520SYC03The Super Bright Yellow source color devices are made with DH InGaAlP on GaAs substrate Light Emitting Diode. 1 2 3 4 Kingbright Corporation
BA-2R2UWLED LIGHT BAR & BAR GRAPH ARRAYS 1 2 Yellow Stone Corp
LM-FB20F-12Flexible Bar LED Module - Full Colour RGB 1 Chicago Miniature Lamp,inc
MV7742SUPER BRIGHT T-1 3MM LED LAMP - WATER CLEAR 1 2 QT Optoelectronics
MV5B60SUPER BRIGHT T-100 3 mm LED LAMP 1 2 3 4 Fairchild Semiconductor
MV8341SUPER BRIGHT T-1 3/4 5 mm LED LAMP - Water Clear 1 2 3 4 Fairchild Semiconductor
QTLP600C-RYSURFACE MOUNT LED LAMP SUPER BRIGHT 0606 1 2 3 4 5 MoreFairchild Semiconductor

リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn