データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPGB1N300U40 データシート(PDF) 1 Page - MagnaChip Semiconductor.

部品番号 MPGB1N300U40
部品情報  400V FRD Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MGCHIP [MagnaChip Semiconductor.]
ホームページ  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MPGB1N300U40 データシート(HTML) 1 Page - MagnaChip Semiconductor.

  MPGB1N300U40 Datasheet HTML 1Page - MagnaChip Semiconductor. MPGB1N300U40 Datasheet HTML 2Page - MagnaChip Semiconductor. MPGB1N300U40 Datasheet HTML 3Page - MagnaChip Semiconductor. MPGB1N300U40 Datasheet HTML 4Page - MagnaChip Semiconductor. MPGB1N300U40 Datasheet HTML 5Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Mar. 2013. Version 2.0
MagnaChip Semiconductor Ltd.
1
Absolute Maximum Ratings @Tc = 25oC
Characteristics
Conditions
Symbol
Rating
Unit
Repetitive Peak Reverse Voltage
VRRM
400
V
Reverse DC Voltage
VR(DC)
320
V
Average Forward
Current
TC=25
oC
Resistive Load
IF(AV)
600
A
TC=100
oC
300
A
Surge(non-repetitive) Forward
Current
One Half Cycle at 60Hz,
Peak Value
IFSM
6000
A
I
2t for Fusing
Value for One Cycle Current,
tw = 8.3ms, Tj= 25℃ Start
I
2t
149* 10
3
A
2s
Junction Temperature
TJ
-40 ~ 150
Maximum Power Dissipation
PD
1130
W
Isolation Voltage
@AC 1 minutes
Visol
2500
V
Storage Temperature
Tstg
-40 ~ 125
Mounting Torque
-
4.0
N.m
Terminal Torque
Typical Including Screws
-
3.0
N.m
Weight
-
170
g
MPGB1N300U40
400V FRD Module
General Description
Ultra-FRD module devices are optimized to reduce losses
and EMI/RFI in high frequency power conditioning electrical
systems.
These diode modules are ideally suited for power converters,
motors drives and other applications where switching losses
are significant portion of the total losses.
Features
 Repetitive Reverse Voltage : VRRM= 400V
 Low Forward Voltage : VF(typ.) = 1.0V
 Average Forward Current : IF(Av.)=300A @TC=100℃
 Ultra-Fast Reverse Recovery Time : trr(typ.) =40ns
 Extensive Characterization of Recovery Parameters
 Reduced EMI and RFI
 Isolation Type Package
Applications
 High Speed & High Power converters, Welders
 Various Switching and Telecommunication Power Supply
2DM-1
Equivalent Circuit
E301932


同様の部品番号 - MPGB1N300U40

メーカー部品番号データシート部品情報
logo
MagnaChip Semiconductor...
MPGB1N300U60 MGCHIP-MPGB1N300U60 Datasheet
635Kb / 5P
   600V FRD Module
More results

同様の説明 - MPGB1N300U40

メーカー部品番号データシート部品情報
logo
MagnaChip Semiconductor...
MPKC2SA MGCHIP-MPKC2SA Datasheet
638Kb / 5P
   400V FRD Module
MPKB2SA MGCHIP-MPKB2SA Datasheet
639Kb / 5P
   400V FRD Module
MPSC2N100U40 MGCHIP-MPSC2N100U40 Datasheet
647Kb / 5P
   400V FRD Module
logo
Nihon Inter Electronics...
P2H80F4 NIEC-P2H80F4 Datasheet
155Kb / 3P
   FRD MODULE 80A/400V
P2H30F4 NIEC-P2H30F4 Datasheet
154Kb / 3P
   FRD MODULE 30A/400V
P2H60F4 NIEC-P2H60F4 Datasheet
155Kb / 3P
   FRD MODULE 60A/400V
PD50F4 NIEC-PD50F4 Datasheet
29Kb / 2P
   FRD MODULE - 50A/400V/trr:80nsec
PC50F4 NIEC-PC50F4 Datasheet
29Kb / 2P
   FRD MODULE 50A/400V/TRR:80NSEC
15KRA40 NIEC-15KRA40 Datasheet
63Kb / 5P
   FRD - 1.5A 400V 160ns
10DRA40 NIEC-10DRA40 Datasheet
58Kb / 5P
   FRD - 1A 400V 120ns
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com