データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AXC8T245_1808 データシート(PDF) 14 Page - Texas Instruments

部品番号 SN74AXC8T245_1808
部品情報  8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AXC8T245_1808 データシート(HTML) 14 Page - Texas Instruments

Back Button SN74AXC8T245_1808 Datasheet HTML 10Page - Texas Instruments SN74AXC8T245_1808 Datasheet HTML 11Page - Texas Instruments SN74AXC8T245_1808 Datasheet HTML 12Page - Texas Instruments SN74AXC8T245_1808 Datasheet HTML 13Page - Texas Instruments SN74AXC8T245_1808 Datasheet HTML 14Page - Texas Instruments SN74AXC8T245_1808 Datasheet HTML 15Page - Texas Instruments SN74AXC8T245_1808 Datasheet HTML 16Page - Texas Instruments SN74AXC8T245_1808 Datasheet HTML 17Page - Texas Instruments SN74AXC8T245_1808 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
14
SN74AXC8T245
SCES875B – MARCH 2018 – REVISED AUGUST 2018
www.ti.com
Product Folder Links: SN74AXC8T245
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
6.12 Switching Characteristics, VCCA = 2.5 V
See Figure 1 and Figure 2 for test circuit and loading conditions. See Figure 3 and Figure 4 for measurement waveforms.
PARAMETER
TEST CONDITIONS
B-PORT SUPPLY VOLTAGE (VCCB)
UNIT
0.7 V ± 0.05 V
0.8 V ± 0.04 V
0.9 V ± 0.045 V
1.2 V ± 0.1 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
Propagation
delay
From input A
to output B
–40°C to 85°C
0.5
81
0.5
40
0.5
22
0.5
8
ns
–40°C to 125°C
0.5
81
0.5
40
0.5
22
0.5
8
From input B
to output A
–40°C to 85°C
0.5
61
0.5
25
0.5
14
0.5
7
–40°C to 125°C
0.5
61
0.5
25
0.5
14
0.5
7
tdis
Disable time
From inputOE
to output A
–40°C to 85°C
0.5
25
0.5
25
0.5
25
0.5
25
ns
–40°C to 125°C
0.5
28
0.5
28
0.5
28
0.5
28
From inputOE
to output B
–40°C to 85°C
0.5
111
0.5
85
0.5
76
0.5
81
–40°C to 125°C
0.5
113
0.5
87
0.5
78
0.5
84
ten
Enable time
From input OE
to output A
–40°C to 85°C
0.5
11
0.5
11
0.5
11
0.5
11
ns
–40°C to 125°C
0.5
12
0.5
12
0.5
12
0.5
12
From input OE
to output B
–40°C to 85°C
0.5
155
0.5
86
0.5
52
0.5
21
–40°C to 125°C
0.5
155
0.5
86
0.5
52
0.5
21
PARAMETER
TEST CONDITIONS
B-PORT SUPPLY VOLTAGE (VCCB)
UNIT
1.5 V ± 0.1 V
1.8 V ± 0.15 V
2.5 V ± 0.2 V
3.3 V ± 0.3 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
Propagation
delay
From input A
to output B
–40°C to 85°C
0.5
6
0.5
5
0.5
4
0.5
4
ns
–40°C to 125°C
0.5
6
0.5
5
0.5
5
0.5
4
From input B
to output A
–40°C to 85°C
0.5
6
0.5
5
0.5
4
0.5
4
–40°C to 125°C
0.5
6
0.5
5
0.5
5
0.5
4
tdis
Disable time
From inputOE
to output A
–40°C to 85°C
0.5
25
0.5
25
0.5
25
0.5
25
ns
–40°C to 125°C
0.5
28
0.5
28
0.5
28
0.5
28
From inputOE
to output B
–40°C to 85°C
0.5
31
0.5
28
0.5
25
0.5
23
–40°C to 125°C
0.5
34
0.5
31
0.5
28
0.5
25
ten
Enable time
From input OE
to output A
–40°C to 85°C
0.5
11
0.5
11
0.5
11
0.5
11
ns
–40°C to 125°C
0.5
12
0.5
12
0.5
12
0.5
12
From input OE
to output B
–40°C to 85°C
0.5
14
0.5
11
0.5
9
0.5
7
–40°C to 125°C
0.5
14
0.5
12
0.5
9
0.5
8


同様の部品番号 - SN74AXC8T245_1808

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AXC8T245 TI1-SN74AXC8T245_18 Datasheet
1Mb / 34P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
More results

同様の説明 - SN74AXC8T245_1808

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74LVC8T245-EP_017 TI1-SN74LVC8T245-EP_017 Datasheet
1,009Kb / 26P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC8T245 TI1-SN74AXC8T245_18 Datasheet
1Mb / 34P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74LVC8T245-EP TI1-SN74LVC8T245-EP_17 Datasheet
1,006Kb / 26P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC8T245 TI1-SN74AXC8T245 Datasheet
358Kb / 47P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC8T245-Q1 TI1-SN74AXC8T245-Q1 Datasheet
373Kb / 29P
[Old version datasheet]   Automotive 8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC1T45 TI1-SN74AXC1T45_18 Datasheet
1Mb / 70P
[Old version datasheet]   Single-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC1T45 TI1-SN74AXC1T45 Datasheet
1Mb / 65P
[Old version datasheet]   Single-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXCH8T245 TI1-SN74AXCH8T245_19 Datasheet
1Mb / 36P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation, Tri-State Outputs, and Bus-Hold Circuitry
SN54SLC8T245-SEP TI-SN54SLC8T245-SEP_V01 Datasheet
948Kb / 22P
[Old version datasheet]   SN54SLC8T245-SEP 8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
REVISED SEPTEMBER 2022
SN54SLC8T245-SEP TI-SN54SLC8T245-SEP_V02 Datasheet
948Kb / 22P
[Old version datasheet]   SN54SLC8T245-SEP 8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
REVISED SEPTEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com