データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MP01168 データシート(PDF) 1 Page - Golledge Electronics Ltd

部品番号 MP01168
部品情報  SAW Filter 201.02MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GOLLEDGE [Golledge Electronics Ltd]
ホームページ  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP01168 データシート(HTML) 1 Page - Golledge Electronics Ltd

  MP01168 Datasheet HTML 1Page - Golledge Electronics Ltd MP01168 Datasheet HTML 2Page - Golledge Electronics Ltd MP01168 Datasheet HTML 3Page - Golledge Electronics Ltd MP01168 Datasheet HTML 4Page - Golledge Electronics Ltd MP01168 Datasheet HTML 5Page - Golledge Electronics Ltd MP01168 Datasheet HTML 6Page - Golledge Electronics Ltd MP01168 Datasheet HTML 7Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 201.02MHz
Model: TB0592A
Part No: MP01168
REV NO.: 2
TB0592A v2
1
A. MAXIMUM RATING:
1. Operating Temperature: 0°C to 70°C
2. Storage Temperature: -40°C to 85°C
3. Input power Level: 10dBm
B. CHARACTERISTICS:
1. Ambient Temperature : 25°C
2. Terminating Source Impedance: Single ended 50 ohm or Balanced 200 ohm
3. Terminating Load Impedance: Single ended 50 ohm or Balanced 200 ohm
Item
Unit
Min.
Typ.
Max.
Center frequency, Fc
MHz
-
201.02
-
Insertion Loss, IL
dB
-
4.3
6.0
3 dB Bandwidth
kHz
-
358
-
Passband Ripple (Fc ±
 80kHz)
dB
-
±0.36
±1.0
Absolute group delay
μS
-
2.30
-
Group Delay Variation
(Fc ±
 80kHz)
μS
-
1.08
1.50
Attenuation:( Reference level from minimum insertion loss)
dB
Fc ±200kHz … Fc ±300kHz
dB
3.0
6.2
-
Fc±300kHz … Fc±400kHz
dB
13
26
-
Fc±400kHz … Fc±700kHz
dB
20
33
-
Fc±700kHz … Fc ±1600kHz
dB
27
40
-
Fc±1600kHz … Fc±3000kHz
dB
30
38
-
Fc±3000kHz … Fc±6000kHz
dB
33
48
-
Fc±6000kHz … Fc±35000kHz
dB
40
48
-


同様の部品番号 - MP01168

メーカー部品番号データシート部品情報
logo
Golledge Electronics Lt...
MP01169 GOLLEDGE-MP01169 Datasheet
150Kb / 6P
   SAW Filter 1790.480MHz
More results

同様の説明 - MP01168

メーカー部品番号データシート部品情報
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
   SAW Components SAW Filter
B39431B3732H110 TDK-B39431B3732H110 Datasheet
109Kb / 10P
   SAW Components SAW filter
B39321B3722U410 TDK-B39321B3722U410 Datasheet
91Kb / 8P
   SAW Components SAW filter
B39431B3935H110 TDK-B39431B3935H110 Datasheet
114Kb / 10P
   SAW Components SAW filter
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
   SAW Components SAW filter
B39272B4329P810 TDK-B39272B4329P810 Datasheet
94Kb / 8P
   SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
   SAW Components SAW filter
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com