データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

APX9150 データシート(PDF) 2 Page - Anpec Electronics Coropration

部品番号 APX9150
部品情報  Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ANPEC [Anpec Electronics Coropration]
ホームページ  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9150 データシート(HTML) 2 Page - Anpec Electronics Coropration

  APX9150 Datasheet HTML 1Page - Anpec Electronics Coropration APX9150 Datasheet HTML 2Page - Anpec Electronics Coropration APX9150 Datasheet HTML 3Page - Anpec Electronics Coropration APX9150 Datasheet HTML 4Page - Anpec Electronics Coropration APX9150 Datasheet HTML 5Page - Anpec Electronics Coropration APX9150 Datasheet HTML 6Page - Anpec Electronics Coropration APX9150 Datasheet HTML 7Page - Anpec Electronics Coropration APX9150 Datasheet HTML 8Page - Anpec Electronics Coropration APX9150 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Copy r ight
© ANPEC Electronics Corp.
Rev . A. 3 - Nov . , 2 0 1 7
APX9 1 5 0
w w w .anpec.com .t w
2
Or de r ing a n d M a rk ing I nfor m a t ion
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
APX9150
Package Code
CE : TSOT-23-6F
Operating Ambient Temperature Range
I : -40 to 105 ℃
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
APX9150 CE :
X50X
The last X is referred as Date Code
Assembly Material
Handling Code
Temperature Range
Package Code
Symbol
Param eter
Rating
Unit
V DD
VDD Pin S upply Vo ltage (VDD to GND)
-0 .3 to 7
V
V OUT
Output P in (OUT1, OUT2) O utp ut Voltage
-0 .3 to 7
V
IOUT
Output P in (OUT1, OUT2) Maximum Output Current –Continu ous
Hold
500
1000
mA
IFG/RD
FG/RD P in Output Sink Current
20
mA
FG/RD P in Output Voltage
-0 .3 to 7
V
TJ
Maximum Junction Temp erature
150
oC
TSTG
Storag e Temp erature
-65 to 15 0
oC
TSOR
Maximum Lea d Soldering Temperature , 10 Seconds
260
oC
Ab solu t e M a x im u m Ra t in gs (Note 1)
Note1: Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recom-
mended operating conditions" is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
The rm a l Ch ar a ct er ist ics
S ymbol
P arame ter
Typical Va lue
Unit
θJA
Thermal Resistance-Junction to Am bient
(N ote 2)
TSO T-23-6F
240
o C/W
PD
Power Dissipation, TA = 25°C
TSO T-23-6F
520
mW
Note 2 : The maximum allowable power dissipation at any T
A (ambient temperature) is calculated using: PD =(TJ – TA) / θJA; TJ = 150°C.
Exceeding the maximum allowable power dissipation will result in excessive die temperature.


同様の部品番号 - APX9150

メーカー部品番号データシート部品情報
logo
Anpec Electronics Corop...
APX9151 ANPEC-APX9151 Datasheet
214Kb / 16P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9151CEI-TRG ANPEC-APX9151CEI-TRG Datasheet
214Kb / 16P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9151S ANPEC-APX9151S Datasheet
221Kb / 16P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9151SCEI-TRG ANPEC-APX9151SCEI-TRG Datasheet
221Kb / 16P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9153 ANPEC-APX9153 Datasheet
238Kb / 14P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
More results

同様の説明 - APX9150

メーカー部品番号データシート部品情報
logo
Anpec Electronics Corop...
APX9166EI ANPEC-APX9166EI Datasheet
166Kb / 10P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9167A ANPEC-APX9167A Datasheet
127Kb / 10P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9168 ANPEC-APX9168 Datasheet
208Kb / 13P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9170 ANPEC-APX9170 Datasheet
209Kb / 14P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9151 ANPEC-APX9151 Datasheet
214Kb / 16P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9151S ANPEC-APX9151S Datasheet
221Kb / 16P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9153 ANPEC-APX9153 Datasheet
238Kb / 14P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
APX9154A ANPEC-APX9154A Datasheet
216Kb / 12P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
APX9170D ANPEC-APX9170D Datasheet
153Kb / 10P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
APX9153A ANPEC-APX9153A Datasheet
222Kb / 12P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com