データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

APX9167A データシート(PDF) 2 Page - Anpec Electronics Coropration

部品番号 APX9167A
部品情報  Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ANPEC [Anpec Electronics Coropration]
ホームページ  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9167A データシート(HTML) 2 Page - Anpec Electronics Coropration

  APX9167A Datasheet HTML 1Page - Anpec Electronics Coropration APX9167A Datasheet HTML 2Page - Anpec Electronics Coropration APX9167A Datasheet HTML 3Page - Anpec Electronics Coropration APX9167A Datasheet HTML 4Page - Anpec Electronics Coropration APX9167A Datasheet HTML 5Page - Anpec Electronics Coropration APX9167A Datasheet HTML 6Page - Anpec Electronics Coropration APX9167A Datasheet HTML 7Page - Anpec Electronics Coropration APX9167A Datasheet HTML 8Page - Anpec Electronics Coropration APX9167A Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Copy r ight
© ANPEC Electronics Corp.
Rev . A. 1 - Feb. , 2 0 1 5
APX9 1 6 7 A
w w w .anpec.com .t w
2
Symbol
Parameter
Rating
Unit
VDD
VDD Pin Supply Voltage (VDD to GND)
-0.3 to 20
V
VOUT
Output Pin (OUT1, OUT2) Output Voltage
-0.3 to 20
V
IOUT
Output Pin (OUT1, OUT2) Maximum Output Current – Continuous
Hold
Peak
450
1000
1200
mA
TJ
Maximum Junction Temperature
150
oC
TSTG
Storage Temperature
-65 to 150
oC
TSOR
Maximum Lead Soldering Temperature, 10 Seconds
260
oC
Ab solu t e M a x im u m Ra t in g s (T
A= 2 5 ° C u n l ess ot h er w i se n ot ed ) ( Not e 1 )
The rm a l Ch ar a ct er ist ics
Symbol
Parame ter
Typical Value
Unit
R
TH
,JA
Thermal Resistance-Junction to Ambient (Note 2)
TO-92M4
131
oC/W
P
D
Pow er Dissipation, T
A = 25°C
TO-92M4
950
mW
Note 3 : The maximum allowable power dissipation at any T
A (ambient temperature) is calculated using: PD (max) =(TJ – TA) / θJA; TJ =
150° C. Exceeding the maximum allowable power dissipation will result in excessive die temperature.
Note1: Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recom-
mended operating conditions" is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
Symbol
Parameter
Range
Unit
VDD
VDD Supply Voltage
2.5 to 17
V
TA
Operating Ambient Temperature
-40 to 105
oC
TJ
Junction Temperature
-40 to 125
oC
Re com m e n de d Ope ra t in g Con dit ion s
Ele ct r ica l Ch ar a ct e r ist ics (T
A=25°C, VDD=12V unless otherwise noted)
APX9167A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IDD
VDD Supply Current
VDD=17V, no load
5.5
6.5
mA
VO
Output Driver Saturation Voltage
IOUT=400mA, Upper and Lower
total
-
0.65
0.8
V
VTH1
High Side VDD Threshold Voltage
VDD falling
7
7.5
8
V
Vhys
VTH1 Hysteresis
-
-
0.5
V


同様の部品番号 - APX9167A

メーカー部品番号データシート部品情報
logo
Anpec Electronics Corop...
APX9166EI ANPEC-APX9166EI Datasheet
166Kb / 10P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9166EI-PBG ANPEC-APX9166EI-PBG Datasheet
166Kb / 10P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9168 ANPEC-APX9168 Datasheet
208Kb / 13P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9168EI-PBG ANPEC-APX9168EI-PBG Datasheet
208Kb / 13P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
More results

同様の説明 - APX9167A

メーカー部品番号データシート部品情報
logo
Anpec Electronics Corop...
APX9166EI ANPEC-APX9166EI Datasheet
166Kb / 10P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9150 ANPEC-APX9150 Datasheet
214Kb / 16P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9168 ANPEC-APX9168 Datasheet
208Kb / 13P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9170 ANPEC-APX9170 Datasheet
209Kb / 14P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9151 ANPEC-APX9151 Datasheet
214Kb / 16P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9151S ANPEC-APX9151S Datasheet
221Kb / 16P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9153 ANPEC-APX9153 Datasheet
238Kb / 14P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
APX9154A ANPEC-APX9154A Datasheet
216Kb / 12P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
APX9170D ANPEC-APX9170D Datasheet
153Kb / 10P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
APX9153A ANPEC-APX9153A Datasheet
222Kb / 12P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com