データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NB3L202K データシート(PDF) 3 Page - ON Semiconductor

部品番号 NB3L202K
部品情報  Differential 1:2 HCSL Fanout Buffer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3L202K データシート(HTML) 3 Page - ON Semiconductor

  NB3L202K_18 Datasheet HTML 1Page - ON Semiconductor NB3L202K_18 Datasheet HTML 2Page - ON Semiconductor NB3L202K_18 Datasheet HTML 3Page - ON Semiconductor NB3L202K_18 Datasheet HTML 4Page - ON Semiconductor NB3L202K_18 Datasheet HTML 5Page - ON Semiconductor NB3L202K_18 Datasheet HTML 6Page - ON Semiconductor NB3L202K_18 Datasheet HTML 7Page - ON Semiconductor NB3L202K_18 Datasheet HTML 8Page - ON Semiconductor NB3L202K_18 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
NB3L202K
www.onsemi.com
3
Table 1. PIN DESCRIPTION
Pin Number
Pin Name
I/O
Description
1
GND
Power
Ground
2
CLK_IN
I, DIF
Differential True input
3
CLK_IN#
I, DIF
Differential Complementary input
4
VDD
Power
Core power supply
5
GND_O
Power
Ground for outputs
6
DIF_1#
O, DIF
0.7 V Differential Complementary Output
7
DIF_1
O, DIF
0.7 V Differential True Output
8
VDD_O
Power
Power supply for outputs
9
GND
Power
Ground
10
IREF
I
A precision resistor is attached to this pin to set the differential output current.
Use RREF = 475 W, 1% for 100 W trace, with 50 W termination.
Use RREF = 412 W, 1% for 85 W trace, with 43 W termination.
11
OE0#
I
, SE
LVTTL / LVCMOS active low input for enabling output DIF_0/0#. 0 enables outputs,
1 disables outputs. Internal pull down.
12
OE1#
I
, SE
LVTTL / LVCMOS active low input for enabling output DIF_1/1#. 0 enables outputs,
1 disables outputs. Internal pull down.
13
VDD_O
Power
Power supply for outputs
14
DIF_0
O, DIF
0.7 V Differential True Output
15
DIF_0#
O, DIF
0.7 V Differential Complementary Output
16
GND_O
Power
Ground for outputs
EP
Exposed
Pad
Thermal
The Exposed Pad (EP) on the QFN16 package bottom is thermally connected to the die
for improved heat transfer out of package. The exposed pad must be attached to a
heat−sinking conduit. The pad is electrically connected to the die, and must be electri-
cally and thermally connected to GND on the PC board.


同様の部品番号 - NB3L202K_18

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NB3L202KMNG ONSEMI-NB3L202KMNG Datasheet
143Kb / 14P
   Differential 1:2 HCSL Fanout Buffer
April, 2016 ??Rev. 0
NB3L202KMNTXG ONSEMI-NB3L202KMNTXG Datasheet
143Kb / 14P
   Differential 1:2 HCSL Fanout Buffer
April, 2016 ??Rev. 0
More results

同様の説明 - NB3L202K_18

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NB3L202K ONSEMI-NB3L202K Datasheet
143Kb / 14P
   Differential 1:2 HCSL Fanout Buffer
April, 2016 ??Rev. 0
NB3L204K ONSEMI-NB3L204K_17 Datasheet
406Kb / 14P
   Differential 1:4 HCSL Fanout Buffer
October, 2017 ??Rev. 1
NB3L204K ONSEMI-NB3L204K Datasheet
319Kb / 14P
   Differential 1:4 HCSL Fanout Buffer
April, 2016 ??Rev. 0
NB3L208K ONSEMI-NB3L208K_17 Datasheet
205Kb / 13P
   Differential 1:8 HCSL Fanout Buffer
October, 2017 ??Rev. 3
logo
Integrated Device Techn...
851010 IDT-851010 Datasheet
298Kb / 16P
   1-to-10, Differential HCSL Fanout Buffer
logo
Renesas Technology Corp
851010 RENESAS-851010 Datasheet
303Kb / 16P
   1-to-10, Differential HCSL Fanout Buffer
December 3, 2015
851021 RENESAS-851021 Datasheet
597Kb / 19P
   1-to-21, Differential HCSL Fanout Buffer
11/03/15
8V31012 RENESAS-8V31012 Datasheet
747Kb / 18P
   1-to-12, Differential HCSL Fanout Buffer
10/21/15
logo
Integrated Device Techn...
8V31012 IDT-8V31012 Datasheet
455Kb / 17P
   1-to-12, Differential HCSL Fanout Buffer
ICS851010I IDT-ICS851010I Datasheet
756Kb / 17P
   1-to-10, Differential HCSL Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com