データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NB3W1900L データシート(PDF) 18 Page - ON Semiconductor

部品番号 NB3W1900L
部品情報  Differential 1:19 HCSL-Compatible Push?륯ull Clock ZDB/Fanout Buffer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3W1900L データシート(HTML) 18 Page - ON Semiconductor

Back Button NB3W1900L_18 Datasheet HTML 12Page - ON Semiconductor NB3W1900L_18 Datasheet HTML 13Page - ON Semiconductor NB3W1900L_18 Datasheet HTML 14Page - ON Semiconductor NB3W1900L_18 Datasheet HTML 15Page - ON Semiconductor NB3W1900L_18 Datasheet HTML 16Page - ON Semiconductor NB3W1900L_18 Datasheet HTML 17Page - ON Semiconductor NB3W1900L_18 Datasheet HTML 18Page - ON Semiconductor NB3W1900L_18 Datasheet HTML 19Page - ON Semiconductor NB3W1900L_18 Datasheet HTML 20Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
NB3W1900L
www.onsemi.com
18
LP−HCSL
Differential Output
L1
L1’
L2
Rs
L2’
Rs
L4
L4’
PCI Express
Down Device
REF_CLK Input
Figure 6. Down Device Routing
LP−HCSL
Differential Output
L1
L1’
L2
Rs
L2’
Rs
L4
L4’
PCI Express
Add−in Board
REF_CLK Input
Figure 7. PCI Express Connector Routing
Table 33. CABLE CONNECTED AC COUPLED APPLICATION (Figure 8)
Component
Value
Note
R5a, R5b
8.2k 5%
R6a, R6b
1k 5%
Cc
0.1
mF
Vcm
0.350 V
3.3 Volts
Cc
L4
L4’
Cc
R5a
R5b
R6a
R6b
Figure 8.


同様の部品番号 - NB3W1900L_18

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NB3W1900L ONSEMI-NB3W1900L_16 Datasheet
181Kb / 20P
   3.3 V 100/133 MHz Differential 1:19 HCSL-Compatible Push?륯ull Clock ZDB/Fanout Buffer
July, 2016 ??Rev. 1
More results

同様の説明 - NB3W1900L_18

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NB3W1900L ONSEMI-NB3W1900L_16 Datasheet
181Kb / 20P
   3.3 V 100/133 MHz Differential 1:19 HCSL-Compatible Push?륯ull Clock ZDB/Fanout Buffer
July, 2016 ??Rev. 1
NB3N1900K ONSEMI-NB3N1900K Datasheet
198Kb / 20P
   Differential 1:19 HCSL Clock ZDB/Fanout Buffer
January, 2015 ??Rev. 3
NB3N1900K ONSEMI-NB3N1900K_16 Datasheet
211Kb / 21P
   Differential 1:19 HCSL Clock ZDB/Fanout Buffer for PCIe
July, 2016 ??Rev. 4
NB3W800L ONSEMI-NB3W800L Datasheet
143Kb / 16P
   Differential 1:8 HCSL Compatible Push-Pull Clock ZDB/Fanout Buffer for PCIe
August, 2015 ??Rev. 1
NB3N1200K ONSEMI-NB3N1200K_17 Datasheet
181Kb / 26P
   Differential 1:12 HCSL Push-Pull Clock ZDB/Fanout Buffer for PCle
July, 2017 ??Rev. 3
NB3N1200K ONSEMI-NB3N1200K Datasheet
230Kb / 26P
   Differential 1:12 HCSL or Push-Pull Clock ZDB/Fanout Buffer for PCle
August, 2013 ??Rev. 0
NB3N1200K ONSEMI-NB3N1200K_16 Datasheet
180Kb / 26P
   Differential 1:12 HCSL or Push-Pull Clock ZDB/Fanout Buffer for PCle
July, 2016 ??Rev. 1
NB3W1900L ONSEMI-NB3W1900L Datasheet
168Kb / 18P
   3.3 V 100/133 MHz Differential 1:19 HCSL-Compatible Push?륯ull
October, 2014 ??Rev. 0
NB3L204K ONSEMI-NB3L204K_17 Datasheet
406Kb / 14P
   Differential 1:4 HCSL Fanout Buffer
October, 2017 ??Rev. 1
NB3L202K ONSEMI-NB3L202K_18 Datasheet
143Kb / 14P
   Differential 1:2 HCSL Fanout Buffer
January, 2018 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com