データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI5401DC-T1-E3 データシート(PDF) 2 Page - Vishay Siliconix

部品番号 SI5401DC-T1-E3
部品情報  P-Channel 20-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5401DC-T1-E3 データシート(HTML) 2 Page - Vishay Siliconix

  SI5401DC-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI5401DC-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI5401DC-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI5401DC-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI5401DC-T1-E3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Si5401DC
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 73225
S-50038—Rev. A, 17-Jan-05
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = −250 mA
−0.40
−1.0
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "8 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = −20 V, VGS = 0 V
−1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = −20 V, VGS = 0 V, TJ = 85_C
−5
mA
On-State Drain Currenta
ID(on)
VDS p−5 V, VGS = −4.5 V
−20
A
VGS = −4.5 V, ID = −5.2 A
0.026
0.032
Drain-Source On-State Resistancea
rDS(on)
VGS = −2.5 V, ID = −4.6 A
0.033
0.040
W
Drain Source On State Resistance
rDS(on)
VGS = −1.8 V, ID = −1.9 A
0.044
0.053
W
Forward Transconductancea
gfs
VDS = −10 V, ID = −5.2 A
20
S
Diode Forward Voltagea
VSD
IS = −1.1 A, VGS = 0 V
−0.8
−1.2
V
Dynamicb
Total Gate Charge
Qg
16.5
25
Gate-Source Charge
Qgs
VDS = −10 V, VGS = −4.5 V, ID = −5.2 A
1.7
nC
Gate-Drain Charge
Qgd
3.5
Gate Resistance
Rg
f = 1 MHz
9
W
Turn-On Delay Time
td(on)
10
15
Rise Time
tr
VDD = −10 V, RL = 10 W
25
40
Turn-Off Delay Time
td(off)
VDD = −10 V, RL = 10 W
ID ^ −1 A, VGEN = −4.5 V, Rg = 6 W
115
175
ns
Fall Time
tf
g
70
105
ns
Source-Drain Reverse Recovery Time
trr
IF = 1 1 A di/dt = 100 A/ms
30
60
Reverse Recovery Charge
Qrr
IF = −1.1 A, di/dt = 100 A/ms
140
nC
Notes
a.
Pulse test; pulse width v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
4
8
12
16
20
0.00 0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00 2.25
0
4
8
12
16
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VGS = 5 thru 2 V
TC = −55_C
125_C
25_C
Output Characteristics
Transfer Characteristics
VDS − Drain-to-Source Voltage (V)
VGS − Gate-to-Source Voltage (V)
1.5 V
1 V


同様の部品番号 - SI5401DC-T1-E3

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI540 SILABS-SI540 Datasheet
879Kb / 16P
   Very low jitter: 125 fs Typ RMS
logo
Skyworks Solutions Inc.
SI540 SKYWORKS-SI540 Datasheet
1Mb / 20P
   Ultra Low Jitter Any-Frequency XO (125 fs), 0.2 to 1500 MHz
Revision 206609A May, 2023
logo
Vishay Siliconix
SI5402BDC VISHAY-SI5402BDC Datasheet
91Kb / 1P
   Specification Comparison Si5402BDC vs. Si5402DC
10-May-05
SI5402BDC VISHAY-SI5402BDC Datasheet
89Kb / 6P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 09-Jun-04
SI5402BDC VISHAY-SI5402BDC Datasheet
227Kb / 10P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 29-Dec-08
More results

同様の説明 - SI5401DC-T1-E3

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com