データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

U2796B データシート(PDF) 6 Page - TEMIC Semiconductors

部品番号 U2796B
部品情報  2-GHz Single Balanced Mixer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEMIC [TEMIC Semiconductors]
ホームページ  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U2796B データシート(HTML) 6 Page - TEMIC Semiconductors

Back Button U2796B Datasheet HTML 2Page - TEMIC Semiconductors U2796B Datasheet HTML 3Page - TEMIC Semiconductors U2796B Datasheet HTML 4Page - TEMIC Semiconductors U2796B Datasheet HTML 5Page - TEMIC Semiconductors U2796B Datasheet HTML 6Page - TEMIC Semiconductors U2796B Datasheet HTML 7Page - TEMIC Semiconductors U2796B Datasheet HTML 8Page - TEMIC Semiconductors U2796B Datasheet HTML 9Page - TEMIC Semiconductors U2796B Datasheet HTML 10Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
U2796B
Rev. A2, 15-Oct-98
Preliminary Information
6 (11)
87
6
5
12
3
4
C 2
3
C
1
C
LO
generator
R = 50
W
i
10 dB
– 10 dBm
LO
10 dB
U2796B
i
Spectrum
analyzer
R = 50
W
RF
S
V
4
C
93 7761 e
i
i
IFO
IFO
Figure 7. Test circuit-isolation LO to RF
87
6
5
12
3
4
C 2
3
C
IP3
R
1
C 4
1
C
LO
generator
R = 50
W
i
10 dB
LO
10 dB
S
V
U2796B
RF
–15 to –5 dBm
–26 dBm
10 dB
NWA, E
R = 50
W
i
Power splitter
i
NWA, S
R = 50
W
93 7762 e
mH
i
i
IFO
IFO
Figure 8. Test circuit-isolation RF to LO


同様の部品番号 - U2796B

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
U2796B ETC1-U2796B Datasheet
188Kb / 1P
   TELEFUNK ELECTRONIC CREATIVE TECHNOLOGIEN U2200B-FP
logo
ATMEL Corporation
U2796B ATMEL-U2796B Datasheet
98Kb / 10P
   2-GHz Single-Balanced Mixer
More results

同様の説明 - U2796B

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
U2796B ATMEL-U2796B Datasheet
98Kb / 10P
   2-GHz Single-Balanced Mixer
logo
HBH Microwave GmbH
HX5005 HBH-HX5005 Datasheet
39Kb / 2P
   2 - 7 GHz GaAs Double Balanced Mixer
logo
Hittite Microwave Corpo...
HMC115 HITTITE-HMC115 Datasheet
95Kb / 1P
   GaAs DOUBLE-BALANCED 2 TO 6 GHz MIXER
HMC411MS8G HITTITE-HMC411MS8G Datasheet
210Kb / 6P
   GaAs MMIC SINGLE-BALANCED MIXER, 10.0 - 15.0 GHz
HMC411MS8G HITTITE-HMC411MS8G_08 Datasheet
184Kb / 6P
   GaAs MMIC SINGLE-BALANCED MIXER, 10 - 15 GHz
logo
ATMEL Corporation
U2795B ATMEL-U2795B Datasheet
457Kb / 14P
   2.5-GHz Double balanced Mixer
logo
TEMIC Semiconductors
U2795B TEMIC-U2795B Datasheet
350Kb / 13P
   2.5-GHz Double Balanced Mixer
logo
Hittite Microwave Corpo...
HMC272MS8 HITTITE-HMC272MS8 Datasheet
229Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3 GHz
HMC277MS8 HITTITE-HMC277MS8_08 Datasheet
192Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 0.7 - 1.2 GHz
HMC285 HITTITE-HMC285_07 Datasheet
186Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.5 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com