データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1025465 データシート(PDF) 3 Page - PHOENIX CONTACT

部品番号 1025465
部品情報  Can be labeled on every level
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHOENIX [PHOENIX CONTACT]
ホームページ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1025465 データシート(HTML) 3 Page - PHOENIX CONTACT

  1025465 Datasheet HTML 1Page - PHOENIX CONTACT 1025465 Datasheet HTML 2Page - PHOENIX CONTACT 1025465 Datasheet HTML 3Page - PHOENIX CONTACT 1025465 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
https://www.phoenixcontact.com/pi/products/1025465
09/06/2018   Page 3 / 4
Multi-level terminal block - ST 2,5-3PV BU - 1025465
Approvals
Approvals
Approvals
EAC / CSA / UL Recognized / cUL Recognized / cULus Recognized
Ex Approvals
Approval details
EAC 
 
 RU C-
DE.A*30.B.01742
CSA 
 http://www.csagroup.org/services-industries/product-listing/
 13631
 
B
C
Nominal voltage UN
300 V
300 V
Nominal current IN
20 A
20 A
mm²/AWG/kcmil
28-12
28-12
UL Recognized 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm  FILEE60425
 
D
B
C
Nominal voltage UN
600 V
300 V
300 V
Nominal current IN
5 A
20 A
20 A
mm²/AWG/kcmil
28-12
28-12
28-12
cUL Recognized 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm  FILEE60425
 
D
B
C
Nominal voltage UN
600 V
300 V
300 V
Nominal current IN
5 A
20 A
20 A
mm²/AWG/kcmil
28-12
28-12
28-12
cULus Recognized 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm
 


同様の部品番号 - 1025465

メーカー部品番号データシート部品情報
logo
SICK AG
1025461 SICK-1025461 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
More results

同様の説明 - 1025465

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
UC-WMCO PHOENIX-UC-WMCO Datasheet
55Kb / 2P
   Alignment tool for cable markers, orange, unlabeled, can be labeled
0803868 PHOENIX-0803868 Datasheet
53Kb / 2P
   Label, for marking fire detection systems, Card, blue/white, unlabeled, can be labeled
0803869 PHOENIX-0803869 Datasheet
52Kb / 2P
   Label, for marking fire detection systems, Card, red/white, unlabeled, can be labeled
0830048 PHOENIX-0830048 Datasheet
51Kb / 3P
   All US-EMP ... device markers can also be supplied labeled according to customer requirements
logo
Taoglas antenna solutio...
FXR.06.A.DG TAOGLAS-FXR.06.A.DG Datasheet
2Mb / 10P
   Can be placed directly on metal surfaces
FXR.07.A.DG TAOGLAS-FXR.07.A.DG Datasheet
6Mb / 10P
   Can be placed directly on metal surfaces
logo
National Semiconductor ...
MM54HCT190 NSC-MM54HCT190 Datasheet
170Kb / 8P
   Level changes on Enable or Down/Up can be made regardless of the level of the clock
logo
Taoglas antenna solutio...
LA.02 TAOGLAS-LA.02 Datasheet
1Mb / 20P
   Components can be mounted on opposite side of
logo
PHOENIX CONTACT
2322472 PHOENIX-2322472 Datasheet
58Kb / 3P
   Can be screwed on with the I/O module
2322469 PHOENIX-2322469 Datasheet
74Kb / 4P
   Can be screwed on with the I/O module
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com