データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1025465 データシート(PDF) 2 Page - PHOENIX CONTACT

部品番号 1025465
部品情報  Can be labeled on every level
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHOENIX [PHOENIX CONTACT]
ホームページ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1025465 データシート(HTML) 2 Page - PHOENIX CONTACT

  1025465 Datasheet HTML 1Page - PHOENIX CONTACT 1025465 Datasheet HTML 2Page - PHOENIX CONTACT 1025465 Datasheet HTML 3Page - PHOENIX CONTACT 1025465 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.phoenixcontact.com/pi/products/1025465
09/06/2018   Page 2 / 4
Multi-level terminal block - ST 2,5-3PV BU - 1025465
Technical data
General
Nominal voltage UN
500 V
Open side panel
Yes
Dimensions
Width
5.2 mm
End cover width
2.2 mm
Length
99.5 mm
Height NS 35/7,5
58 mm
Height NS 35/15
65.5 mm
Connection data
Connection method
Spring-cage connection
Connection in acc. with standard
IEC 60947-7-1
Conductor cross section solid min.
0.08 mm²
Conductor cross section solid max.
4 mm²
Conductor cross section AWG min.
28
Conductor cross section AWG max.
12
Conductor cross section flexible min.
0.08 mm²
Conductor cross section flexible max.
2.5 mm²
Min. AWG conductor cross section, flexible
28
Max. AWG conductor cross section, flexible
14
Conductor cross section flexible, with ferrule without plastic sleeve min. 0.14 mm²
Conductor cross section flexible, with ferrule without plastic sleeve max. 2.5 mm²
Conductor cross section flexible, with ferrule with plastic sleeve min.
0.14 mm²
Conductor cross section flexible, with ferrule with plastic sleeve max.
2.5 mm²
2 conductors with same cross section, stranded, TWIN ferrules with
plastic sleeve, max.
0.5 mm²
Stripping length
8 mm ... 10 mm
Internal cylindrical gage
A3
Standards and Regulations
Connection in acc. with standard
IEC 60947-7-1
Flammability rating according to UL 94
V0
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e
No hazardous substances above threshold values
Drawings
Circuit diagram


同様の部品番号 - 1025465

メーカー部品番号データシート部品情報
logo
SICK AG
1025461 SICK-1025461 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
More results

同様の説明 - 1025465

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
UC-WMCO PHOENIX-UC-WMCO Datasheet
55Kb / 2P
   Alignment tool for cable markers, orange, unlabeled, can be labeled
0803868 PHOENIX-0803868 Datasheet
53Kb / 2P
   Label, for marking fire detection systems, Card, blue/white, unlabeled, can be labeled
0803869 PHOENIX-0803869 Datasheet
52Kb / 2P
   Label, for marking fire detection systems, Card, red/white, unlabeled, can be labeled
0830048 PHOENIX-0830048 Datasheet
51Kb / 3P
   All US-EMP ... device markers can also be supplied labeled according to customer requirements
logo
Taoglas antenna solutio...
FXR.06.A.DG TAOGLAS-FXR.06.A.DG Datasheet
2Mb / 10P
   Can be placed directly on metal surfaces
FXR.07.A.DG TAOGLAS-FXR.07.A.DG Datasheet
6Mb / 10P
   Can be placed directly on metal surfaces
logo
National Semiconductor ...
MM54HCT190 NSC-MM54HCT190 Datasheet
170Kb / 8P
   Level changes on Enable or Down/Up can be made regardless of the level of the clock
logo
Taoglas antenna solutio...
LA.02 TAOGLAS-LA.02 Datasheet
1Mb / 20P
   Components can be mounted on opposite side of
logo
PHOENIX CONTACT
2322472 PHOENIX-2322472 Datasheet
58Kb / 3P
   Can be screwed on with the I/O module
2322469 PHOENIX-2322469 Datasheet
74Kb / 4P
   Can be screwed on with the I/O module
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com