データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM89516 データシート(PDF) 9 Page - SyncMOS Technologies,Inc

部品番号 SM89516
部品情報  8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SYNCMOS [SyncMOS Technologies,Inc]
ホームページ  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM89516 データシート(HTML) 9 Page - SyncMOS Technologies,Inc

Back Button SM89516 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM89516 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM89516 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM89516 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM89516 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM89516 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM89516 Datasheet HTML 11Page - SyncMOS Technologies,Inc SM89516 Datasheet HTML 12Page - SyncMOS Technologies,Inc SM89516 Datasheet HTML 13Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
May 2001
Specifications subject to change without notice,contact your sales representatives for the most recent information.
9/19
Ver 1.3
PID 89516 05/01
SyncMOS Technologies Inc.
SM89516
Operating Conditions
Symbol
Description
Min.
Typ.
Max.
Unit.
Remarks
TA
Operating temperature
0
25
70
oC
Ambient temperature under bias
TS
Storage temperature
-55
25
155
oC
VCC5
Supply voltage
4.5
5.0
5.5
V
For C Version
VCC3
Supply voltage
3
3.3
3.6
V
For L Version
Fosc 16
Oscillator Frequency
3.0
16
16
MHz For 5V, 3.3V application
Fosc 25
Oscillator Frequency
3.0
25
25
MHz For 5V, 3.3V application
Symbol
Parameter
Valid
VIL1
Input Low Voltage
port 0,1,2,3,4,#EA
VIL2
Input Low Voltage
RES, XTAL1
VIH1
Input High Voltage
port 0,1,2,3,4,#EA
VIH2
Input High Voltage
RES, XTAL1
VOL1
Output Low Voltage
port 0, ALE, #PSEN
VOL2
Output Low Voltage
port 1,2,3,4
VOH1
Output High Voltage
port 0
VOH2
Output High Voltage
port 1,2,3,4,ALE,#PSEN
IIL
Logical 0 Input Current
port 1,2,3,4
ITL
Logical Transition Current
port 1,2,3,4
ILI
Input Leakage Current
port 0, #EA
R RES
Reset Pulldown Resistance
RES
C IO
Pin Capacitance
I CC
Power Supply Current
Vdd
DC Characteristics
(12MHz, typical operating conditions, valid for SM89516 series)
+
Min.
Max.
Unit
Test Conditions
-0.5
0
2.0
70%Vcc
2.4
90%Vcc
50
2.4
90%Vcc
0.8
0.8
Vcc+0.5
Vcc+0.5
0.45
0.45
-75
-650
10
300
10
20
6.5
50
V
V
V
V
V
V
V
V
V
V
uA
uA
uA
Kohm
pF
mA
mA
uA
IOL=3.2mA
IOL=1.6mA
IOH=-800uA (only for VCC=5V)
IOH=-80uA
IOH=-60uA (only for VCC=5V)
IOH=-10uA
Vin=0.45V
Vin=2.0V
0.45V<Vin<Vcc
Freq=1MHz, Ta=25 C
Active mode, 16MHz
Idle mode, 16MHz
Power down mode


同様の部品番号 - SM89516

メーカー部品番号データシート部品情報
logo
SyncMOS Technologies,In...
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM89516AC25 SYNCMOS-SM89516AC25 Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM89516AC25 SYNCMOS-SM89516AC25 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
More results

同様の説明 - SM89516

メーカー部品番号データシート部品情報
logo
SyncMOS Technologies,In...
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
SM5964A SYNCMOS-SM5964A Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
SM59264 SYNCMOS-SM59264 Datasheet
579Kb / 32P
   8 - Bit Micro-controller with 128KB flash & 1KB RAM embedded
SM8958A SYNCMOS-SM8958A Datasheet
509Kb / 25P
   8 - Bit Micro-controller with 32KB flash & 1KB RAM embedded
SM79164 SYNCMOS-SM79164 Datasheet
453Kb / 25P
   8 - Bit Micro-controller with 64KB flash & 4KB RAM embedded
SM8954A SYNCMOS-SM8954A Datasheet
875Kb / 23P
   8-Bits Micro-controller With 16KB flash & 1KB RAM embedded
SM8958A SYNCMOS-SM8958A_06 Datasheet
887Kb / 23P
   8-Bits Micro-controller With 32KB flash & 1KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com