データシートサーチシステム |
|
SM5024AL3H データシート(PDF) 5 Page - Nippon Precision Circuits Inc |
|
SM5024AL3H データシート(HTML) 5 Page - Nippon Precision Circuits Inc |
5 / 9 page SM5024 series NIPPON PRECISION CIRCUITS INC.—5 Electrical Characteristics 3V operation VSS = 0V, recommended operating conditions unless otherwise noted. 5V operation VSS = 0V, recommended operating conditions unless otherwise noted. Parameter Symbol Condition Rating Unit min typ max HIGH-level output voltage VOH Q: Measurement cct 1, VDD = 2.7V, IOH = 8mA 2.1 2.4 – V LOW-level output voltage VOL Q: Measurement cct 2, VDD = 2.7V, IOL = 8mA – 0.3 0.5 V HIGH-level input voltage VIH INHN 2.0 – – V LOW-level input voltage VIL INHN – – 0.5 V Output leakage current IZ Q: Measurement cct 2, INHN = LOW, VDD = 3.6V VOH = VDD – – 10 µA VOL = VSS – – 10 µA Current consumption IDD1 Measurement cct 3, load cct 1, INHN = open, CL = 15pF, f = 30MHz SM5024AL1H – 4 8 mA SM5024AL2H – 2.5 5 mA SM5024AL3H – 2 4 mA SM5024AL4H – 1.5 3 mA INHN pull-up resistance RUP Measurement cct 4 25 100 250 k Ω Feedback resistance Rf Measurement cct 5 200 600 1000 k Ω Built-in capacitance CG Design value. A monitor pattern on a wafer is tested. 7.44 8 8.56 pF CD 9.3 10 10.7 pF Parameter Symbol Condition Rating Unit min typ max HIGH-level output voltage VOH Q: Measurement cct 1, VDD = 4.5V, IOH = 16mA 3.9 4.2 – V LOW-level output voltage VOL Q: Measurement cct 2, VDD = 4.5V, IOL = 16mA – 0.3 0.5 V HIGH-level input voltage VIH INHN 2.0 – – V LOW-level input voltage VIL INHN – – 0.8 V Output leakage current IZ Q: Measurement cct 2, INHN = LOW, VDD = 5.5V VOH = VDD – – 10 µA VOL = VSS – – 10 µA Current consumption IDD2 Measurement cct 3, load cct 1, INHN = open, CL = 50pF, f = 30MHz SM5024AL1H – 13 26 mA SM5024AL2H – 7 14 mA SM5024AL3H – 4 8 mA SM5024AL4H – 3 6 mA INHN pull-up resistance RUP Measurement cct 4 25 100 250 k Ω Feedback resistance Rf Measurement cct 5 200 600 1000 k Ω Built-in capacitance CG Design value. A monitor pattern on a wafer is tested. 7.44 8 8.56 pF CD 9.3 10 10.7 pF |
同様の部品番号 - SM5024AL3H |
|
同様の説明 - SM5024AL3H |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |