データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM89516P データシート(PDF) 1 Page - SyncMOS Technologies,Inc

部品番号 SM89516P
部品情報  8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SYNCMOS [SyncMOS Technologies,Inc]
ホームページ  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM89516P データシート(HTML) 1 Page - SyncMOS Technologies,Inc

  SM89516P Datasheet HTML 1Page - SyncMOS Technologies,Inc SM89516P Datasheet HTML 2Page - SyncMOS Technologies,Inc SM89516P Datasheet HTML 3Page - SyncMOS Technologies,Inc SM89516P Datasheet HTML 4Page - SyncMOS Technologies,Inc SM89516P Datasheet HTML 5Page - SyncMOS Technologies,Inc SM89516P Datasheet HTML 6Page - SyncMOS Technologies,Inc SM89516P Datasheet HTML 7Page - SyncMOS Technologies,Inc SM89516P Datasheet HTML 8Page - SyncMOS Technologies,Inc SM89516P Datasheet HTML 9Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
May 2001
Specifications subject to change without notice,contact your sales representatives for the most recent information.
1/19
Ver 1.3
PID 89516 05/01
SyncMOS Technologies Inc.
SM89516
Product List
SM89516L25, 25 MHz 64KB internal memory MCU
SM89516C25, 25 MHz 64KB internal memory MCU
Description
The SM89516 series product is an 8 - bit single chip
micro controller with 64KB flash & 1KB RAM embed-
ded. It is a derivative of the 8052 micro controller family.
With its hardware features and powerful instruction set,
it’s straight forward to make it a versatile and cost effec-
tive controller for those applications which demand up
to 32 I/O pins for PDIP package or up to 36 I/O pins for
PLCC/QFP package, or applications which need up to
64KB memory either for program or for data or mixed.
To program the on-chip flash memory, a commercial
writer is available to do it in parallel programming
method.
Ordering Information
yywwv
SM89516ihhk
yy: year, ww:week
v: version identifier {, A, B,...}
i: process identifier {L=3.0V ~ 3.6V, C=4.5V ~ 5.5V}
hh: working clock in MHz {25}
k: package type postfix {as below table}
Postfix
Package
Pin/Pad
Configuration
Dimension
P
40L PDIP
page 2
page 16
J
44L PLCC
page 2
page 17
Q
44L QFP
page 2
page 18
with 64KB flash & 1KB RAM embedded
Features
Working voltage: 3.0V ~ 3.6V For L Version
4.5V ~ 5.5V For C Version
General 8052 family compatible
12 clocks per machine cycle
64 KB internal flash memory
1024 bytes data RAM
Three 16 bit timers/counters
Four 8-bit I/O ports for PDIP package
Four 8-bit I/O ports + one 4-bit I/O ports
for PLCC or QFP package
Full duplex serial channel
Bit operation instruction
Page free jumps
8-bit unsigned division
8-bit unsigned multiply
BCD arithmetic operations
Direct addressing
Indirect addressing
Nested interrupts
Two priority level interrupts
A serial I/O port
Power save modes:
Idle mode and power down mode
Code protection function
One watch dog timer (WDT)
Low EMI (inhibit ALE)
8 - Bit Micro-controller
Taiwan
4F, No. 1 Creation Road 1,
Science-based Industrial Park,
Hsinchu, Taiwan 30077
TEL: 886-3-578-3344
FAX: 886-3-579-2960
886-3-578-0493


同様の部品番号 - SM89516P

メーカー部品番号データシート部品情報
logo
SyncMOS Technologies,In...
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM89516AC25 SYNCMOS-SM89516AC25 Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM89516AC25 SYNCMOS-SM89516AC25 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
More results

同様の説明 - SM89516P

メーカー部品番号データシート部品情報
logo
SyncMOS Technologies,In...
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
SM5964A SYNCMOS-SM5964A Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
SM59264 SYNCMOS-SM59264 Datasheet
579Kb / 32P
   8 - Bit Micro-controller with 128KB flash & 1KB RAM embedded
SM8958A SYNCMOS-SM8958A Datasheet
509Kb / 25P
   8 - Bit Micro-controller with 32KB flash & 1KB RAM embedded
SM79164 SYNCMOS-SM79164 Datasheet
453Kb / 25P
   8 - Bit Micro-controller with 64KB flash & 4KB RAM embedded
SM8954A SYNCMOS-SM8954A Datasheet
875Kb / 23P
   8-Bits Micro-controller With 16KB flash & 1KB RAM embedded
SM8958A SYNCMOS-SM8958A_06 Datasheet
887Kb / 23P
   8-Bits Micro-controller With 32KB flash & 1KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com