データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8187 データシート(PDF) 2 Page - Analog Devices

部品番号 AD8187
部品情報  480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8187 データシート(HTML) 2 Page - Analog Devices

  AD8187 Datasheet HTML 1Page - Analog Devices AD8187 Datasheet HTML 2Page - Analog Devices AD8187 Datasheet HTML 3Page - Analog Devices AD8187 Datasheet HTML 4Page - Analog Devices AD8187 Datasheet HTML 5Page - Analog Devices AD8187 Datasheet HTML 6Page - Analog Devices AD8187 Datasheet HTML 7Page - Analog Devices AD8187 Datasheet HTML 8Page - Analog Devices AD8187 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
REV. A
–2–
AD8186/AD8187–SPECIFICATIONS
(TA = 25 C; AD8186: VS = 5 V, RL = 1 k
to 2.5 V; AD8187: VS = 5 V,
VREF = 2.5 V, RL = 150
to 2.5 V; unless otherwise noted.)
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
–3 dB Bandwidth (Small Signal)
VOUT = 200 mV p-p
1000/1000
MHz
–3 dB Bandwidth (Large Signal)
VOUT = 2 V p-p
450/480
MHz
0.1 dB Flatness
VOUT = 200 mV p-p
90/85
MHz
Slew Rate (10% to 90% Rise Time)
VOUT = 2 V p-p, RL = 150
1600/1500
V/ s
Settling Time to 0.1%
VIN = 1 V Step, RL = 150
6/7.5
ns
NOISE/DISTORTION PERFORMANCE
Differential Gain
3.58 MHz, RL = 150
0.05/0.05
%
Differential Phase
3.58 MHz, RL = 150
0.05/0.05
Degrees
All Hostile Crosstalk
5 MHz
–84/–78
dB
100 MHz
–52/–48
dB
Channel-to-Channel Crosstalk, RTI
5 MHz
–90/–85
dB
OFF Isolation
5 MHz
–84/–95
dB
Voltage Noise, RTI
f = 100 kHz to 100 MHz
7/9
nV/
√Hz
DC PERFORMANCE
Voltage Gain Error
No Load
0.1/0.1
0.3/0.6
%
Voltage Gain Error Matching
Channel A to Channel B
0.04/0.04
0.2/0.2
%
VREF Gain Error
1 k
Ω Load
0.04
0.6
%
Input Offset Voltage
0.2/0.5
6.5/7.0
mV
TMIN to TMAX
8.0
mV
Input Offset Voltage Matching
Channel A to Channel B
0.2/0.2
5.0/5.5
mV
Input Offset Drift
10/5
V/ºC
Input Bias Current
1.5/1.5
4/4
A
VREF Bias Current (for AD8187 only)
1.0
A
INPUT CHARACTERISTICS
Input Resistance
@100 kHz
1.8/1.3
M
Input Capacitance
0.9/1.0
pF
Input Voltage Range (About Midsupply)
IN0A, IN0B, IN1A, IN1B,
IN2A, IN2B
1.2/ 1.2
V
VREF
+0.9, –1.2
V
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 1 k
3.1/2.8
3.2/3.0
V p-p
RL = 150
2.8/2.5
3.0/2.7
V p-p
Short Circuit Current
85
mA
Output Resistance
Enabled @ 100 kHz
0.2/0.35
Disabled @ 100 kHz
1000/600
k
Output Capacitance
Disabled
1.5/2.0
pF
POWER SUPPLY
Operating Range
3.5
5.5
V
Power Supply Rejection Ratio
+PSRR, VCC = 4.5 V to 5.5 V,
VEE = 0 V
–72/–61
dB
–PSRR, VEE = –0.5 V to +0.5 V,
VCC = 5.0 V
–76/–72
dB
Quiescent Current
All Channels ON
18.5/19.5
21.5/22.5
mA
All Channels OFF
3.5/4.5
4.5/5.5
mA
TMIN to TMAX, All Channels ON
15
23
mA
AD8186/AD8187


同様の部品番号 - AD8187

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8187 AD-AD8187 Datasheet
524Kb / 20P
   480 MHz Single-Supply (5V) Triple 2:1 Multiplexers
AD8187-EVAL AD-AD8187-EVAL Datasheet
479Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8187-EVAL AD-AD8187-EVAL Datasheet
426Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8187ARU AD-AD8187ARU Datasheet
479Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8187ARU AD-AD8187ARU Datasheet
426Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
More results

同様の説明 - AD8187

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8186ARUZ AD-AD8186ARUZ Datasheet
479Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8187ARUZ-REEL7 AD-AD8187ARUZ-REEL7 Datasheet
426Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8186 AD-AD8186_15 Datasheet
479Kb / 20P
   480 MHz Single-Supply Triple 2 1 Multiplexers
REV. A
AD8187 AD-AD8187_15 Datasheet
479Kb / 20P
   480 MHz Single-Supply Triple 2:1 Multiplexers
REV. A
AD8187 AD-AD8187_17 Datasheet
524Kb / 20P
   480 MHz Single-Supply (5V) Triple 2:1 Multiplexers
AD8188 AD-AD8188 Datasheet
825Kb / 24P
   350 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. 0
AD8189 AD-AD8189_15 Datasheet
826Kb / 24P
   350 MHz Single-Supply Triple 2:1 Multiplexers
REV. 0
AD8188 AD-AD8188_15 Datasheet
826Kb / 24P
   350 MHz Single-Supply Triple 2:1 Multiplexers
REV. 0
AD8183 AD-AD8183_15 Datasheet
732Kb / 16P
   Triple 2 1 Multiplexers
REV. 0
AD8183 AD-AD8183_16 Datasheet
282Kb / 12P
   Triple 2:1 Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com