データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8353-EVAL データシート(PDF) 3 Page - Analog Devices

部品番号 AD8353-EVAL
部品情報  100 MHz-2.7 GHz RF Gain Block
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8353-EVAL データシート(HTML) 3 Page - Analog Devices

  AD8353-EVAL Datasheet HTML 1Page - Analog Devices AD8353-EVAL Datasheet HTML 2Page - Analog Devices AD8353-EVAL Datasheet HTML 3Page - Analog Devices AD8353-EVAL Datasheet HTML 4Page - Analog Devices AD8353-EVAL Datasheet HTML 5Page - Analog Devices AD8353-EVAL Datasheet HTML 6Page - Analog Devices AD8353-EVAL Datasheet HTML 7Page - Analog Devices AD8353-EVAL Datasheet HTML 8Page - Analog Devices AD8353-EVAL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. 0
–3–
AD8353
SPECIFICATIONS (V
S = 5 V, TA = 25 C, no external inductor between VOUT and VPOS, ZO = 50
, unless otherwise noted.)
Parameters
Conditions
Min
Typ
Max
Unit
OVERALL FUNCTION
Frequency Range
0.1
2.7
GHz
Gain
f = 900 MHz
19.5
dB
f = 1.9 GHz
17.6
dB
f = 2.7 GHz
15.7
dB
Delta Gain
f = 900 MHz, –40
°C
TA
+85
°C
–0.96
dB
f = 1.9 GHz, –40
°C
TA
+85
°C
–1.18
dB
f = 2.7 GHz, –40
°C
TA
+85
°C
–1.38
dB
Gain Supply Sensitivity
VPOS
± 10%, f = 900 MHz
0.09
dB/V
f = 1.9 GHz
–0.01
dB/V
f = 2.7 GHz
–0.09
dB/V
Reverse Isolation (S12)
f = 900 MHz
–35.4
dB
f = 1.9 GHz
–34.6
dB
f = 2.7 GHz
–30.2
dB
RF INPUT INTERFACE
Pin RFIN
Input Return Loss
f = 900 MHz
22.9
dB
f = 1.9 GHz
21.7
dB
f = 2.7 GHz
11.5
dB
RF OUTPUT INTERFACE
Pin VOUT
Output Compression Point
f = 900 MHz
8.3
dBm
f = 1.9 GHz
8.1
dBm
f = 2.7 GHz
7.5
dBm
Delta Compression Point
f = 900 MHz, –40
°C
TA
+85
°C
–1.05
dB
f = 1.9 GHz, –40
°C
TA
+85
°C
–1.49
dB
f = 2.7 GHz, –40
°C
TA
+85
°C
–1.33
dB
Output Return Loss
f = 900 MHz
27
dB
f = 1.9 GHz
22
dB
f = 2.7 GHz
14.3
dB
DISTORTION/NOISE
Output Third Order Intercept
f = 900 MHz,
f = 1 MHz, PIN = –28 dBm
22.8
dBm
f = 1.9 GHz,
f = 1 MHz, PIN = –28 dBm
20.6
dBm
f = 2.7 GHz,
f = 1 MHz, PIN = –28 dBm
19.5
dBm
Output Second Order Intercept
f = 900 MHz,
f = 1 MHz, PIN = –28 dBm
30.3
dBm
Noise Figure
f = 900 MHz
5.6
dB
f = 1.9 GHz
6.3
dB
f = 2.7 GHz
7.1
dB
POWER INTERFACE
Pin VPOS
Supply Voltage
4.5
5
5.5
V
Total Supply Current
35
42
52
mA
Supply Voltage Sensitivity
4.3
mA/V
Temperature Sensitivity
–40
°C
TA
+85
°C45.7
A/
°C
Specifications subject to change without notice.


同様の部品番号 - AD8353-EVAL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8353-EVAL AD-AD8353-EVAL Datasheet
349Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
REV. B
AD8353-EVALZ AD-AD8353-EVALZ Datasheet
345Kb / 16P
   RF Gain Block
More results

同様の説明 - AD8353-EVAL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8354 AD-AD8354 Datasheet
275Kb / 16P
   100 MHz-2.7 GHz RF Gain Block
REV. A
AD8354 AD-AD8354_05 Datasheet
363Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
REV. C
AD8353 AD-AD8353_05 Datasheet
349Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
REV. B
AD8353 AD-AD8353_15 Datasheet
328Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
Rev. E
AD8354 AD-AD8354_15 Datasheet
339Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
Rev. E
AD8312 AD-AD8312 Datasheet
576Kb / 13P
   100 MHz-2.7 GHz, 45 dB RF Log Detector
PrA 10/29/2004
ADL5601 AD-ADL5601 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5611 AD-ADL5611 Datasheet
239Kb / 8P
   30 MHz to 6 GHz RF/IF Gain Block
Rev. PrA
ADL5601ARKZ AD-ADL5601ARKZ Datasheet
322Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. A
ADL5602 AD-ADL5602 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com