データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDS8896 データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 FDS8896
部品情報  N-Channel PowerTrench MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8896 データシート(HTML) 4 Page - Fairchild Semiconductor

  FDS8896 Datasheet HTML 1Page - Fairchild Semiconductor FDS8896 Datasheet HTML 2Page - Fairchild Semiconductor FDS8896 Datasheet HTML 3Page - Fairchild Semiconductor FDS8896 Datasheet HTML 4Page - Fairchild Semiconductor FDS8896 Datasheet HTML 5Page - Fairchild Semiconductor FDS8896 Datasheet HTML 6Page - Fairchild Semiconductor FDS8896 Datasheet HTML 7Page - Fairchild Semiconductor FDS8896 Datasheet HTML 8Page - Fairchild Semiconductor FDS8896 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
©2007 Fairchild Semiconductor Corporation
FDS8896 Rev. B
www.fairchildsemi.com
4
Typical Characteristics T
J = 25°C unless otherwise noted
Figure 1.
TA, AMBIENT TEMPERATURE (oC)
0
0
25
50
75
100
150
0.2
0.4
0.6
0.8
1.0
1.2
125
Normalized Power Dissipation vs
Ambient Temperature
Figure 2.
0
5
10
15
20
TA, AMBIENT TEMPERATURE (oC)
RθJA=50oC/W
VGS = 10V
VGS = 4.5V
25
50
75
100
125
150
Maximum Continuous Drain Current vs
Ambient Temperature
Figure 3.
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
0.001
0.01
0.1
1
SINGLE PULSE
R
θJA = 125
oC/W
0.0005
DUTY CYCLE-DESCENDING ORDER
t, RECTANGULAR PULSE DURATION (s)
D = 0.5
0.2
0.1
0.05
0.02
0.01
2
Normalized Maximum Transient Thermal Impedance
Figure 4.
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
1
10
100
1000
V
GS = 10V
SINGLE PULSE
RθJA = 125
oC/W
T
A = 25
oC
t, PULSE WIDTH (s)
2000
0.5
Single Pulse Maximum Power Dissipation


同様の部品番号 - FDS8896

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDS8896 FAIRCHILD-FDS8896 Datasheet
622Kb / 12P
   N-Channel PowerTrench짰 MOSFET
FDS8896 FAIRCHILD-FDS8896 Datasheet
644Kb / 12P
   N-Channel PowerTrench MOSFET
FDS8896 FAIRCHILD-FDS8896_07 Datasheet
622Kb / 12P
   N-Channel PowerTrench짰 MOSFET
More results

同様の説明 - FDS8896

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDD8896 FAIRCHILD-FDD8896 Datasheet
130Kb / 11P
   N-Channel PowerTrench MOSFET
FDD5680 FAIRCHILD-FDD5680 Datasheet
83Kb / 4P
   N-Channel, PowerTrench??MOSFET
FDD20AN06_F085 FAIRCHILD-FDD20AN06_F085 Datasheet
325Kb / 11P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDD86369 ONSEMI-FDD86369 Datasheet
1Mb / 8P
   N-Channel PowerTrench MOSFET
January, 2017, Rev. 1.0
logo
Fairchild Semiconductor
FDMS86152 FAIRCHILD-FDMS86152 Datasheet
258Kb / 7P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDWS86380_F085 ONSEMI-FDWS86380_F085 Datasheet
528Kb / 8P
   N-Channel PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDP8876 FAIRCHILD-FDP8876 Datasheet
303Kb / 6P
   N-Channel PowerTrench MOSFET
FDB8441 FAIRCHILD-FDB8441 Datasheet
307Kb / 7P
   N-Channel PowerTrench MOSFET
FDD13AN06A0 FAIRCHILD-FDD13AN06A0 Datasheet
281Kb / 11P
   N-Channel PowerTrench MOSFET
FDP8874 FAIRCHILD-FDP8874 Datasheet
264Kb / 10P
   N-Channel PowerTrench MOSFET
FDS8984 FAIRCHILD-FDS8984_10 Datasheet
446Kb / 6P
   N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com