データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ECS130US12 データシート(PDF) 6 Page - XP Power Limited

部品番号 ECS130US12
部品情報  Convection & Forced Cooled Ratings
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  XPPOWER [XP Power Limited]
ホームページ  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECS130US12 データシート(HTML) 6 Page - XP Power Limited

  ECS130US12 Datasheet HTML 1Page - XP Power Limited ECS130US12 Datasheet HTML 2Page - XP Power Limited ECS130US12 Datasheet HTML 3Page - XP Power Limited ECS130US12 Datasheet HTML 4Page - XP Power Limited ECS130US12 Datasheet HTML 5Page - XP Power Limited ECS130US12 Datasheet HTML 6Page - XP Power Limited ECS130US12 Datasheet HTML 7Page - XP Power Limited ECS130US12 Datasheet HTML 8Page - XP Power Limited ECS130US12 Datasheet HTML 9Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
xppower.com
6
Electromagnetic Compatibility - Immunity
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
Low Voltage PSU EMC
EN61204-3
High severity level
as below
Harmonic Current
EN61000-3-2
Class A
ESD Immunity
EN61000-4-2
±6 kV Contact
±15 kV Air Discharge
A
Radiated
EN61000-4-3
3A
EFT
EN61000-4-4
3A
Surges
EN61000-4-5
Installation class 3
A
Conducted
EN61000-4-6
3A
Dips and Interruptions
EN55024
(100 VAC)
Dip >95% (0 VAC), 8.3ms
B
Dip 30% (70 VAC), 416ms
B
Dip >95% (0 VAC), 4160ms
B
EN55024
(240 VAC)
Dip >95% (0 VAC), 10.0ms
B
Dip 30% (168 VAC), 500ms
B
Dip >95% (0 VAC), 5000ms
B
EN60601-1-2
(100 VAC)
Dip >95% (0 VAC), 10.0ms
A
Derate Output Power to 100 W
Dip 60% (40 VAC), 100ms
A
Derate Output Power to 12 W
Dip 30% (70 VAC), 500ms
A
Derate Output Power to 100 W
Dip >95% (0 VAC), 5000ms
B
EN60601-1-2
(240 VAC)
Dip >95% (0 VAC), 10.0ms
A
Dip 60% (96 VAC), 100ms
A
Dip 30% (168 VAC), 500ms
A
Dip >95% (0 VAC), 5000ms
B
Electromagnetic Compatibility - Emissions
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
Conducted
EN55011/22
Class B
Radiated
EN55011/22
Class A
Voltage Fluctuations
EN61000-3-3
Safety Agency Approvals
Safety Agency
Safety Standard
Category
CB Report
IEC60950-1:2005 Ed 2
Information Technology
UL
UL60950-1 (2007), CSA 22.2 No.60950-1-07 Ed 2
Information Technology
TUV
EN60950-1:2006
Information Technology
CE
LVD
Safety Agency
Safety Standard
Category
CB Report
IEC60601-1 Ed 3 Including Risk Management
Medical
UL
ANSI/AAMI ES60601-1:2005 & CSA C22.2, No.60601-1:08
Medical
TUV
EN60601-1/A12:2006
Medical
Equipment Protection Class
Safety Standard
Notes & Conditions
Class I & Class II
IEC60950-1:2005 Ed 2 & IEC60601-1 Ed 2
See safety agency conditions of acceptibility
for details
Means of Protection
Category
Primary to Secondary
2 x MOPP (Means of Patient Protection)
IEC60601-1 Ed 3
Primary to Earth
1 x MOPP (Means of Patient Protection)
Secondary to Earth
1 x MOPP (Means of Patient Protection)


同様の部品番号 - ECS130US12

メーカー部品番号データシート部品情報
logo
XP Power Limited
ECS130US12 XPPOWER-ECS130US12 Datasheet
673Kb / 5P
   65/100/130 Watts
ECS130US12 XPPOWER-ECS130US12 Datasheet
941Kb / 5P
   65/100/130 Watts ECS Series
More results

同様の説明 - ECS130US12

メーカー部品番号データシート部品情報
logo
XP Power Limited
GCS150 XPPOWER-GCS150 Datasheet
370Kb / 4P
   Convection/Forcedcooled Ratings
ECP225 XPPOWER-ECP225 Datasheet
410Kb / 2P
   150/225 W Convection/ Forcedcooled
ECS100 XPPOWER-ECS100 Datasheet
1Mb / 10P
   80/100 W Convection & Force-cooled Ratings
VFT150PS05 XPPOWER-VFT150PS05 Datasheet
219Kb / 2P
   100 W Convection Rating, 150 W Forcedcooled Rating
logo
API Technologies Corp
1452 APITECH-1452 Datasheet
501Kb / 1P
   Convection Cooled
logo
Power-One
PMP13.48 POWER-ONE-PMP13.48 Datasheet
192Kb / 2P
   convection-cooled rectifier
logo
XP Power Limited
ECP150 XPPOWER-ECP150 Datasheet
1Mb / 9P
   100W Convection Cooled Rating
logo
Adlink Technology Inc.
HPERC-KBL-MH ADLINK-HPERC-KBL-MH Datasheet
548Kb / 3P
   Rugged Convection Cooled System
logo
XP Power Limited
CCM250 XPPOWER-CCM250 Datasheet
1Mb / 12P
   250 W Convection Cooled
ECP180 XPPOWER-ECP180 Datasheet
1Mb / 9P
   120W Convection-cooled Rating
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com