データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AUP1G97 データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74AUP1G97
部品情報  LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G97 データシート(HTML) 1 Page - Texas Instruments

  SN74AUP1G97 Datasheet HTML 1Page - Texas Instruments SN74AUP1G97 Datasheet HTML 2Page - Texas Instruments SN74AUP1G97 Datasheet HTML 3Page - Texas Instruments SN74AUP1G97 Datasheet HTML 4Page - Texas Instruments SN74AUP1G97 Datasheet HTML 5Page - Texas Instruments SN74AUP1G97 Datasheet HTML 6Page - Texas Instruments SN74AUP1G97 Datasheet HTML 7Page - Texas Instruments SN74AUP1G97 Datasheet HTML 8Page - Texas Instruments SN74AUP1G97 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
www.ti.com
FEATURES
3
2
4
6
1
B
C
Y
GND
A
DBV PACKAGE
(TOP VIEW)
YEP OR YZP PACKAGE
(BOTTOM VIEW)
DCK PACKAGE
(TOP VIEW)
3
2
4
6
1
B
C
Y
GND
A
3
2
4
6
1
B
C
Y
GND
A
B
A
C
Y
GND
DRL PACKAGE
(TOP VIEW)
See mechanical drawings for dimensions.
1
4
2
3
6
VCC
VCC
VCC
5
VCC
5
5
5
DESCRIPTION/ORDERING INFORMATION
AUP
LVC
AUP
AUP
LVC
Static-Power Consumption
(
µA)
Dynamic-Power Consumption
(pF)
Single, dual, and triple gates
3.3-V
Logic
3.3-V
Logic
0%
20%
40%
60%
80%
100%
0%
20%
40%
60%
80%
100%
SN74AUP1G97
LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
SCES505D – NOVEMBER 2003 – REVISED JUNE 2005
Optimized for 3.3-V Operation
Available in the Texas Instruments
3.6-V I/O Tolerant to Support Mixed-Mode
NanoStar™ and NanoFree™ Packages
Signal Operation
Low Static-Power Consumption (ICC = 0.9 µA
tpd = 5.6 ns Max at 3.3 V
Max)
Suitable for Point-to-Point Applications
Low Dynamic-Power Consumption
Latch-Up Performance Exceeds 100 mA Per
(Cpd = 4.8 pF Typ at 3.3 V)
JESD 78, Class II
Low Input Capacitance (Ci = 1.5 pF Typ)
ESD Performance Tested Per JESD 22
Low Noise - Overshoot and Undershoot <10%
– 2000-V Human-Body Model
of VCC
(A114-B, Class II)
Ioff Supports Partial-Power-Down Mode
– 200-V Machine Model (A115-A)
Operation
– 1000-V Charged-Device Model (C101)
Includes Schmitt-Trigger Inputs
ESD Protection Exceeds ±5000 V With
Wide Operating VCC Range of 0.8 V to 3.6 V
Human-Body Model
The AUP family is TI's premier solution to the industry's low-power needs in battery-powered portable
applications. This family ensures a very low static- and dynamic-power consumption across the entire VCC range
of 0.8 V to 3.6 V, resulting in increased battery life (see Figure 1). This product also maintains excellent signal
integrity (see the very low undershoot and overshoot characteristics shown in Figure 2).
Figure 1. AUP – The Lowest-Power Family
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoStar, NanoFree are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - SN74AUP1G97

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74AUP1G97DBVR TI-SN74AUP1G97DBVR Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74AUP1G97DBVRE4 TI-SN74AUP1G97DBVRE4 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74AUP1G97DBVRG4 TI-SN74AUP1G97DBVRG4 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74AUP1G97DBVT TI-SN74AUP1G97DBVT Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
More results

同様の説明 - SN74AUP1G97

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUP1G98 TI-SN74AUP1G98_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74AUP1G97 NXP-74AUP1G97_11 Datasheet
188Kb / 22P
   Low-power configurable multiple function gate
Rev. 6-10 January 2011
logo
Texas Instruments
SN74AUP1G57 TI1-SN74AUP1G57_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power Configurable Multiple-Function Gate
logo
Nexperia B.V. All right...
74AXP1G97 NEXPERIA-74AXP1G97 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
logo
NXP Semiconductors
74LVC1G97GS NXP-74LVC1G97GS Datasheet
145Kb / 20P
   Low-power configurable multiple function gate
Rev. 3-7 December 2011
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G58 NXP-74LVC1G58 Datasheet
100Kb / 18P
   Low-power configurable multiple function gate
Rev. 03-27 August 2007
logo
Nexperia B.V. All right...
74LVC1G57-Q100 NEXPERIA-74LVC1G57-Q100 Datasheet
837Kb / 16P
   Low-power configurable multiple function gate
74LVC1G97 NEXPERIA-74LVC1G97 Datasheet
281Kb / 20P
   Low-power configurable multiple function gate
74AXP1G58 NEXPERIA-74AXP1G58 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com