データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC6387XB データシート(PDF) 11 Page - Toshiba Semiconductor

部品番号 TC6387XB
部品情報  SD Memory Card / SDIO Card Controller
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC6387XB データシート(HTML) 11 Page - Toshiba Semiconductor

Back Button TC6387XB Datasheet HTML 7Page - Toshiba Semiconductor TC6387XB Datasheet HTML 8Page - Toshiba Semiconductor TC6387XB Datasheet HTML 9Page - Toshiba Semiconductor TC6387XB Datasheet HTML 10Page - Toshiba Semiconductor TC6387XB Datasheet HTML 11Page - Toshiba Semiconductor TC6387XB Datasheet HTML 12Page - Toshiba Semiconductor TC6387XB Datasheet HTML 13Page - Toshiba Semiconductor TC6387XB Datasheet HTML 14Page - Toshiba Semiconductor TC6387XB Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
TC6387XB Specification
Rev. 1.0
02/02/06
TOTAL
62
PAGE NO.11
TOSHIBA CONFIDENTIAL
3.3
Power Supply/GND (10 pins)
NAME
Pin
FUNCTION/REMARKS
VSS
H2, D4, E4, D5, E5
GND
VDD
C1, B2, G2, B7, G7
3.3V
3.4
Summary: Interface Pins
Interface
# of
Pins
Remarks
Host
33
SD Card
9
SD Card Power Supply
Control
1
System
11
SYSTEM Interface, TEST Pins, Other Pins
Total
54
Power Supply
5
GND
5
Grand Total
64


同様の部品番号 - TC6387XB

メーカー部品番号データシート部品情報
logo
Cornell Dubilier Electr...
TC63 CDE-TC63 Datasheet
152Kb / 2P
   Axial Leaded Aluminum Electrolytic Capacitors
logo
Supertex, Inc
TC6320 SUTEX-TC6320 Datasheet
116Kb / 3P
   N- and P-Channel Enhancement-Mode MOSFET Pair
TC6320 SUTEX-TC6320 Datasheet
378Kb / 4P
   N- and P- Channel Enhancement-Mode Dual MOSFET
TC6320 SUTEX-TC6320 Datasheet
695Kb / 6P
   N- and P-Channel Enhancement-Mode MOSFET Pair
TC6320 SUTEX-TC6320 Datasheet
695Kb / 6P
   N- and P-Channel Enhancement-Mode MOSFET Pair
More results

同様の説明 - TC6387XB

メーカー部品番号データシート部品情報
logo
Winbond
W86L488 WINBOND-W86L488 Datasheet
1Mb / 45P
   SD/ SDIO/ MMC MEMORY CARD BRIDGE
logo
Actel Corporation
EP550 ACTEL-EP550 Datasheet
120Kb / 3P
   EP550 SDIO/SD Memory/MMC Host Controller
logo
Taiwan Memory Technolog...
I5141-TG TMT-I5141-TG Datasheet
789Kb / 20P
   SD/MMC Memory Card Controller
logo
Actel Corporation
EP560 ACTEL-EP560 Datasheet
139Kb / 4P
   EP560 SD/SDIO/MMC Slave Controller
logo
Toshiba Semiconductor
TC6371AF TOSHIBA-TC6371AF Datasheet
614Kb / 58P
   PCI to SD Memory Card / SmartMedia??Interface Controller
logo
Hirose Electric
DM1AA-SF-PEJ HIROSE-DM1AA-SF-PEJ Datasheet
259Kb / 6P
   SD Memory Card Connectors
logo
Mitsumi Electronics, Co...
CIM-F23 MITSUMI-CIM-F23 Datasheet
165Kb / 2P
   SD Memory Card Connectors
CIM-F22 MITSUMI-CIM-F22 Datasheet
192Kb / 2P
   SD Memory Card Connectors
logo
ALPS ELECTRIC CO.,LTD.
SCDA ALPS-SCDA Datasheet
2Mb / 7P
   Connector for SD Memory Card
logo
List of Unclassifed Man...
SFSD1024NGBW1MT-T-ME ETC2-SFSD1024NGBW1MT-T-ME Datasheet
1Mb / 23P
   Industrial MICRO SD Memory Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com