データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADS1278-SP データシート(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
部品番号 ADS1278-SP
部品情報  Radiation Hardened 8-Ch Simultaneous-Sampling 24-Bit Analog-to-Digital Converter
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1278-SP データシート(HTML) 26 Page - Texas Instruments

Back Button ADS1278-SP Datasheet HTML 22Page - Texas Instruments ADS1278-SP Datasheet HTML 23Page - Texas Instruments ADS1278-SP Datasheet HTML 24Page - Texas Instruments ADS1278-SP Datasheet HTML 25Page - Texas Instruments ADS1278-SP Datasheet HTML 26Page - Texas Instruments ADS1278-SP Datasheet HTML 27Page - Texas Instruments ADS1278-SP Datasheet HTML 28Page - Texas Instruments ADS1278-SP Datasheet HTML 29Page - Texas Instruments ADS1278-SP Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 57 page
background image
0.02
0
-0.02
-0.04
-0.06
-0.08
-0.10
0.2
NormalizedInputFrequency(f /f
IN DATA)
0
0.1
0.3
0.4
0.5
0.6
0
-20
-40
-60
-80
-100
-120
-140
0.50
NormalizedInputFrequency(f
IN/fDATA)
0
0.25
0.75
1
26
ADS1278-SP
SBAS937 – SEPTEMBER 2018
www.ti.com
Product Folder Links: ADS1278-SP
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8.3.2.2 High-Resolution Mode
The oversampling ratio is 128 in High-Resolution mode. Figure 58 shows the frequency response in High-
Resolution mode normalized to fDATA. Figure 59 shows the passband ripple, and the transition from passband to
stop band is shown in Figure 60. The overall frequency response repeats at multiples of the modulator frequency
fMOD (128 × fDATA), as shown in Figure 61. The stop band of the ADS1278-SP provides 100-dB attenuation of
frequencies that begin just beyond the passband and continue out to fMOD. Placing an antialiasing, low-pass filter
in front of the ADS1278-SP inputs is recommended to limit possible high-amplitude out-of-band signals and
noise. Often, a simple RC filter is sufficient. Table 2 lists the image rejection versus external filter order.
Figure 58. Frequency Response For High-Resolution Mode
Figure 59. Passband Response For High-Resolution Mode


同様の部品番号 - ADS1278-SP

メーカー部品番号データシート部品情報
logo
Texas Instruments
ADS1278-EP TI1-ADS1278-EP Datasheet
1Mb / 45P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1278-HT TI1-ADS1278-HT Datasheet
1Mb / 45P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1278-HT TI1-ADS1278-HT Datasheet
1Mb / 56P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1278-HT TI1-ADS1278-HT_16 Datasheet
1Mb / 56P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
More results

同様の説明 - ADS1278-SP

メーカー部品番号データシート部品情報
logo
Texas Instruments
ADS1278-EP TI1-ADS1278-EP Datasheet
1Mb / 45P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1278-HT TI1-ADS1278-HT_16 Datasheet
1Mb / 56P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1278-HT TI1-ADS1278-HT Datasheet
1Mb / 45P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD7771 AD-AD7771 Datasheet
357Kb / 14P
   8-Ch, 24-Bit Simultaneous Sampling ADC
logo
Intersil Corporation
HS-9008RH INTERSIL-HS-9008RH_05 Datasheet
179Kb / 4P
   Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
HS-9008RH INTERSIL-HS-9008RH Datasheet
193Kb / 5P
   Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
logo
Texas Instruments
ADS1278 TI1-ADS1278_14 Datasheet
1Mb / 52P
[Old version datasheet]   Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
THS1009 TI-THS1009 Datasheet
235Kb / 31P
[Old version datasheet]   10-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1209 TI1-THS1209_14 Datasheet
327Kb / 34P
[Old version datasheet]   12-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS10082 TI-THS10082 Datasheet
263Kb / 34P
[Old version datasheet]   10 bit TWO ANALOG INPUT, 8 MSPS SIMULTANEOUS SAMPLING ANALOG TO DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com