データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADS1278-SP データシート(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
部品番号 ADS1278-SP
部品情報  Radiation Hardened 8-Ch Simultaneous-Sampling 24-Bit Analog-to-Digital Converter
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1278-SP データシート(HTML) 49 Page - Texas Instruments

Back Button ADS1278-SP Datasheet HTML 45Page - Texas Instruments ADS1278-SP Datasheet HTML 46Page - Texas Instruments ADS1278-SP Datasheet HTML 47Page - Texas Instruments ADS1278-SP Datasheet HTML 48Page - Texas Instruments ADS1278-SP Datasheet HTML 49Page - Texas Instruments ADS1278-SP Datasheet HTML 50Page - Texas Instruments ADS1278-SP Datasheet HTML 51Page - Texas Instruments ADS1278-SP Datasheet HTML 52Page - Texas Instruments ADS1278-SP Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 57 page
background image
DRDY
(SPIProtocol)
DOUT
(Frame-SyncProtocol)
InternalReset
CLK
3Vnom
(1)
AVDD
1Vnom
(1)
IOVDD
1Vnom
(1)
DVDD
ValidData
2
18
f
CLK
129(max)
t
DATA
49
ADS1278-SP
www.ti.com
SBAS937 – SEPTEMBER 2018
Product Folder Links: ADS1278-SP
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
10 Power Supply Recommendations
The ADS1278-SP has three power supplies: AVDD, DVDD, and IOVDD. AVDD is the analog supply that powers
the modulator, DVDD is the digital supply that powers the digital core, and IOVDD is the digital I/O power supply.
The IOVDD and DVDD power supplies can be tied together if desired (1.8 V). To achieve rated performance, it is
critical that the power supplies are bypassed with 0.1-μF and 10-μF capacitors placed as close as possible to the
supply pins. A single 10-μF ceramic capacitor may be substituted in place of the two capacitors.
Figure 85 shows the start-up sequence of the ADS1278-SP. At power-on, bring up the DVDD supply first,
followed by IOVDD and then AVDD. Check the power-supply sequence for proper order, including the ramp rate
of each supply. DVDD and IOVDD may be sequenced at the same time if the supplies are tied together. Each
supply has an internal reset circuit whose outputs are summed together to generate a global power-on reset.
After the supplies have exceeded the reset thresholds, 218 fCLK cycles are counted before the converter initiates
the conversion process. Following the CLK cycles, the data for 129 conversions are suppressed by the
ADS1278-SP to allow output of fully-settled data. In SPI protocol, DRDY is held high during this interval. In
frame-sync protocol, DOUT is forced to zero. The power supplies should be applied before any analog or digital
pin is driven. For consistent performance, assert SYNC after device power-on when data first appear.
Figure 85. Start-Up Sequence


同様の部品番号 - ADS1278-SP

メーカー部品番号データシート部品情報
logo
Texas Instruments
ADS1278-EP TI1-ADS1278-EP Datasheet
1Mb / 45P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1278-HT TI1-ADS1278-HT Datasheet
1Mb / 45P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1278-HT TI1-ADS1278-HT Datasheet
1Mb / 56P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1278-HT TI1-ADS1278-HT_16 Datasheet
1Mb / 56P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
More results

同様の説明 - ADS1278-SP

メーカー部品番号データシート部品情報
logo
Texas Instruments
ADS1278-EP TI1-ADS1278-EP Datasheet
1Mb / 45P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1278-HT TI1-ADS1278-HT_16 Datasheet
1Mb / 56P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1278-HT TI1-ADS1278-HT Datasheet
1Mb / 45P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD7771 AD-AD7771 Datasheet
357Kb / 14P
   8-Ch, 24-Bit Simultaneous Sampling ADC
logo
Intersil Corporation
HS-9008RH INTERSIL-HS-9008RH_05 Datasheet
179Kb / 4P
   Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
HS-9008RH INTERSIL-HS-9008RH Datasheet
193Kb / 5P
   Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
logo
Texas Instruments
ADS1278 TI1-ADS1278_14 Datasheet
1Mb / 52P
[Old version datasheet]   Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
THS1009 TI-THS1009 Datasheet
235Kb / 31P
[Old version datasheet]   10-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1209 TI1-THS1209_14 Datasheet
327Kb / 34P
[Old version datasheet]   12-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS10082 TI-THS10082 Datasheet
263Kb / 34P
[Old version datasheet]   10 bit TWO ANALOG INPUT, 8 MSPS SIMULTANEOUS SAMPLING ANALOG TO DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com