データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC34063A データシート(PDF) 9 Page - Unisonic Technologies

部品番号 MC34063A
部品情報  DC TO DC CONVERTER CONTROLLER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC34063A データシート(HTML) 9 Page - Unisonic Technologies

  MC34063A Datasheet HTML 1Page - Unisonic Technologies MC34063A Datasheet HTML 2Page - Unisonic Technologies MC34063A Datasheet HTML 3Page - Unisonic Technologies MC34063A Datasheet HTML 4Page - Unisonic Technologies MC34063A Datasheet HTML 5Page - Unisonic Technologies MC34063A Datasheet HTML 6Page - Unisonic Technologies MC34063A Datasheet HTML 7Page - Unisonic Technologies MC34063A Datasheet HTML 8Page - Unisonic Technologies MC34063A Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
MC34063A
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
9 of 9
www.unisonic.com.tw
QW-R103-008.N
DESI GN FORM U LA T ABLE
CALCULATION
STEP-DOWN
STEP-UP
VOLTAGE-INVERTING
tON
tOFF
VOUT + VF
VIN -VCE(SAT)
(tON+tOFF)MAX
1
FMIN
1
FMIN
CT
4x10
-5 t
ON
4x10
-5 t
ON
4x10
-5 t
ON
ISW
2IOUT(MAX)
RS
0.3/ISW
0.3/ISW
0.3/ISW
L(MIN)
CO
IOUT tON
VRIPPLE(P-P)
9
VCE(SAT)
- Saturation voltage of the output switch.
VF
- Forward voltage drop of the ringback rectifier.
The following power supply characteristics must be chosen:
VIN
- Nominal input voltage.
VOUT
- Desired output voltage, VOUT =1.25(1+R2/R1)
IOUT
- Desired output current.
FMIN
- Minimum desired output switching frequency at the selected values for VIN and IOUT.
VRIPPLE(P-P)
- Desired peak-to-peak output ripple voltage. In practice, the calculated value will need to be increased
due to the capacitor equivalent series resistance and board layout. The ripple voltage should be kept
to a low value since it will directly effect the line and load regulation.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


同様の部品番号 - MC34063A

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC34063A ONSEMI-MC34063A Datasheet
200Kb / 12P
   DC-to-DC CONVERTER CONTROL CIRCUITS
1996 REV 5
logo
Texas Instruments
MC34063A TI-MC34063A Datasheet
494Kb / 16P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
logo
First Components Intern...
MC34063A FCI-MC34063A Datasheet
826Kb / 9P
   DC -TO- DC CONVERTER CONTROL CIRCUITS Current Switch Current to 1.5A
logo
STMicroelectronics
MC34063A STMICROELECTRONICS-MC34063A Datasheet
130Kb / 15P
   DC-DC CONVERTER CONTROL CIRCUITS
logo
Analog Intergrations Co...
MC34063A AIC-MC34063A Datasheet
188Kb / 10P
   Industrial Standard, Universal DC/DC Converter
More results

同様の説明 - MC34063A

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
UTCMC34063A UTC-UTCMC34063A Datasheet
264Kb / 6P
   DC TO DC CONVERTER CONTROLLER
logo
List of Unclassifed Man...
TD34063 ETC1-TD34063 Datasheet
980Kb / 9P
   DC TO DC CONVERTER CONTROLLER
logo
Unisonic Technologies
UC34163 UTC-UC34163 Datasheet
210Kb / 4P
   DC TO DC CONVERTER CONTROLLER
logo
Estek Electronics Co. L...
MC34063 ESTEK-MC34063 Datasheet
529Kb / 10P
   DC to DC Converter Controller
logo
GTM CORPORATION
GSC34063 GTM-GSC34063 Datasheet
269Kb / 6P
   DC TO DC CONVERTER CONTROLLER
logo
Unisonic Technologies
MC34063A UTC-MC34063A_12 Datasheet
444Kb / 9P
   DC TO DC CONVERTER CONTROLLER
logo
Taiwan Semiconductor Co...
TS34063 TSC-TS34063 Datasheet
115Kb / 8P
   Dc to Dc Converter Controller
TS34063A TSC-TS34063A Datasheet
115Kb / 8P
   Dc to Dc Converter Controller
logo
Wuxi Youda electronics ...
YD34063 YOUDA-YD34063 Datasheet
108Kb / 4P
   DC TO DC CONVERTER CONTROLLER
logo
Unisonic Technologies
UC33063A UTC-UC33063A_15 Datasheet
459Kb / 9P
   DC TO DC CONVERTER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com