データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HSPPAD042A データシート(PDF) 10 Page - ALPS ELECTRIC CO.,LTD.

部品番号 HSPPAD042A
部品情報  Digital Pressure Sensor
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALPS [ALPS ELECTRIC CO.,LTD.]
ホームページ  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

HSPPAD042A データシート(HTML) 10 Page - ALPS ELECTRIC CO.,LTD.

Back Button HSPPAD042A Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. HSPPAD042A Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. HSPPAD042A Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. HSPPAD042A Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD. HSPPAD042A Datasheet HTML 10Page - ALPS ELECTRIC CO.,LTD. HSPPAD042A Datasheet HTML 11Page - ALPS ELECTRIC CO.,LTD. HSPPAD042A Datasheet HTML 12Page - ALPS ELECTRIC CO.,LTD. HSPPAD042A Datasheet HTML 13Page - ALPS ELECTRIC CO.,LTD. HSPPAD042A Datasheet HTML 14Page - ALPS ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
8. FUNCTIONS
8.1 FIFO
Table 7 : FCTL.FFEN setting
10 / 30
HSPPAD042A Datasheet
Digital Pressure Sensor
Write pointer is incremented when the sensor data is stored into FIFO memory, and
next data is stored to next register. Read Pointer is incremented when the sensor data
is read.
Number of stored data is indicated by FFST.FP, if the FP (FIFO Pointer) is greater or
equal to WMT (Water Mark Pointer) then FFST.FFEV becomes "1". All 16 steps FIFO
memory are filled by the sensor data, the most oldest data is discarded and Read
Pointer is incremented. All data in FIFO memory is discarded when FFEN is set to "0".
1
There are 16 steps FIFO for Pressure read data. FIFO function can be enabled by
setting FCTL.FFEN=1.
Rev.05
Mar/25/2016
0
FIFO disabled
Description
FCTL.FFEN
FIFO enabled
POUT L
POUT M
POUT H
W7
W8
W9
W10
W11
W12
W13
W2
W3
W4
W5
W6
FIFO Memory
Write
Pointer
Read
Pointer
W0
W1
POUT_L0
POUTM_0
POUT_H0
POUT_L1
POUT_L2
POUT_L3
POUT_L4
POUT_L5
POUT_L6
POUTM_1
POUTM_2
POUTM_3
POUTM_4
POUTM_5
POUTM_6
POUT_L7
POUT_L8
POUT_L9
POUT_L10
POUT_L11
POUT_L12
R9
R10
R11
POUTM_7
POUTM_8
POUTM_9
POUTM_10
POUTM_11
POUTM_12
R12
POUT_H10
POUT_H11
POUT_H12
POUT_H1
POUT_H2
POUT_H3
POUT_H4
POUT_H5
POUT_H6
POUT_H7
POUT_H8
POUT_H9
R0
R1
R2
R3
R4
R5
R6
R7
R8
R13
R14
R15
POUT_H13
POUT_H14
POUT_H15
POUT_L13
POUT_L14
POUT_L15
W15
POUTM_13
POUTM_14
POUTM_15
W14
(/)
3
(/)
4
(/)
11
(/)
5
(/)
8
(/)
9
(/)
10
(/)
2
(/)
7
ALPS ELECTRIC CO.,LTD.
ALPS ELECTRIC CO.,LTD.
ALPS ELECTRIC CO.,LTD.
ALPS ELECTRIC CO.,LTD.
ALPS ELECTRIC CO.,LTD.
ALPS ELECTRIC CO.,LTD.
ALPS ELECTRIC CO.,LTD.
ALPS ELECTRIC CO.,LTD.
ALPS ELECTRIC CO.,LTD. (/)
6
ALPS ELECTRIC CO.,LTD.
Confidential


同様の部品番号 - HSPPAD042A

メーカー部品番号データシート部品情報
logo
ALPS ELECTRIC CO.,LTD.
HSPPAD132A ALPS-HSPPAD132A Datasheet
303Kb / 7P
   Digital Pressure Sensor
More results

同様の説明 - HSPPAD042A

メーカー部品番号データシート部品情報
logo
ALPS ELECTRIC CO.,LTD.
HSPPAD132A ALPS-HSPPAD132A Datasheet
303Kb / 7P
   Digital Pressure Sensor
logo
Bosch Sensortec GmbH
BMP180 BOSCH-BMP180 Datasheet
633Kb / 29P
   Digital pressure sensor
logo
Panasonic Semiconductor
DP-001 PANASONIC-DP-001 Datasheet
800Kb / 10P
   Digital Pressure Sensor
logo
Bosch Sensortec GmbH
BMP280 BOSCH-BMP280 Datasheet
1Mb / 49P
   Digital Pressure Sensor
logo
TE Connectivity Ltd
MS5637 TEC-MS5637_16 Datasheet
129Kb / 4P
   Digital Pressure Sensor
logo
HOPE Microelectronics C...
HP303B HOPE-HP303B Datasheet
1Mb / 38P
   Digital Pressure Sensor
logo
Bosch Sensortec GmbH
BMP388 BOSCH-BMP388 Datasheet
2Mb / 57P
   Digital pressure sensor
logo
TE Connectivity Ltd
MS5637 TEC-MS5637 Datasheet
129Kb / 4P
   Digital Pressure Sensor
logo
Bosch Sensortec GmbH
BMP085 BOSCH-BMP085 Datasheet
644Kb / 27P
   Digital pressure sensor
BMP183 BOSCH-BMP183 Datasheet
743Kb / 28P
   Digital pressure sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com