データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HSPPAD132A データシート(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

部品番号 HSPPAD132A
部品情報  Digital Pressure Sensor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALPS [ALPS ELECTRIC CO.,LTD.]
ホームページ  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

HSPPAD132A データシート(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  HSPPAD132A Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. HSPPAD132A Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. HSPPAD132A Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. HSPPAD132A Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. HSPPAD132A Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. HSPPAD132A Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. HSPPAD132A Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ALPS PRODUCT NO.
HSPPAD132A
OVERVIEW
The device is a pressure sensor using effect of piezo resistive bridge circuit
formed on silicon diaphragm.
The device consists pressure and temperature sensor, 16bit analog to digital
converter, control unit with MTP ROM, and I2C serial Interface.
The device delivers temperature compensated pressure value.
Small size and waterproof(Class IPX7) LCP package.
FEATURES
- Pressure Range
300 to 1100 hPa( +9000 to -500m in altitude )
- Supply Voltage
1.7 to 3.6 V
- Operating Temperature
-40 to +85°C
- Digital interface
I2C slave interface (High Speed Mode) is supported.
- Lead free, RoHS instruction, Halogen free conforming
Absolute Maximum Rating
ESD
HBM
[V]
2000
Storage temperature
Tstg
[°C]
-40
-
+125
Max load pressure
Pmax
[hPa]
260
-
30000
Typ.
max.
Max supply voltage
VDD
[V]
-0.4
-
3.63
Digital Pressure Sensor
2/7
HSPPAD132A Data Sheet
Rev.1
Apr/23/2015
Item
Symbol
Unit.
Specification
Notes
min.
(/)
3
(/)
4
(/)
11
(/)
5
(/)
8
(/)
9
(/)
10
(/)
2
(/)
7
ALPS ELECTRIC CO.,LTD.
ALPS ELECTRIC CO.,LTD.
ALPS ELECTRIC CO.,LTD.
ALPS ELECTRIC CO.,LTD.
ALPS ELECTRIC CO.,LTD.
ALPS ELECTRIC CO.,LTD.
ALPS ELECTRIC CO.,LTD.
ALPS ELECTRIC CO.,LTD.
ALPS ELECTRIC CO.,LTD. (/)
6
ALPS ELECTRIC CO.,LTD.
Confidential


同様の部品番号 - HSPPAD132A

メーカー部品番号データシート部品情報
logo
ALPS ELECTRIC CO.,LTD.
HSPPAD042A ALPS-HSPPAD042A Datasheet
1Mb / 30P
   Digital Pressure Sensor
More results

同様の説明 - HSPPAD132A

メーカー部品番号データシート部品情報
logo
Bosch Sensortec GmbH
BMP180 BOSCH-BMP180 Datasheet
633Kb / 29P
   Digital pressure sensor
logo
Panasonic Semiconductor
DP-001 PANASONIC-DP-001 Datasheet
800Kb / 10P
   Digital Pressure Sensor
logo
Bosch Sensortec GmbH
BMP280 BOSCH-BMP280 Datasheet
1Mb / 49P
   Digital Pressure Sensor
logo
ALPS ELECTRIC CO.,LTD.
HSPPAD042A ALPS-HSPPAD042A Datasheet
1Mb / 30P
   Digital Pressure Sensor
logo
TE Connectivity Ltd
MS5637 TEC-MS5637_16 Datasheet
129Kb / 4P
   Digital Pressure Sensor
logo
HOPE Microelectronics C...
HP303B HOPE-HP303B Datasheet
1Mb / 38P
   Digital Pressure Sensor
logo
Bosch Sensortec GmbH
BMP388 BOSCH-BMP388 Datasheet
2Mb / 57P
   Digital pressure sensor
logo
TE Connectivity Ltd
MS5637 TEC-MS5637 Datasheet
129Kb / 4P
   Digital Pressure Sensor
logo
Bosch Sensortec GmbH
BMP085 BOSCH-BMP085 Datasheet
644Kb / 27P
   Digital pressure sensor
BMP183 BOSCH-BMP183 Datasheet
743Kb / 28P
   Digital pressure sensor
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com