データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RSBEC2680Z310K データシート(PDF) 1 Page - Kemet Corporation

部品番号 RSBEC2680Z310K
部品情報  RSB, Film, Metallized Polyester Stacked, Automotive Grade, 0.068 uF, 10%, 100 VDC, 85C, Lead Spacing = 5mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEMET [Kemet Corporation]
ホームページ  http://www.kemet.com
Logo KEMET - Kemet Corporation

RSBEC2680Z310K データシート(HTML) 1 Page - Kemet Corporation

  RSBEC2680Z310K Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: RSBEC2680Z310K
RSB, Film, Metallized Polyester Stacked, Automotive Grade, 0.068 uF, 10%, 100 VDC, 85C, Lead Spacing = 5mm
Dimensions
L
7.2mm +0.2mm
H
6.5mm +0.1mm
T
2.5mm +0.2mm
S
5mm +/-0.4mm
LL
17mm +1/-2mm
F
0.6mm +/-0.05mm
Packaging Specifications
Packaging: Bulk, Bag
Packaging Quantity: 4000
General Information
Supplier: KEMET
Series: RSB
Dielectric: Metallized Polyester Stacked
Style: Radial
Features: Automotive Grade, DC
Multipurpose Applications
RoHS: Yes
Lead: Wire Leads
Qualifications: AEC-Q200
AEC-Q200: Yes
Miscellaneous: Above 85C DC And AC Voltage
Derating Is 1.25%/C
Specifications
Capacitance: 0.068 uF
Capacitance Tolerance: 10%
Voltage AC: 63 VAC
Voltage DC: 100 VDC
Temperature Range: -55/+125C
Rated Temperature: 85C
Dissipation Factor: 0.80% 1kHz, 1.20% 10kHz,
2.50% 100kHz
Insulation Resistance: 15 GOhms
Max dV/dt: 300 V/us
Inductance: 7 nH
© 2006 - 2018 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 7/31/2018 - 517d6751-4e09-44eb-ad09-11157ccb6caf


同様の部品番号 - RSBEC2680Z310K

メーカー部品番号データシート部品情報
logo
Kemet Corporation
RSBEC2100AA00K KEMET-RSBEC2100AA00K Datasheet
56Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 0.01 uF, 10%, 100 VDC, 85C, Lead Spacing = 5mm
RSBEC2100Z300K KEMET-RSBEC2100Z300K Datasheet
54Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, RSB, 0.01 uF, 10%, 100 V, 85C, Lead Spacing = 5mm
RSBEC2150Z300K KEMET-RSBEC2150Z300K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 0.015 uF, 10%, 100 VDC, 85C, Lead Spacing = 5mm
RSBEC2330AA00K KEMET-RSBEC2330AA00K Datasheet
56Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 0.033 uF, 10%, 100 VDC, 85C, Lead Spacing = 5mm
RSBEC2330Z300K KEMET-RSBEC2330Z300K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 0.033 uF, 10%, 100 VDC, 85C, Lead Spacing = 5mm
More results

同様の説明 - RSBEC2680Z310K

メーカー部品番号データシート部品情報
logo
Kemet Corporation
RSBIC2680AA00K KEMET-RSBIC2680AA00K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 0.068 uF, 10%, 250 VDC, 85C, Lead Spacing = 5mm
RSBIC2680Z300K KEMET-RSBIC2680Z300K Datasheet
58Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 0.068 uF, 10%, 250 VDC, 85C, Lead Spacing = 5mm
RSBEC2150Z300K KEMET-RSBEC2150Z300K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 0.015 uF, 10%, 100 VDC, 85C, Lead Spacing = 5mm
RSBEC3470Z310K KEMET-RSBEC3470Z310K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 0.47 uF, 10%, 100 VDC, 85C, Lead Spacing = 5mm
RSBEC3150AA00K KEMET-RSBEC3150AA00K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 0.15 uF, 10%, 100 VDC, 85C, Lead Spacing = 5mm
RSBEC2100AA00K KEMET-RSBEC2100AA00K Datasheet
56Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 0.01 uF, 10%, 100 VDC, 85C, Lead Spacing = 5mm
RSBEC2470AA00K KEMET-RSBEC2470AA00K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 0.047 uF, 10%, 100 VDC, 85C, Lead Spacing = 5mm
RSBEC3470AA10K KEMET-RSBEC3470AA10K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 0.47 uF, 10%, 100 VDC, 85C, Lead Spacing = 5mm
RSBEC3220Z300K KEMET-RSBEC3220Z300K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 0.22 uF, 10%, 100 VDC, 85C, Lead Spacing = 5mm
RSBEC3220AA00K KEMET-RSBEC3220AA00K Datasheet
56Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 0.22 uF, 10%, 100 VDC, 85C, Lead Spacing = 5mm
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com