データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RSBPC1470AA00K データシート(PDF) 1 Page - Kemet Corporation

部品番号 RSBPC1470AA00K
部品情報  RSB, Film, Metallized Polyester Stacked, Automotive Grade, 4700 pF, 10%, 630 VDC, 85C, Lead Spacing = 5mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEMET [Kemet Corporation]
ホームページ  http://www.kemet.com
Logo KEMET - Kemet Corporation

RSBPC1470AA00K データシート(HTML) 1 Page - Kemet Corporation

  RSBPC1470AA00K Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: RSBPC1470AA00K
RSB, Film, Metallized Polyester Stacked, Automotive Grade, 4700 pF, 10%, 630 VDC, 85C, Lead Spacing = 5mm
Dimensions
L
7.2mm +0.3mm
H
9.5mm +0.1mm
T
4.5mm +0.2mm
S
5mm +/-0.4mm
LL
4mm +1.5mm
F
0.6mm +/-0.05mm
Packaging Specifications
Packaging: Bulk, Bag
Packaging Quantity: 1500
General Information
Supplier: KEMET
Series: RSB
Dielectric: Metallized Polyester Stacked
Style: Radial
Features: Automotive Grade, DC
Multipurpose Applications
RoHS: Yes
Lead: Cut
Qualifications: AEC-Q200
AEC-Q200: Yes
Miscellaneous: Above 85C DC And AC Voltage
Derating Is 1.25%/C
Specifications
Capacitance: 4700 pF
Capacitance Tolerance: 10%
Voltage AC: 220 VAC
Voltage DC: 630 VDC
Temperature Range: -55/+125C
Rated Temperature: 85C
Dissipation Factor: 0.80% 1kHz, 1.20% 10kHz,
2.50% 100kHz
Insulation Resistance: 30 GOhms
Max dV/dt: 800 V/us
Inductance: 7 nH
© 2006 - 2018 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 7/31/2018 - c537eaf7-34a6-4ae9-a875-36ccd2b2857d


同様の部品番号 - RSBPC1470AA00K

メーカー部品番号データシート部品情報
logo
Kemet Corporation
RSBPC1470Z300K KEMET-RSBPC1470Z300K Datasheet
58Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 4700 pF, 10%, 630 VDC, 85C, Lead Spacing = 5mm
More results

同様の説明 - RSBPC1470AA00K

メーカー部品番号データシート部品情報
logo
Kemet Corporation
RSBPC1470Z300K KEMET-RSBPC1470Z300K Datasheet
58Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 4700 pF, 10%, 630 VDC, 85C, Lead Spacing = 5mm
RSBWC1470Z300K KEMET-RSBWC1470Z300K Datasheet
58Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 4700 pF, 10%, 500 VDC, 85C, Lead Spacing = 5mm
RSBEC1470AA00K KEMET-RSBEC1470AA00K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 4700 pF, 10%, 100 VDC, 85C, Lead Spacing = 5mm
RSBIC1470AA00K KEMET-RSBIC1470AA00K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 4700 pF, 10%, 250 VDC, 85C, Lead Spacing = 5mm
RSBMC1470Z300K KEMET-RSBMC1470Z300K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 4700 pF, 10%, 400 VDC, 85C, Lead Spacing = 5mm
RSBMC1470AA00K KEMET-RSBMC1470AA00K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 4700 pF, 10%, 400 VDC, 85C, Lead Spacing = 5mm
RSBWC1470AA00K KEMET-RSBWC1470AA00K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 4700 pF, 10%, 500 VDC, 85C, Lead Spacing = 5mm
RSBIC1470Z300K KEMET-RSBIC1470Z300K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 4700 pF, 10%, 250 VDC, 85C, Lead Spacing = 5mm
RSBEC1470Z300K KEMET-RSBEC1470Z300K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 4700 pF, 10%, 100 VDC, 85C, Lead Spacing = 5mm
RSBPC1680AA00K KEMET-RSBPC1680AA00K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 6800 pF, 10%, 630 VDC, 85C, Lead Spacing = 5mm
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com