データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RT5047BF データシート(PDF) 7 Page - Richtek Technology Corporation

部品番号 RT5047BF
部品情報  Single Output LNB Supply and Control Voltage Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RICHTEK [Richtek Technology Corporation]
ホームページ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5047BF データシート(HTML) 7 Page - Richtek Technology Corporation

Back Button RT5047BF Datasheet HTML 3Page - Richtek Technology Corporation RT5047BF Datasheet HTML 4Page - Richtek Technology Corporation RT5047BF Datasheet HTML 5Page - Richtek Technology Corporation RT5047BF Datasheet HTML 6Page - Richtek Technology Corporation RT5047BF Datasheet HTML 7Page - Richtek Technology Corporation RT5047BF Datasheet HTML 8Page - Richtek Technology Corporation RT5047BF Datasheet HTML 9Page - Richtek Technology Corporation RT5047BF Datasheet HTML 10Page - Richtek Technology Corporation RT5047BF Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
RT5047BF
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5047BF-00
December
2017
www.richtek.com
7
Typical Application Circuit
VIN
CBST
20
μF/30μF
VIN
RT5047BF
L1
10
μF
LX
SEL
TONE
GND
LNB
CLNB
0.1
μF
Max. 550mA
CIN2
1
μF
CIN1
2x10
μF
BOOST
EN
VLNB
D1
SS14
D2
SS14
D4
SMDJ20A
D3
SS14
D5
SS14
1
2
3
4
5
8
6
9 (Exposed Pad)
FAULT
3.3V
RFAULT1
3.3k
Ω
Note :
1. D2, D3, D4, D5 are used for surge protection.
2. The capacitor CLNB should not be less than 1F for the power stability.
3. EN, TONE, and SEL are connected to microcontroller directly.


同様の部品番号 - RT5047BF

メーカー部品番号データシート部品情報
logo
Richtek Technology Corp...
RT5047B RICHTEK-RT5047B Datasheet
925Kb / 17P
   Single Output LNB Supply and Control Voltage Regulator
More results

同様の説明 - RT5047BF

メーカー部品番号データシート部品情報
logo
Richtek Technology Corp...
RT5047A RICHTEK-RT5047A Datasheet
925Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator
RT5070 RICHTEK-RT5070 Datasheet
825Kb / 13P
   Single Output LNB Supply and Control Voltage Regulator
RT5047 RICHTEK-RT5047 Datasheet
976Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator
RT5047 RICHTEK-RT5047_17 Datasheet
902Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator
RT5047B RICHTEK-RT5047B Datasheet
925Kb / 17P
   Single Output LNB Supply and Control Voltage Regulator
logo
Intersil Corporation
ISL9492_1103 INTERSIL-ISL9492_1103 Datasheet
1Mb / 21P
   Single Output LNB Supply and Control Voltage Regulator
logo
Allegro MicroSystems
A8298SESTR-T ALLEGRO-A8298SESTR-T Datasheet
101Kb / 2P
   Single LNB Supply and Control Voltage Regulator
A8291 ALLEGRO-A8291 Datasheet
396Kb / 18P
   Single LNB Supply and Control Voltage Regulator
February 15, 2012
A8291 ALLEGRO-A8291 Datasheet
369Kb / 19P
   Single LNB Supply and Control Voltage Regulator
A8294 ALLEGRO-A8294 Datasheet
344Kb / 18P
   Single LNB Supply and Control Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com