データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M0531-4-SS データシート(PDF) 1 Page - RAF ELECTRONIC HARDWARE

部品番号 M0531-4-SS
部品情報  6MM ROUND SPACERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RAF [RAF ELECTRONIC HARDWARE]
ホームページ  http://www.rafhdwe.com/
Logo RAF - RAF ELECTRONIC HARDWARE

M0531-4-SS データシート(HTML) 1 Page - RAF ELECTRONIC HARDWARE

  M0531-4-SS Datasheet HTML 1Page - RAF ELECTRONIC HARDWARE  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This Drawing is the Property of RAF.
It contains confidential, proprietary
information that is RAF property. Do
not disclose to or duplicate for others
except as authorized by RAF.
TOLERANCES
ALL DIMENSIONS ARE INCHES
(UNLESS OTHERWISE SPECIFIED)
METALLIC
LENGTHS </=: 6 INCHES ± 0.005
LENGTH >: 6 INCHES ±0.010
DIAMETERS: ±0.005
NON-METALLIC
LENGTH: ±0.010 DIAMETERS: ± 0.010
INTERNAL THREADS:
MINIMUM THREAD DEPTH
SCALE
SHEET
1 of 1
REV
DATE
DRN
CHK
CHANGE
SJ
T
Drawn
0.079
[2.00]
0.169+0.011
-0.000
4.30+0.30
-0.00
[
]
0.236
[6.00]
6MM ROUND SPACERS
M0531-4-SS
10.00
95 Silvermine Rd.,Seymour CT 06483
Tel: 203-888-2133, Fax: 203-888-9860
02/06/17
COMPONENT
SPACERS
NOTES:
1. Material : Stainless Steel
2. Finish : No Plate
3. ASME Y14.5M - 2009
4. All Drawing Dimensions are in Inches [mm]
5. Unless otherwise specified; Edge Breaks,
Radii or Countersinks 0.005-0.015


同様の部品番号 - M0531-4-SS

メーカー部品番号データシート部品情報
logo
RAF ELECTRONIC HARDWARE
M0531-4-AL RAF-M0531-4-AL Datasheet
48Kb / 1P
   6MM ROUND SPACERS
More results

同様の説明 - M0531-4-SS

メーカー部品番号データシート部品情報
logo
RAF ELECTRONIC HARDWARE
M0536-3-SS RAF-M0536-3-SS Datasheet
48Kb / 1P
   6MM ROUND SPACERS
M0533-4-N RAF-M0533-4-N Datasheet
48Kb / 1P
   6MM ROUND SPACERS
M0534-3-N RAF-M0534-3-N Datasheet
47Kb / 1P
   6MM ROUND SPACERS
M0542-3-N RAF-M0542-3-N Datasheet
47Kb / 1P
   6MM ROUND SPACERS
M0546-4-AL RAF-M0546-4-AL Datasheet
47Kb / 1P
   6MM ROUND SPACERS
M0531-3-N RAF-M0531-3-N Datasheet
47Kb / 1P
   6MM ROUND SPACERS
M0532-4-AL RAF-M0532-4-AL Datasheet
47Kb / 1P
   6MM ROUND SPACERS
M0532-3-N RAF-M0532-3-N Datasheet
47Kb / 1P
   6MM ROUND SPACERS
M0532-3-SS RAF-M0532-3-SS Datasheet
47Kb / 1P
   6MM ROUND SPACERS
M0532-4-SS RAF-M0532-4-SS Datasheet
48Kb / 1P
   6MM ROUND SPACERS
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com