データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SJ348 データシート(PDF) 3 Page - Sanyo Semicon Device

部品番号 2SJ348
部品情報  Ultrahigh-Speed Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SJ348 データシート(HTML) 3 Page - Sanyo Semicon Device

  2SJ348 Datasheet HTML 1Page - Sanyo Semicon Device 2SJ348 Datasheet HTML 2Page - Sanyo Semicon Device 2SJ348 Datasheet HTML 3Page - Sanyo Semicon Device 2SJ348 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SJ348
No.6421–3/4
40
50
60
0
30
80
70
20
10
20
0
60
40
80
100
140
120
160
PD -- Tc
1.2
1.6
1.75
0
0.8
2.0
0.4
20
060
40
80
100
140
120
160
PD -- Ta
IT00679
IT00680
--80
RDS(on) -- Tc
80
--40
160
40
120
0
Ciss
Coss
Crss
f=1MHz
0
Ciss, Coss, Crss -- VDS
5
5
3
3
1000
2
2
5
10000
100
2
7
7
7
--10
--15
--20
--25
--30
--5
SW Time -- ID
5
1000
100
2
2
5
7
2
3
7
3
10
--1.0
25
--10
25
5
7
3
3
3
7
td(on)
td(off)
tf
tr
VDD=--30V
VGS=--10V
10µ
s
100
µ
s
1ms
10ms
100ms
IDP=--120A
ID=--30A
A S O
--1
2
7
7
7
5
5
--10
2
5
3
3
--100
2
--1
2
77
7
5
5
--10
--100
23
35
IT00678
IT00675
IT00677
IT00676
DC
operation
60
40
20
10
30
50
70
80
0
Operation in
this area is
limited by RDS(on)
I D
=--15A,
V GS
=--4V
I D
=--15A,
V GS
=--10V
Drain-to-Source Voltage, VDS –V
Drain Current, ID –A
Drain-to-Source Voltage, VDS –V
Ambient Temperature, Ta – ˚C
Tc=25
°C
Single pulse
Case Temperature, Tc – ˚C
Case Temperature, Tc – ˚C
No
heat
sink


同様の部品番号 - 2SJ348

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
2SJ340 SANYO-2SJ340 Datasheet
42Kb / 4P
   Ultrahigh-Speed Switching Applications
logo
Toshiba Semiconductor
2SJ342 TOSHIBA-2SJ342 Datasheet
198Kb / 4P
   P CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCH APPLICATIONS)
2SJ342 TOSHIBA-2SJ342 Datasheet
570Kb / 5P
   High Speed Switching, Analog Switch Applications
2SJ342 TOSHIBA-2SJ342_07 Datasheet
570Kb / 5P
   High Speed Switching, Analog Switch Applications
2SJ343 TOSHIBA-2SJ343 Datasheet
200Kb / 4P
   P CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANAROG SWITCH APPLICATIONS)
More results

同様の説明 - 2SJ348

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
CPH3304 SANYO-CPH3304 Datasheet
132Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3308 SANYO-CPH3308 Datasheet
28Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3407 SANYO-CPH3407 Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
FW214 SANYO-FW214 Datasheet
46Kb / 3P
   Ultrahigh-Speed Switching Applications
FW313 SANYO-FW313 Datasheet
61Kb / 6P
   Ultrahigh-Speed Switching Applications
2SK2631 SANYO-2SK2631 Datasheet
30Kb / 5P
   Ultrahigh-Speed Switching Applications
2SK1459 SANYO-2SK1459 Datasheet
100Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ339 SANYO-2SJ339 Datasheet
40Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ417 SANYO-2SJ417 Datasheet
89Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ459 SANYO-2SJ459 Datasheet
32Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ485 SANYO-2SJ485 Datasheet
43Kb / 4P
   Ultrahigh-Speed Switching Applications
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com