データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM6800A データシート(PDF) 3 Page - Nippon Precision Circuits Inc

部品番号 SM6800A
部品情報  Class-D Mono Amplifier for Mobile Telephones
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NPC [Nippon Precision Circuits Inc]
ホームページ  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6800A データシート(HTML) 3 Page - Nippon Precision Circuits Inc

  SM6800A Datasheet HTML 1Page - Nippon Precision Circuits Inc SM6800A Datasheet HTML 2Page - Nippon Precision Circuits Inc SM6800A Datasheet HTML 3Page - Nippon Precision Circuits Inc SM6800A Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6800A Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6800A Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6800A Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6800A Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6800A Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SM6800A
NIPPON PRECISION CIRCUITS INC.—3
SPECIFICATIONS
Absolute Maximum Ratings
Recommended Operating Conditions
VSS = VSS1 = VSS2 = VSS3 = 0V, VDDS =VDD1, VDDP = VDD2 = VDD3 unless otherwise noted
Electrical Characteristics
DC Characteristics
VSS1 = VSS2 = VSS3 = 0V, VDD1 = 2.7 to 4.3V, VDD2 = VDD3 = 2.7 to 4.3V, Ta =
−40 to 85°C unless
otherwise noted
Note 1: MUTEN
= HIGH, PDWN = HIGH, input and VREF1 connected by 600Ω, TM1 = TM2 = LOW, no-load output
Note 2: MUTEN
= LOW, PDWN = LOW, input and VREF1 connected by 600Ω, TM1 = TM2 = LOW, no-load output
Parameter
Symbol
Rating
Unit
Supply voltage range
VDDS, VDDP
−0.3 to 4.6
V
Supply voltage ground
VSS
0V
Input voltage range
VIN
VSS − 0.3 to VDDS + 0.3
V
Storage temperature range
TSTG
−55 to +125
°C
Output current
IO
300
mA
Power dissipation1
1. Under NPC measurement conditions,
θJa = 116.2°C/W.
The power dissipation is given by: PD = ((TJMAX − Ta)/ θJa) where TJMAX = 125°C and Ta = 85°C
PD
340
mW
Parameter
Symbol
Rating
Unit
Supply voltage 1
VDDS
2.7 to 4.3
V
Supply voltage 2
VDDP
2.7 to 4.3
V
Supply voltage difference
VDD3 − VDD2
± 0.1
V
Operating temperature range
Ta
−40 to 85
°C
Parameter
Pin
Symbol
Conditions
Rating
Unit
min
typ
max
Current consumption
VDD1
IDD1A
(Note 1)
4.6
8.0
mA
IDD1S
(Note 2)
0.2
0.5
µA
VDD2 + VDD3
IDDAA
(Note 1)
0.2
0.6
mA
IDDAS
(Note 2)
0.1
0.3
µA
Input voltage 1
TEST
VIH1
HIGH level
0.8VDDS
––
V
Input voltage 2
TM1, TM2,
MUTEN, PDWN
VIH2
HIGH level
0.9VDDS
––
V
VIL2
LOW level
0.4
V
Input leakage current 1
TEST
ILH1
VIN = VDD1
1.0
µA
Input leakage current 2
TM1, TM2,
MUTEN, PDWN
ILH2
VIN = VDD1
1.0
µA
ILL2
VIN = 0V
−−
1.0
µA


同様の部品番号 - SM6800A

メーカー部品番号データシート部品情報
logo
Nippon Precision Circui...
SM6801A NPC-SM6801A Datasheet
213Kb / 16P
   Class-D Mono Amplifier for Portable Device
logo
M.S. Kennedy Corporatio...
SM6801A MSK-SM6801A Datasheet
92Kb / 1P
   Linear Constant Current LED Driver, Fixed 100mA
logo
SamHop Microelectronics...
SM6801A SAMHOP-SM6801A Datasheet
92Kb / 1P
   Linear Constant Current LED Driver, Fixed 100mA
logo
Nippon Precision Circui...
SM6801AB NPC-SM6801AB Datasheet
213Kb / 16P
   Class-D Mono Amplifier for Portable Device
logo
SamHop Microelectronics...
SM6802 SAMHOP-SM6802 Datasheet
231Kb / 13P
   WHITE / BLUE LED DRIVER FOR LI- ION BATTERY APPLICATION
More results

同様の説明 - SM6800A

メーカー部品番号データシート部品情報
logo
Nippon Precision Circui...
SM6801A NPC-SM6801A Datasheet
213Kb / 16P
   Class-D Mono Amplifier for Portable Device
logo
Maxim Integrated Produc...
MAX98300 MAXIM-MAX98300 Datasheet
1Mb / 14P
   Mono 2.6W Class D Amplifier
Rev 0; 7/10
logo
STMicroelectronics
TDA7481 STMICROELECTRONICS-TDA7481 Datasheet
143Kb / 6P
   10W MONO CLASS-D AMPLIFIER
TDA7482 STMICROELECTRONICS-TDA7482 Datasheet
112Kb / 6P
   25W MONO CLASS-D AMPLIFIER
logo
Maxim Integrated Produc...
MAX9830 MAXIM-MAX9830 Datasheet
1Mb / 11P
   Mono 2W Class D Amplifier
Rev 0; 8/09
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
[Old version datasheet]   Mono Class-D Audio Amplifier
logo
STMicroelectronics
TDA7480 STMICROELECTRONICS-TDA7480 Datasheet
177Kb / 10P
   10W MONO CLASS-D AMPLIFIER
logo
Maxim Integrated Produc...
MAX9830 MAXIM-MAX9830_10 Datasheet
1Mb / 12P
   Mono 2W Class D Amplifier
19-4806; Rev 1; 4/10
logo
Texas Instruments
TAS2555 TI1-TAS2555 Datasheet
879Kb / 12P
[Old version datasheet]   Class-D Mono Audio Amplifier
logo
STMicroelectronics
TDA7482 STMICROELECTRONICS-TDA7482_04 Datasheet
114Kb / 7P
   25W MONO CLASS-D AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com