データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM6800A データシート(PDF) 4 Page - Nippon Precision Circuits Inc

部品番号 SM6800A
部品情報  Class-D Mono Amplifier for Mobile Telephones
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NPC [Nippon Precision Circuits Inc]
ホームページ  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6800A データシート(HTML) 4 Page - Nippon Precision Circuits Inc

  SM6800A Datasheet HTML 1Page - Nippon Precision Circuits Inc SM6800A Datasheet HTML 2Page - Nippon Precision Circuits Inc SM6800A Datasheet HTML 3Page - Nippon Precision Circuits Inc SM6800A Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6800A Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6800A Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6800A Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6800A Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6800A Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SM6800A
NIPPON PRECISION CIRCUITS INC.—4
AC Analog Characteristics
VDD1
= VDD2 = VDD3 = 3.6V, VSS1 = VSS2 = VSS3 = 0V, 0.708Vrms analog input amplitude, 1kHz input
signal frequency, Ta
= 25°C, "Measurement block diagram”, "Measurement conditions”, "Measurement cir-
cuit”, TM1
= TM2 = LOW, PDWN = MUTEN = HIGH, unless otherwise noted
Analog input characteristics (IN)
Analog output characteristics (OUTP, OUTN)
Reference voltage characteristics (VREF1)
Parameter
Symbol
Conditions
Rating
Unit
min
typ
max
Reference input amplitude 1
VAI1
PO
= 0.2W
0.708
Vrms
Reference input amplitude 2
VAI2
PO
= 0.05W
0.178
Vrms
Input resistance
RIN
48
60
72
k
Input clipping voltage
VCLP
PO
= 0.5W
0.7
1
1.3
Vrms
Parameter
Symbol
Conditions
Rating
Unit
min
typ
max
Voltage gain 1
A1
TM1 = TM2 = LOW,
reference input amplitude 1
2.5
4.5
6.5
dB
Voltage gain 2
A2
TM1 = HIGH, TM2 = LOW,
reference input amplitude 2
10.0
12.0
14.0
dB
Residual noise voltage
VNS
TM1 = TM2 = LOW,
input and VREF1 connected by 600
–68
90
µVrms
Total harmonic distortion
+ noise
THD
+ NPO = 0.2W, reference input amplitude 1
0.4
1.0
%
Maximum output power
POMAX
Output power when THD = 10%
0.6
0.7
0.8
W
Mute-mode output voltage
VMUTE
Output power when MUTEN = LOW
– 90.0
– 110
dBV
HIGH-level output voltage
VOH
VDDP
– 0.1
VDDP
– 0.02
VDDP
V
LOW-level output voltage
VOL
0
0.02
0.1
V
Efficiency
EEF
Maximum output power conditions
80
83
%
Parameter
Symbol
Rating
Unit
min
typ
max
Reference output voltage 1
VREF1
0.45VDDS
0.5VDDS
0.55VDDS
V


同様の部品番号 - SM6800A

メーカー部品番号データシート部品情報
logo
Nippon Precision Circui...
SM6801A NPC-SM6801A Datasheet
213Kb / 16P
   Class-D Mono Amplifier for Portable Device
logo
M.S. Kennedy Corporatio...
SM6801A MSK-SM6801A Datasheet
92Kb / 1P
   Linear Constant Current LED Driver, Fixed 100mA
logo
SamHop Microelectronics...
SM6801A SAMHOP-SM6801A Datasheet
92Kb / 1P
   Linear Constant Current LED Driver, Fixed 100mA
logo
Nippon Precision Circui...
SM6801AB NPC-SM6801AB Datasheet
213Kb / 16P
   Class-D Mono Amplifier for Portable Device
logo
SamHop Microelectronics...
SM6802 SAMHOP-SM6802 Datasheet
231Kb / 13P
   WHITE / BLUE LED DRIVER FOR LI- ION BATTERY APPLICATION
More results

同様の説明 - SM6800A

メーカー部品番号データシート部品情報
logo
Nippon Precision Circui...
SM6801A NPC-SM6801A Datasheet
213Kb / 16P
   Class-D Mono Amplifier for Portable Device
logo
Maxim Integrated Produc...
MAX98300 MAXIM-MAX98300 Datasheet
1Mb / 14P
   Mono 2.6W Class D Amplifier
Rev 0; 7/10
logo
STMicroelectronics
TDA7481 STMICROELECTRONICS-TDA7481 Datasheet
143Kb / 6P
   10W MONO CLASS-D AMPLIFIER
TDA7482 STMICROELECTRONICS-TDA7482 Datasheet
112Kb / 6P
   25W MONO CLASS-D AMPLIFIER
logo
Maxim Integrated Produc...
MAX9830 MAXIM-MAX9830 Datasheet
1Mb / 11P
   Mono 2W Class D Amplifier
Rev 0; 8/09
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
[Old version datasheet]   Mono Class-D Audio Amplifier
logo
STMicroelectronics
TDA7480 STMICROELECTRONICS-TDA7480 Datasheet
177Kb / 10P
   10W MONO CLASS-D AMPLIFIER
logo
Maxim Integrated Produc...
MAX9830 MAXIM-MAX9830_10 Datasheet
1Mb / 12P
   Mono 2W Class D Amplifier
19-4806; Rev 1; 4/10
logo
Texas Instruments
TAS2555 TI1-TAS2555 Datasheet
879Kb / 12P
[Old version datasheet]   Class-D Mono Audio Amplifier
logo
STMicroelectronics
TDA7482 STMICROELECTRONICS-TDA7482_04 Datasheet
114Kb / 7P
   25W MONO CLASS-D AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com