データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SJ600 データシート(PDF) 3 Page - NEC

部品番号 2SJ600
部品情報  SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

2SJ600 データシート(HTML) 3 Page - NEC

  2SJ600 Datasheet HTML 1Page - NEC 2SJ600 Datasheet HTML 2Page - NEC 2SJ600 Datasheet HTML 3Page - NEC 2SJ600 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Preliminary Data Sheet D14645EJ1V0DS
3
2SJ600
PACKAGE DRAWINGS (Unit : mm)
1) TO-251 (MP-3)
1.Gate
2.Drain
3.Source
4.Fin (Drain)
2
13
6.5±0.2
5.0±0.2
4
2.3
2.3
0.5±0.1
2.3±0.2
1.1±0.2
0.5-0.1
+0.2
0.5-0.1
+0.2
2) TO-252 (MP-3Z)
1. Gate
2. Drain
3. Source
4. Fin (Drain)
12
3
4
6.5±0.2
5.0±0.2
2.3 2.3
0.9
MAX.
2.3±0.2
0.5±0.1
0.8
MAX.
0.8
1.1±0.2
EQUIVALENT CIRCUIT
Source
Body
Diode
Gate
Protection
Diode
Gate
Drain
Remark
The diode connected between the gate and source of the transistor serves as a protector against ESD.
When this device actually used, an additional protection circuit is externally required if a voltage
exceeding the rated voltage may be applied to this device.


同様の部品番号 - 2SJ600

メーカー部品番号データシート部品情報
logo
Guangdong Kexin Industr...
2SJ600 KEXIN-2SJ600 Datasheet
51Kb / 2P
   MOS Field Effect Transistor
logo
VBsemi Electronics Co.,...
2SJ600 VBSEMI-2SJ600 Datasheet
993Kb / 7P
   P-Channel 60 V (D-S) MOSFET
logo
Renesas Technology Corp
2SJ600 RENESAS-2SJ600 Datasheet
246Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2001
logo
Guangdong Kexin Industr...
2SJ600-Z KEXIN-2SJ600-Z Datasheet
964Kb / 2P
   P-Channel MOSFET
logo
Renesas Technology Corp
2SJ600-Z RENESAS-2SJ600-Z Datasheet
246Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2001
More results

同様の説明 - 2SJ600

メーカー部品番号データシート部品情報
logo
NEC
UPA1730 NEC-UPA1730 Datasheet
71Kb / 8P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ330 NEC-2SJ330 Datasheet
339Kb / 6P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ493 NEC-2SJ493 Datasheet
66Kb / 8P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ495 NEC-2SJ495 Datasheet
75Kb / 8P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ329 NEC-2SJ329 Datasheet
344Kb / 6P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ331 NEC-2SJ331 Datasheet
345Kb / 6P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ601 NEC-2SJ601 Datasheet
54Kb / 4P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ302 NEC-2SJ302 Datasheet
440Kb / 8P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1716 NEC-UPA1716 Datasheet
66Kb / 8P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1717 NEC-UPA1717 Datasheet
65Kb / 8P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com