データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVX3L383WM データシート(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 74LVX3L383WM
部品情報  10-Bit Low Power Bus-Exchange Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

74LVX3L383WM データシート(HTML) 3 Page - National Semiconductor (TI)

  74LVX3L383WM Datasheet HTML 1Page - National Semiconductor (TI) 74LVX3L383WM Datasheet HTML 2Page - National Semiconductor (TI) 74LVX3L383WM Datasheet HTML 3Page - National Semiconductor (TI) 74LVX3L383WM Datasheet HTML 4Page - National Semiconductor (TI) 74LVX3L383WM Datasheet HTML 5Page - National Semiconductor (TI) 74LVX3L383WM Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AC Electrical Characteristics
Symbol
Parameter
VCC
(V)
74LVX3L383
Units
TA eb40 Cto a85 C
CL e 50 pF
Min
Typ
Max
(Note 5)
tPLH
Data Propagation Delay
475
025
ns
tPHL
An to Bn or Bn to An (Note 6)
tPLH
Switch Exchange Time
475
15
65
ns
tPHL
BX to An or Bn
tPZL
Switch Enable Time
475
15
65
ns
tPZH
BE to An Bn
tPLZ
Switch Disenable Time
475
15
55
ns
tPHZ
BE to An Bn
Note 5
All typical values are at VCC e 50V TA e 25 C
Note 6
This parameter is guaranteed by design but not tested The bus switch contributes no propagation delay other than the RC delay of the On resistance of
the switch and the load capacitance The time constant for the switch and alone is of the order of 025 ns for 50 pF load Since this time constant is much smaller
than the risefall times of typical driving signals it adds very little propagation delay to the system Propagation delay of the bus switch when used in a system is
determined by the driving circuit on the driving side of the switch and its interaction with the load on the driven side
Capacitance (Note)
Symbol
Parameter
Typ
Max
Units
Conditions
CIN
Control Input Capacitance
4
6
pF
VCC e 50V
CIO (OFF)
InputOutput Capacitance
9
13
pF
VCC e 50V
Note
Capacitance is characterized but not tested
74LVX3L383 VIN vs RON (Typ)
TLF11652 – 4
http
www nationalcom
3


同様の部品番号 - 74LVX3L383WM

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
74LVX3L384 NSC-74LVX3L384 Datasheet
127Kb / 6P
   10-Bit Low Power Bus Switch
74LVX3L384MTC NSC-74LVX3L384MTC Datasheet
127Kb / 6P
   10-Bit Low Power Bus Switch
74LVX3L384MTCX NSC-74LVX3L384MTCX Datasheet
127Kb / 6P
   10-Bit Low Power Bus Switch
74LVX3L384QSC NSC-74LVX3L384QSC Datasheet
127Kb / 6P
   10-Bit Low Power Bus Switch
74LVX3L384QSCX NSC-74LVX3L384QSCX Datasheet
127Kb / 6P
   10-Bit Low Power Bus Switch
More results

同様の説明 - 74LVX3L383WM

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FST3383 FAIRCHILD-FST3383 Datasheet
50Kb / 5P
   10-Bit Low Power Bus-Exchange Switch
logo
National Semiconductor ...
54LVX3383 NSC-54LVX3383 Datasheet
87Kb / 6P
   10-Bit Low Power Bus-Exchange Switch
logo
Texas Instruments
SN74CBT3383 TI1-SN74CBT3383_16 Datasheet
1Mb / 26P
[Old version datasheet]   10-Bit Bus-Exchange Switch
logo
Integrated Device Techn...
IDT74CBTLV3383 IDT-IDT74CBTLV3383 Datasheet
72Kb / 5P
   LOW-VOLTAGE 10-BIT BUS-EXCHANGE SWITCH
logo
ON Semiconductor
74FST3383 ONSEMI-74FST3383 Datasheet
95Kb / 8P
   10-Bit Low Power Bus Exchange
January, 2005 ??Rev. 5
logo
Texas Instruments
SN74CBTL3383 TI-SN74CBTL3383 Datasheet
237Kb / 10P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
SN74CBTLV3383 TI-SN74CBTLV3383 Datasheet
83Kb / 6P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
SN74CBTLV3383 TI1-SN74CBTLV3383_15 Datasheet
872Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
logo
Integrated Device Techn...
IDTQS3L383 IDT-IDTQS3L383_99 Datasheet
44Kb / 5P
   QUICKSWITCH짰 PRODUCTS HIGH-SPEED LOW POWER 10-BIT BUS EXCHANGE SWITCH
IDTQS3L383 IDT-IDTQS3L383 Datasheet
57Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED LOW POWER 10-BIT BUS EXCHANGE SWITCH
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com