データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADM3085JR データシート(PDF) 6 Page - Analog Devices

部品番号 ADM3085JR
部品情報  High-Speed (10Mbps), Fail-Safe, RS-485/RS-422 Transceivers with Slew-Rate-Limiting and 5kV ESD Protection
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADM3085JR データシート(HTML) 6 Page - Analog Devices

Back Button ADM3085JR Datasheet HTML 2Page - Analog Devices ADM3085JR Datasheet HTML 3Page - Analog Devices ADM3085JR Datasheet HTML 4Page - Analog Devices ADM3085JR Datasheet HTML 5Page - Analog Devices ADM3085JR Datasheet HTML 6Page - Analog Devices ADM3085JR Datasheet HTML 7Page - Analog Devices ADM3085JR Datasheet HTML 8Page - Analog Devices ADM3085JR Datasheet HTML 9Page - Analog Devices ADM3085JR Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
ADM3082/ADM3085/ADM3088
–6 –
PRELIMINARY TECHNICAL DATA
ADM3082/ADM3085/ADM3088 SPECIFICATIONS (continued)
SWITCHING CHARACTERISTICS—ADM3088
(VCC = +5V ±5%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V and TA = +25°C.) (Note 1)
Parameter
Min
Typ
Max
Units
Test Conditions/Comments
Driver Input-to-Output, tDPLH
34
60
ns
Figures 2 and 5, RDIFF = 54 ,
Driver Input-to-Output, tDPHL
34
60
ns
CL1 = CL2 = 100pF
Driver Output Skew,|tDPLH -tDPHL|, tDSKEW
–2.5
±10
ns
Figures 2 and 5, RDIFF = 54 ,
CL1 = CL2 = 100pF
Driver Rise or Fall Time, tDR, tDF
14
25
ns
Figures 7 and 9, RDIFF = 54 ,
CL1 = CL2 = 100pF
Maximum Data Rate, fMAX
10
Mbps
Driver Enable to Output High, tDZH
150
ns
Figures 5 and 6, CL = 100pF,
S2 closed
Driver Enable to Output Low, tDZL
150
ns
Figures 5 and 6, CL = 100pF,
S1 closed
Driver Disable Time from Low, tDLZ
100
ns
Figures 5 and 6, CL = l5pF,
S1 closed
Driver Disable Time from High, tDHZ
100
ns
Figures 5 and 6, CL = l5pF,
S2 closed
Receiver Input-to-Output, tRPLH, tRPHL
106
150
ns
Figure 7; |VID|
2.0V;
rise and fall time of VID
l5ns
DifferentialReceiver Skew, tRSKD
0
±10
ns
Figures 7; |VID|
2.0V;
|tRPLH – tRPHL|
rise and fall time of VID
l5ns
Receiver Enable to Output Low, tRZL
20
50
ns
Figures 7 and 8, CL = 100pF,
S1 closed
Receiver Enable to Output High, tRZH
20
50
ns
Figures 7 and 8, CL = 100pF,
S2 closed
Receiver Disable Time from Low, tRLZ
20
50
ns
Figures 7 and 8, CL = 100pF,
S1 closed
Receiver Disable Time from High, tRHZ
20
50
ns
Figures 7 and 8, CL = 100pF,
S2 closed
Time to Shutdown, tSHDN
50
200
600
ns
(Note 5)
Driver Enable from Shutdown
250
ns
Figures 5 and 6, CL = l5pF,
toOutput High, tDZH(SHDN)
S2 closed
Driver Enable from Shutdown
250
ns
Figures 5 and 6, CL = l5pF,
to Output Low, tDZL(SHDN)
S1 closed
Receiver Enable from Shutdown
3500
ns
Figures 7 and 8, CL = 100pF,
to Output High, tRZH(SHDN)
S2 closed
Receiver Enable from Shutdown
3500
ns
Figures 7 and 8, CL = 100pF,
to Output Low, tRZL(SHDN)
S1 closed
NOTES
5The device is put into shutdown by bringing
RE high and DE low. If the enable inputs are in this state for less than 50ns, the device is guaranteed not to enter shut-
down. If the enable inputs are in this state for at least 600ns, the device is guaranteed to have entered shutdown.
REV. PrA 02/02


同様の部品番号 - ADM3085JR

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM3050E AD-ADM3050E Datasheet
360Kb / 18P
   Signal Isolated, Basic CAN FD Transceiver
ADM3050E AD-ADM3050E Datasheet
417Kb / 19P
   5.7 kV rms, Signal Isolated, Basic CAN FD Transceiver
Rev. B
ADM3050EBRIZ AD-ADM3050EBRIZ Datasheet
417Kb / 19P
   5.7 kV rms, Signal Isolated, Basic CAN FD Transceiver
Rev. B
ADM3050EBRIZ-RL AD-ADM3050EBRIZ-RL Datasheet
417Kb / 19P
   5.7 kV rms, Signal Isolated, Basic CAN FD Transceiver
Rev. B
ADM3050EBRWZ AD-ADM3050EBRWZ Datasheet
360Kb / 18P
   Signal Isolated, Basic CAN FD Transceiver
More results

同様の説明 - ADM3085JR

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
MAX3080CPD MAXIM-MAX3080CPD Datasheet
915Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080 MAXIM-MAX3080 Datasheet
275Kb / 20P
   Fail-Safe, High-Speed 10Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers
19-1138; Rev 1; 12/97
MAX3080 MAXIM-MAX3080_14 Datasheet
572Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080 MAXIM-MAX3080_V01 Datasheet
572Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
19-2668; Rev 4; 1/16
MAX3082CPA MAXIM-MAX3082CPA Datasheet
927Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080 MAXIM-MAX3080_07 Datasheet
622Kb / 20P
   Fail-Safe, High-Speed (10Mbps),Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080E MAXIM-MAX3080E Datasheet
213Kb / 20P
   ±15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 0; 9/00
MAX3080E MAXIM-MAX3080E_V01 Datasheet
242Kb / 20P
   짹15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
19-1800; Rev 1; 5/06
MAX3085ECPA MAXIM-MAX3085ECPA Datasheet
242Kb / 20P
   15,-15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 1; 5/06
logo
AiT Semiconductor Inc.
A3085 AITSEMI-A3085 Datasheet
599Kb / 9P
   RS-485 TRANSCEIVERS FAIL-SAFE, HIGH-SPEED SLEW-RATE-LIMITED
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com