データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADM3085AN データシート(PDF) 8 Page - Analog Devices

部品番号 ADM3085AN
部品情報  High-Speed (10Mbps), Fail-Safe, RS-485/RS-422 Transceivers with Slew-Rate-Limiting and 5kV ESD Protection
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADM3085AN データシート(HTML) 8 Page - Analog Devices

Back Button ADM3085AN Datasheet HTML 4Page - Analog Devices ADM3085AN Datasheet HTML 5Page - Analog Devices ADM3085AN Datasheet HTML 6Page - Analog Devices ADM3085AN Datasheet HTML 7Page - Analog Devices ADM3085AN Datasheet HTML 8Page - Analog Devices ADM3085AN Datasheet HTML 9Page - Analog Devices ADM3085AN Datasheet HTML 10Page - Analog Devices ADM3085AN Datasheet HTML 11Page - Analog Devices ADM3085AN Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
ADM3082/ADM3085/ADM3088
–8 –
PRELIMINARY TECHNICAL DATA
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VCC) . . . . . . . . . . . . . . . . . . . . . . . . . . +7V
Logic Input Voltage . . . . . . . . . . . . –0.3V to (VCC+0.3V)
Driver Output Voltage (A, B) . . . . . . . . . . . . . . . . . . ±13V
Receiver Input Voltage (A, B) . . . . . . . . . . . . . . . . . . ±13V
Receiver Input Voltage, Full Duplex (A, B) . . . . . . ±13V
Receiver Output Voltage (RO) . . . –0.3V to (VCC+0.3V)
Continuous Power Dissipation
8-Pin Plastic DIP
(derate 9.09mW/
oC above +70oC) . . . . . . . . . . . 727mW
8-Pin Plastic SO
(derate 5.88mW/oC above +70oC) . . . . . . . . . . . 471mW
Maximum Junction Temperature (TJmax) . . . . . . . 150 °C
Storage Temperature Range . . . . . . . . . –65°C to +150°C
Lead Temperature, Soldering
Vapor Phase 60 sec . . . . . . . . . . . . . . . . . . . . . . . . . +215°C
Infra-Red 15 sec . . . . . . . . . . . . . . . . . . . . . . . . . . . +200°C
*Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. This is a stress rating only; functional operation of the device
at these or any other conditions above those indicated in the operational section of this
specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
THERMAL
CHARACTERISTICS
8-Pin Plastic DIP Package
θ
JA = tbd K/Watt, θJC = tbd K/Watt
8-Pin Plastic SO Package
θ
JA = tbd K/Watt,
θ
JC = tbd K/Watt
PIN CONFIGURATION
AD M 3 0 88/
AD M 3 0 85/
AD M 3 0 8 8
T O P VIEW
(No t to S cale)
RO
RE
DE
DI
V CC
B
A
GND
1
2
3
4
8
7
6
5
ORDERING
INFORMATION
Model
Temperature Range
Package Option
ADM3082JN
0°C to +70°C
8 Pin Plastic DIP
ADM3082JR
0°C to +70°C
8 Pin SO
ADM3082AN
–40°C to +85°C
8 Pin Plastic DIP
ADM3082AR
–40°C to +85°C
8 Pin SO
ADM3085JN
0°C to +70°C
8 Pin Plastic DIP
ADM3085JR
0°C to +70°C
8 Pin SO
ADM3085AN
–40°C to +85°C
8 Pin Plastic DIP
ADM3085AR
–40°C to +85°C
8 Pin SO
ADM3088JN
0°C to +70°C
8 Pin Plastic DIP
ADM3088JR
0°C to +70°C
8 Pin SO
ADM3088AN
–40°C to +85°C
8 Pin Plastic DIP
ADM3088AR
–40°C to +85°C
8 Pin SO
ADM3082/ADM3085/ADM3088TYPICALPERFORMANCECHARACTERISTICS
AW
A IT
IN
G
D
A TA
TPC1. No-load Supply Current vs.
Temperature
AW
A IT
IN
G
D
A
TA
TPC2. Output Current vs. Receiver Out-
put High Voltage
AW
A IT
IN
G
D
A
TA
TPC3. Output Current vs. Receiver Out-
put Low Voltage
REV. PrA 02/02


同様の部品番号 - ADM3085AN

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM3050E AD-ADM3050E Datasheet
360Kb / 18P
   Signal Isolated, Basic CAN FD Transceiver
ADM3050E AD-ADM3050E Datasheet
417Kb / 19P
   5.7 kV rms, Signal Isolated, Basic CAN FD Transceiver
Rev. B
ADM3050EBRIZ AD-ADM3050EBRIZ Datasheet
417Kb / 19P
   5.7 kV rms, Signal Isolated, Basic CAN FD Transceiver
Rev. B
ADM3050EBRIZ-RL AD-ADM3050EBRIZ-RL Datasheet
417Kb / 19P
   5.7 kV rms, Signal Isolated, Basic CAN FD Transceiver
Rev. B
ADM3050EBRWZ AD-ADM3050EBRWZ Datasheet
360Kb / 18P
   Signal Isolated, Basic CAN FD Transceiver
More results

同様の説明 - ADM3085AN

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
MAX3080CPD MAXIM-MAX3080CPD Datasheet
915Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080 MAXIM-MAX3080 Datasheet
275Kb / 20P
   Fail-Safe, High-Speed 10Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers
19-1138; Rev 1; 12/97
MAX3080 MAXIM-MAX3080_14 Datasheet
572Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080 MAXIM-MAX3080_V01 Datasheet
572Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
19-2668; Rev 4; 1/16
MAX3082CPA MAXIM-MAX3082CPA Datasheet
927Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080 MAXIM-MAX3080_07 Datasheet
622Kb / 20P
   Fail-Safe, High-Speed (10Mbps),Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080E MAXIM-MAX3080E Datasheet
213Kb / 20P
   ±15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 0; 9/00
MAX3080E MAXIM-MAX3080E_V01 Datasheet
242Kb / 20P
   짹15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
19-1800; Rev 1; 5/06
MAX3085ECPA MAXIM-MAX3085ECPA Datasheet
242Kb / 20P
   15,-15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 1; 5/06
logo
AiT Semiconductor Inc.
A3085 AITSEMI-A3085 Datasheet
599Kb / 9P
   RS-485 TRANSCEIVERS FAIL-SAFE, HIGH-SPEED SLEW-RATE-LIMITED
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com