データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADM3088JN データシート(PDF) 11 Page - Analog Devices

部品番号 ADM3088JN
部品情報  High-Speed (10Mbps), Fail-Safe, RS-485/RS-422 Transceivers with Slew-Rate-Limiting and 5kV ESD Protection
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADM3088JN データシート(HTML) 11 Page - Analog Devices

Back Button ADM3088JN Datasheet HTML 6Page - Analog Devices ADM3088JN Datasheet HTML 7Page - Analog Devices ADM3088JN Datasheet HTML 8Page - Analog Devices ADM3088JN Datasheet HTML 9Page - Analog Devices ADM3088JN Datasheet HTML 10Page - Analog Devices ADM3088JN Datasheet HTML 11Page - Analog Devices ADM3088JN Datasheet HTML 12Page - Analog Devices ADM3088JN Datasheet HTML 13Page - Analog Devices ADM3088JN Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
ADM3082/ADM3085/ADM3088
–11–
PRELIMINARY TECHNICAL DATA
PIN FUNCTION DESCRIPTION
Pin
Mnemonic
Description
1
R O
Receiver Output. When
RE is low and A - B
(more positive than) –50mV, RO will be high.
When
RE is low and A – B
(more negative than) –200mV, RO will be low.
2
RE
Receiver Output Enable. Take
RE low to enable RO; RO is high impedance when RE is high.
Take
RE high and DE low to enter low-power shutdown mode.
3
D E
Driver Output Enable. Take DE high to enable driver outputs. These outputs are high
impedance when DE is low. Take RE high and DE low to enter low-power shutdown mode.
4
D I
Driver Input. With DE high, a low on DI forces non-inverting output low and inverting output
high. Similarly, a high on DI forces non-inverting output high and inverting output low.
5
G N D
Ground
6
A
Non-Inverting Receiver Input and Non-Inverting Driver Output
7
B
Inverting Receiver Input and Inverting Driver Output
8VCC
Positive Supply 4.75V =VCC =5.25V
TRANSMITTING
INPUTS
OUTPUTS
RE
DE
DI
B/Z
A/Y
X1
1
0
1
X1
0
1
0
0
0
X
High-Z
High-Z
1
0
X
Shutdown
RECEIVING
INPUTS
OUTPUT
RE
DE
DE
DE
DE
DE
A-B
A-B
A-B
A-B
A-B
RO
RO
RO
RO
RO
0X
-0.05V
1
0X
-0.2V
0
0
X
Open/shorted
1
1
1
X
High-Z
1
0
X
Shutdown
X = Don’t care
Shutdown mode, driver and receiver outputs high impedance
DEVICE TRUTH TABLES
REV. PrA 02/02


同様の部品番号 - ADM3088JN

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM3050E AD-ADM3050E Datasheet
360Kb / 18P
   Signal Isolated, Basic CAN FD Transceiver
ADM3050E AD-ADM3050E Datasheet
417Kb / 19P
   5.7 kV rms, Signal Isolated, Basic CAN FD Transceiver
Rev. B
ADM3050EBRIZ AD-ADM3050EBRIZ Datasheet
417Kb / 19P
   5.7 kV rms, Signal Isolated, Basic CAN FD Transceiver
Rev. B
ADM3050EBRIZ-RL AD-ADM3050EBRIZ-RL Datasheet
417Kb / 19P
   5.7 kV rms, Signal Isolated, Basic CAN FD Transceiver
Rev. B
ADM3050EBRWZ AD-ADM3050EBRWZ Datasheet
360Kb / 18P
   Signal Isolated, Basic CAN FD Transceiver
More results

同様の説明 - ADM3088JN

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
MAX3080CPD MAXIM-MAX3080CPD Datasheet
915Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080 MAXIM-MAX3080 Datasheet
275Kb / 20P
   Fail-Safe, High-Speed 10Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers
19-1138; Rev 1; 12/97
MAX3080 MAXIM-MAX3080_14 Datasheet
572Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080 MAXIM-MAX3080_V01 Datasheet
572Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
19-2668; Rev 4; 1/16
MAX3082CPA MAXIM-MAX3082CPA Datasheet
927Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080 MAXIM-MAX3080_07 Datasheet
622Kb / 20P
   Fail-Safe, High-Speed (10Mbps),Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080E MAXIM-MAX3080E Datasheet
213Kb / 20P
   ±15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 0; 9/00
MAX3080E MAXIM-MAX3080E_V01 Datasheet
242Kb / 20P
   짹15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
19-1800; Rev 1; 5/06
MAX3085ECPA MAXIM-MAX3085ECPA Datasheet
242Kb / 20P
   15,-15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 1; 5/06
logo
AiT Semiconductor Inc.
A3085 AITSEMI-A3085 Datasheet
599Kb / 9P
   RS-485 TRANSCEIVERS FAIL-SAFE, HIGH-SPEED SLEW-RATE-LIMITED
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com