データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADM3088JR データシート(PDF) 5 Page - Analog Devices

部品番号 ADM3088JR
部品情報  High-Speed (10Mbps), Fail-Safe, RS-485/RS-422 Transceivers with Slew-Rate-Limiting and 5kV ESD Protection
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADM3088JR データシート(HTML) 5 Page - Analog Devices

  ADM3088JR Datasheet HTML 1Page - Analog Devices ADM3088JR Datasheet HTML 2Page - Analog Devices ADM3088JR Datasheet HTML 3Page - Analog Devices ADM3088JR Datasheet HTML 4Page - Analog Devices ADM3088JR Datasheet HTML 5Page - Analog Devices ADM3088JR Datasheet HTML 6Page - Analog Devices ADM3088JR Datasheet HTML 7Page - Analog Devices ADM3088JR Datasheet HTML 8Page - Analog Devices ADM3088JR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
ADM3082/ADM3085/ADM3088
–5–
PRELIMINARY TECHNICAL DATA
ADM3082/ADM3085/ADM3088 SPECIFICATIONS (continued)
SWITCHING CHARACTERISTICS—ADM3085
(VCC = +5V ±5%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V and TA = +25°C.) (Note 1)
Parameter
Min
Typ
Max
Units
Test Conditions/Comments
Driver Input-to-Output, tDPLH
250
720
1000
ns
Figures 2 and 3 RDIFF = 54 ,
Driver Input-to-Output, tDPHL
250
720
1000
ns
CL1 = CL2 = 100pF
Driver Output Skew,|tDPLH - tDPHL|, tDSKEW
– 3
±100
ns
Figures 2 and 3, RDIFF = 54 ,
CL1 = CL2 = 100pF
Driver Rise or Fall Time, tDR, tDF
200
530
750
ns
Figures 2 and 3, RDIFF = 54 ,
CL1 = CL2 = 100pF
Maximum Data Rate, fMAX
500
kbps
Driver Enable to Output High, tDZH
2500
ns
Figures 5 and 6, CL = 100pF,
S2 closed
Driver Enable to Output Low, tDZL
2500
ns
Figures 5 and 6, CL = 100pF,
S1 closed
Driver Disable Time from Low, tDLZ
100
ns
Figures 5 and 6, CL = l5pF,
S1 closed
Driver Disable Time from High, tDHZ
100
ns
Figures 5 and 6, CL = l5pF,
S2 closed
Receiver Input to Output, tRPLH, tRPHL
127
200
ns
Figure 7; |VID|
2.0V;
rise and fall time of VID
l5ns
Differential Receiver Skew, tRSKD
3
±30
ns
Figure 7; |VID|
2.0V;
|tRPLH - tRPHL|
rise and fall time of VID
l5ns
Receiver Enable to Output Low, tRZL
20
50
ns
Figures 7 and 8 CL = 100pF,
S1 closed
Receiver Enable to Output High, tRZH
20
50
ns
Figures 7 and 8, CL = 100pF,
S2 closed
Receiver Disable Time from Low, tRLZ
20
50
ns
Figures 7 and 8, CL = 100pF,
S1 closed
Receiver Disable Time from High, tRHZ
20
50
ns
Figures 7 and 8, CL = 100pF,
S2 closed
Time to Shutdown, tSHDN
50
200
600
ns
(Note 5)
Driver Enable from Shutdown
4500
ns
Figures 5 and 6, CL = l5pF,
to Output High, tDZH(SHDN)
S2 closed
Driver Enable from Shutdown
4500
ns
Figures 5 and 6, CL = l5pF,
to Output Low, tOZL(SHDN)
S1 closed
Receiver Enable from Shutdown
3500
ns
Figures 7 and 8, CL = 100pF,
to Output High, tRZH(SHDN)
S2 closed
Receiver Enable from Shutdown
3500
ns
Figures 7 and 8, CL = 100pF,
to Output Low, tRZL(SHDN)
S1 closed
REV. PrA 02/02


同様の部品番号 - ADM3088JR

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM3050E AD-ADM3050E Datasheet
360Kb / 18P
   Signal Isolated, Basic CAN FD Transceiver
ADM3050E AD-ADM3050E Datasheet
417Kb / 19P
   5.7 kV rms, Signal Isolated, Basic CAN FD Transceiver
Rev. B
ADM3050EBRIZ AD-ADM3050EBRIZ Datasheet
417Kb / 19P
   5.7 kV rms, Signal Isolated, Basic CAN FD Transceiver
Rev. B
ADM3050EBRIZ-RL AD-ADM3050EBRIZ-RL Datasheet
417Kb / 19P
   5.7 kV rms, Signal Isolated, Basic CAN FD Transceiver
Rev. B
ADM3050EBRWZ AD-ADM3050EBRWZ Datasheet
360Kb / 18P
   Signal Isolated, Basic CAN FD Transceiver
More results

同様の説明 - ADM3088JR

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
MAX3080CPD MAXIM-MAX3080CPD Datasheet
915Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080 MAXIM-MAX3080 Datasheet
275Kb / 20P
   Fail-Safe, High-Speed 10Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers
19-1138; Rev 1; 12/97
MAX3080 MAXIM-MAX3080_14 Datasheet
572Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080 MAXIM-MAX3080_V01 Datasheet
572Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
19-2668; Rev 4; 1/16
MAX3082CPA MAXIM-MAX3082CPA Datasheet
927Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080 MAXIM-MAX3080_07 Datasheet
622Kb / 20P
   Fail-Safe, High-Speed (10Mbps),Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080E MAXIM-MAX3080E Datasheet
213Kb / 20P
   ±15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 0; 9/00
MAX3080E MAXIM-MAX3080E_V01 Datasheet
242Kb / 20P
   짹15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
19-1800; Rev 1; 5/06
MAX3085ECPA MAXIM-MAX3085ECPA Datasheet
242Kb / 20P
   15,-15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 1; 5/06
logo
AiT Semiconductor Inc.
A3085 AITSEMI-A3085 Datasheet
599Kb / 9P
   RS-485 TRANSCEIVERS FAIL-SAFE, HIGH-SPEED SLEW-RATE-LIMITED
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com