データシートサーチシステム |
|
FDC699P データシート(PDF) 5 Page - Fairchild Semiconductor |
|
FDC699P データシート(HTML) 5 Page - Fairchild Semiconductor |
5 / 6 page FDC699P Rev C2 (W) Typical Characteristics 0 1 2 3 4 5 0 5 10 15 20 25 30 Qg, GATE CHARGE (nC) ID = -7A VDS = -5V -15V -10V 0 500 1000 1500 2000 2500 3000 3500 4000 0 5 10 15 20 -VDS, DRAIN TO SOURCE VOLTAGE (V) Crss Coss f = 1MHz VGS = 0 V CISS Figure 7. Gate Charge Characteristics. Figure 8. Capacitance Characteristics. 0.01 0.1 1 10 100 0.1 1 10 100 -VDS, DRAIN-SOURCE VOLTAGE (V) DC 10s 100ms RDS(ON) LIMIT VGS = -4.5V SINGLE PULSE RθJA = 111 oC/W TA = 25 oC 10ms 1ms 1s 100µs 10µs 0 10 20 30 40 50 0.001 0.01 0.1 1 10 100 1000 t1, TIME (sec) SINGLE PULSE RθJA = 111°C/W TA = 25°C Figure 9. Maximum Safe Operating Area. Figure 10. Single Pulse Maximum Power Dissipation. 0.001 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1000 RθJA(t) = r(t) * RθJA RθJA = 111 °C/W TJ - TA = P * RθJA(t) Duty Cycle, D = t1 / t2 P(pk) t1 t2 SINGLE PULSE 0.01 0.02 0.05 0.1 0.2 D = 0.5 Figure 11. Transient Thermal Response Curve. Thermal characterization performed using the conditions described in Note 1b. Transient thermal response will change depending on the circuit board design. |
同様の部品番号 - FDC699P |
|
同様の説明 - FDC699P |