データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

HD74ALVC2G04 データシート(PDF) 4 Page - Hitachi Semiconductor

部品番号. HD74ALVC2G04
部品情報  Low voltage and high speed operation is suitable for the battery powered products
ダウンロード  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  HITACHI [Hitachi Semiconductor]
ホームページ  http://www.renesas.com/eng
Logo 

HD74ALVC2G04 Datasheet(HTML) 4 Page - Hitachi Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
HD74ALVC2G04
Rev.0, Jul. 2001, page 4 of 10
Recommended Operating Conditions
Item
Symbol
Min
Max
Unit
Conditions
Supply voltage range
V
CC
1.2
3.6
V
Input voltage range
V
I
03.6
V
Output voltage range
V
O
0V
CC
V
Output current
I
OH
−2mA
V
CC = 1.2 V
−4V
CC = 1.4 V
−6V
CC = 1.65 V
−18
V
CC = 2.3 V
−24
V
CC = 3.0 V
I
OL
2V
CC = 1.2 V
4V
CC = 1.4 V
6V
CC = 1.65 V
18
V
CC = 2.3 V
24
V
CC = 3.0 V
Input transition rise or fall rate
∆t / ∆v
0
20
ns / V
V
CC = 1.2 to 2.7 V
010
V
CC = 3.3±0.3 V
Operating free-air temperature
Ta
−40
85
°C
Note:
Unused or floating inputs must be held high or low.


Html ページ

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
BC846W-BC850WNPN Silicon AF Transistor For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
8XC528-bit CMOS low voltage low power and high speed microcontroller families 1 2 3 4 5 MoreNXP Semiconductors
BC847PNNPN/PNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
BBY51-03WSilicon Tuning Diode High Q hyperabrupt tuning diode Designed for low tuning voltage operation 1 2 3 Siemens Semiconductor Group
LTE-5228ASPECIAL FOR HIGH CURENT AND LOW FORWARD VOLTAGE 1 2 3 Lite-On Technology Corporation
BBY51-07Silicon Tuning Diode High Q hyperabrupt dual tuning diode Designed for low tuning voltage operation 1 2 3 Siemens Semiconductor Group
HRB0103ASilicon Schottky Barrier Diode for Low Voltage High Speed Switching Rectifying 1 2 3 4 5 MoreHitachi Semiconductor
BC856-BC860PNP Silicon AF Transistors For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
BBY51Silicon Tuning Diode High Q hyperabrupt dual tuning diode Designed for low tuning voltage operation 1 2 3 Siemens Semiconductor Group
HRB0103BSilicon Schottky Barrier Diode for Low Voltage High Speed Switching Rectifying 1 2 3 4 5 MoreHitachi Semiconductor

リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn