データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LDECD3680KA5N00 データシート(PDF) 1 Page - Kemet Corporation

部品番号 LDECD3680KA5N00
部品情報  LDE, Film, Metallized PEN Stacked, Automotive Grade, 0.68 uF, 10%, 50 V, 40 VAC, 125C, 2220, 3.3mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEMET [Kemet Corporation]
ホームページ  http://www.kemet.com
Logo KEMET - Kemet Corporation

LDECD3680KA5N00 データシート(HTML) 1 Page - Kemet Corporation

  LDECD3680KA5N00 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: LDECD3680KA5N00
(DECD3680KA5N00)
LDE, Film, Metallized PEN Stacked, Automotive Grade, 0.68 uF, 10%, 50 V, 40 VAC, 125C, 2220, 3.3mm
T
Dimensions
Chip Size
2220
L
6mm +/-0.3mm
W
5mm +/-0.4mm
T
3.3mm MAX
B
0.5mm +0.5/-0.3mm
Packaging Specifications
Packaging: T&R
Packaging Quantity: 2250
General Information
Supplier: KEMET
Series: LDE
Dielectric: Metallized PEN Stacked
Style: SMD Chip
Features: Automotive Grade
RoHS: Yes
Qualifications: AEC-Q200
AEC-Q200: Yes
Specifications
Capacitance: 0.68 uF
Capacitance Tolerance: 10%
Voltage DC: 50 VDC
Voltage AC: 40 VAC
Temperature Range: -55/+125C
Rated Temperature: 125C
Dissipation Factor: 0.80% 1kHz
Insulation Resistance: 588.2 MOhms
Max dV/dt: 100 V/us
© 2006 - 2018 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 6/20/2018 - 958eff8c-142a-4489-ada6-a24c7decf304


同様の部品番号 - LDECD3680KA5N00

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LDECD3680 ETC1-LDECD3680 Datasheet
499Kb / 8P
   PEN-PET H.T
More results

同様の説明 - LDECD3680KA5N00

メーカー部品番号データシート部品情報
logo
Kemet Corporation
LDEDD3680JA5N00 KEMET-LDEDD3680JA5N00 Datasheet
58Kb / 1P
   LDE, Film, Metallized PEN Stacked, Commercial Grade, 0.68 uF, 5%, 63 V, 40 VAC, 125C, 2220, 3.3mm
LDECD3820KA0N00 KEMET-LDECD3820KA0N00 Datasheet
60Kb / 1P
   LDE, Film, Metallized PEN Stacked, Automotive Grade, 0.82 uF, 10%, 50 V, 40 VAC, 125C, 2220, 3.7mm
LDECD3560KA5N00 KEMET-LDECD3560KA5N00 Datasheet
60Kb / 1P
   LDE, Film, Metallized PEN Stacked, Automotive Grade, 0.56 uF, 10%, 50 V, 40 VAC, 125C, 2220, 2.8mm
LDEED3330JA5N00 KEMET-LDEED3330JA5N00 Datasheet
60Kb / 1P
   LDE, Film, Metallized PEN Stacked, Automotive Grade, 0.33 uF, 5%, 100 V, 63 VAC, 125C, 2220, 3.3mm
LDECD4100MA0N00 KEMET-LDECD4100MA0N00 Datasheet
59Kb / 1P
   LDE, Film, Metallized PEN Stacked, Automotive Grade, 1 uF, 20%, 50 V, 40 VAC, 125C, 2220, 4.4mm
LDECD3330JA5N00 KEMET-LDECD3330JA5N00 Datasheet
60Kb / 1P
   LDE, Film, Metallized PEN Stacked, Automotive Grade, 0.33 uF, 5%, 50 V, 40 VAC, 125C, 2220, 1.9mm
LDECD4100JA0N00 KEMET-LDECD4100JA0N00 Datasheet
60Kb / 1P
   LDE, Film, Metallized PEN Stacked, Automotive Grade, 1 uF, 5%, 50 V, 40 VAC, 125C, 2220, 4.4mm
LDEED3330KA5N00 KEMET-LDEED3330KA5N00 Datasheet
57Kb / 1P
   Film, Metallized PEN Stacked, Commercial Grade, LDE, 0.33 uF, 10%, 100 V, 63 V, 125C, 2220, 3.3mm
LDECD3330KA5N00 KEMET-LDECD3330KA5N00 Datasheet
57Kb / 1P
   Film, Metallized PEN Stacked, Commercial Grade, LDE, 0.33 uF, 10%, 50 V, 40 V, 125C, 2220, 1.9mm
LDECD3470KA5N00 KEMET-LDECD3470KA5N00_17 Datasheet
57Kb / 1P
   Film, Metallized PEN Stacked, Commercial Grade, LDE, 0.47 uF, 10%, 50 V, 40 V, 125C, 2220, 2.4mm
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com