データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAS13D31B データシート(PDF) 1 Page - Sumida Corporation

部品番号 CAS13D31B
部品情報  LF Receiver Antenna
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUMIDA [Sumida Corporation]
ホームページ  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CAS13D31B データシート(HTML) 1 Page - Sumida Corporation

  CAS13D31B Datasheet HTML 1Page - Sumida Corporation CAS13D31B Datasheet HTML 2Page - Sumida Corporation CAS13D31B Datasheet HTML 3Page - Sumida Corporation CAS13D31B Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LF Receiver Antenna
CAS13D31B
Note: This specification is subject to change without notice. Please contact your nearest sales office for updated information when placing an order.
Page 1 of 2
Ver.0.0 (October 7, 2017)
www.sumida.com
Discription
Compact LF receiver antenna (3D).
Covered by over-molding.
High Sensitivity and Reliability.
L×W×H: 13.2×13.2x 3.25 mm Max.
Product weight:1.35 g Ref.
 Operating temperature range: -40℃~+85℃
Storage temperature range: -40℃~+85℃
RoHS compliance.
 Carrier Tape and Reel.
 Tape specification according to EIA481.
500pcs/reel.
Applications
 PEPS, Smart key system.
 Security system
Dimension - [mm]
Suggest PCB layout - [mm]
Schematic diagram
Z
Y
X


同様の部品番号 - CAS13D31B

メーカー部品番号データシート部品情報
logo
Sumida Corporation
CAS13D31 SUMIDA-CAS13D31 Datasheet
147Kb / 2P
   LF receiver antenna
CAS13D31-232 SUMIDA-CAS13D31-232 Datasheet
147Kb / 2P
   LF receiver antenna
CAS13D31-472 SUMIDA-CAS13D31-472 Datasheet
147Kb / 2P
   LF receiver antenna
CAS13D31-722 SUMIDA-CAS13D31-722 Datasheet
147Kb / 2P
   LF receiver antenna
More results

同様の説明 - CAS13D31B

メーカー部品番号データシート部品情報
logo
Sumida Corporation
CAK15D14 SUMIDA-CAK15D14_11 Datasheet
137Kb / 2P
   LF Receiver Antenna
CAD10D30 SUMIDA-CAD10D30 Datasheet
101Kb / 2P
   LF Receiver Antenna
CAS10D25 SUMIDA-CAS10D25 Datasheet
118Kb / 2P
   LF Receiver Antenna
CAS13D28 SUMIDA-CAS13D28 Datasheet
271Kb / 2P
   LF Receiver Antenna
CAS11D23 SUMIDA-CAS11D23 Datasheet
49Kb / 2P
   LF Receiver Antenna
CAS13D31 SUMIDA-CAS13D31 Datasheet
147Kb / 2P
   LF receiver antenna
CAD10D25 SUMIDA-CAD10D25 Datasheet
119Kb / 2P
   LF Receiver Antenna
CAS16D14 SUMIDA-CAS16D14_11 Datasheet
123Kb / 2P
   LF Receiver Antenna
CAK12D21 SUMIDA-CAK12D21 Datasheet
95Kb / 2P
   LF Receiver Antenna
CAD8D25 SUMIDA-CAD8D25 Datasheet
143Kb / 2P
   LF Receiver Antenna
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com