データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LE25S20FD データシート(PDF) 10 Page - ON Semiconductor

部品番号 LE25S20FD
部品情報  Serial Flash Memory
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S20FD データシート(HTML) 10 Page - ON Semiconductor

Back Button LE25S20FD_17 Datasheet HTML 6Page - ON Semiconductor LE25S20FD_17 Datasheet HTML 7Page - ON Semiconductor LE25S20FD_17 Datasheet HTML 8Page - ON Semiconductor LE25S20FD_17 Datasheet HTML 9Page - ON Semiconductor LE25S20FD_17 Datasheet HTML 10Page - ON Semiconductor LE25S20FD_17 Datasheet HTML 11Page - ON Semiconductor LE25S20FD_17 Datasheet HTML 12Page - ON Semiconductor LE25S20FD_17 Datasheet HTML 13Page - ON Semiconductor LE25S20FD_17 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LE25S20FD
www.onsemi.com
10
4. Write Disable
The write disable command sets status register WEN to "0" to prohibit unintentional writing. "Figure 8 Write
Disable" shows the timing waveforms. The write disable command consists only of the first bus cycle, and it is
initiated by inputting (04h). The write disable state (WEN "0") is exited by setting WEN to "1" using the write
enable command (06h).
Figure 7 Write Enable
Figure 8 Write Disable
5. Power-down
The power-down command sets all the commands, with the exception of the silicon ID read command and the
command to exit from power-down, to the acceptance prohibited state (power-down). "Figure 9 Power-down"
shows the timing waveforms. The power-down command consists only of the first bus cycle, and it is initiated by
inputting (B9h). However, a power-down command issued during an internal write operation will be ignored. The
power-down state is exited using the power-down exit command (power-down is exited also when one bus cycle
or more of the silicon ID read command (ABh) has been input). "Figure 10 Exiting from Power-down" shows the
timing waveforms of the power-down exit command.
Figure 9 Power-down
Figure 10 Exiting from Power-down
SCK
SI
High Impedance
SO
CS
06h
0
1
2
3
4
5
6
7
Mode3
Mode0
8CLK
SCK
SI
High Impedance
SO
CS
04h
0
1
2
3
4
5
6
7
Mode3
Mode0
8CLK
MSB
MSB
SCK
SI
High Impedance
SO
CS
B9h
0
1
2
3
4
5
6
7
Mode3
Mode0
8CLK
SCK
SI
High Impedance
SO
CS
ABh
0
1
2
3
4
5
6
7
Mode3
Mode0
8CLK
tPRB
tDP
Power down
mode
Power down
mode
MSB
MSB


同様の部品番号 - LE25S20FD_17

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LE25S20FD ONSEMI-LE25S20FD Datasheet
148Kb / 22P
   Serial Flash Memory
October 2014 - Rev. P0
More results

同様の説明 - LE25S20FD_17

メーカー部品番号データシート部品情報
logo
ON Semiconductor
ENA2098 ONSEMI-ENA2098 Datasheet
157Kb / 23P
   Serial Flash Memory
July, 2013
LE25S20MB ONSEMI-LE25S20MB Datasheet
141Kb / 22P
   Serial Flash Memory
October 2014 - Rev. P0
LE25U20AFD ONSEMI-LE25U20AFD Datasheet
141Kb / 21P
   Serial Flash Memory
October 2014 - Rev. P0
LE25W81QE ONSEMI-LE25W81QE Datasheet
136Kb / 21P
   Serial Flash Memory
November 2014 - Rev. P0
LE25S40FD ONSEMI-LE25S40FD Datasheet
147Kb / 22P
   Serial Flash Memory
November 2014 - Rev. P0
LE25U40CMC ONSEMI-LE25U40CMC Datasheet
151Kb / 24P
   Serial Flash Memory
February 2016 - Rev. 1
LE25S20XA ONSEMI-LE25S20XA Datasheet
219Kb / 24P
   Serial Flash Memory
June 2016 - Rev. 0
LE25U20AQG ONSEMI-LE25U20AQG Datasheet
182Kb / 21P
   Serial Flash Memory
October 2014 - Rev. 1
ENA2094 ONSEMI-ENA2094 Datasheet
157Kb / 23P
   Serial Flash Memory
July, 2013
LE25S20FD ONSEMI-LE25S20FD Datasheet
148Kb / 22P
   Serial Flash Memory
October 2014 - Rev. P0
LE25S81A ONSEMI-LE25S81A Datasheet
752Kb / 51P
   Serial Flash Memory
September 2015 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com