データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NV25080LV データシート(PDF) 9 Page - ON Semiconductor

部品番号 NV25080LV
部品情報  EEPROM Serial 8/16/32/64-Kb SPI Low
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NV25080LV データシート(HTML) 9 Page - ON Semiconductor

Back Button NV25080LV Datasheet HTML 5Page - ON Semiconductor NV25080LV Datasheet HTML 6Page - ON Semiconductor NV25080LV Datasheet HTML 7Page - ON Semiconductor NV25080LV Datasheet HTML 8Page - ON Semiconductor NV25080LV Datasheet HTML 9Page - ON Semiconductor NV25080LV Datasheet HTML 10Page - ON Semiconductor NV25080LV Datasheet HTML 11Page - ON Semiconductor NV25080LV Datasheet HTML 12Page - ON Semiconductor NV25080LV Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
NV25080LV, NV25160LV, NV25320LV, NV25640LV
www.onsemi.com
9
READ OPERATIONS
Read from Memory Array
To read from memory, the host sends a READ instruction
followed by a 16−bit address (see Table 11 for the number
of significant address bits).
After receiving the last address bit, the NV25xxx will
respond by shifting out data on the SO pin (as shown in
Figure 8). Sequentially stored data can be read out by simply
continuing to run the clock. The internal address pointer is
automatically incremented to the next higher address as data
is shifted out. After reaching the highest memory address,
the address counter “rolls over” to the lowest memory
address, and the read cycle can be continued indefinitely.
The read operation is terminated by taking CS high.
Read Status Register
To read the status register, the host simply sends a RDSR
command. After receiving the last bit of the command, the
NV25xxx will shift out the contents of the status register on
the SO pin (Figure 9). The status register may be read at any
time, including during an internal write cycle. While the
internal write cycle is in progress, the RDSR command will
output the full content of the status register. For easy
detection of the internal write cycle completion, we
recommend sampling the RDY bit only through the polling
routine. After detecting the RDY bit “0”, the next RDSR
instruction will always output the expected content of the
status register.
Read Identification Page
Reading the additional 32−byte Identification Page (IP) is
achieved using the same Read command sequence as used
for Read from main memory array (Figure 8). The IPL bit
from the Status Register must be set (IPL = 1) before
attempting to read from the IP. The [A4:A0] are the
address significant bits that point to the data byte shifted out
on the SO pin. If the CS continues to be held low, the internal
address register defined by [A4:A0] bits is automatically
incremented and the next data byte from the IP is shifted out.
The byte address must not exceed the 32−byte page
boundary.
Figure 8. READ Timing
SCK
SI
SO
BYTE ADDRESS*
012
3456
78
9
7
6
5
4
3
2
1
0
DATA OUT
MSB
HIGH IMPEDANCE
OPCODE
21
20
22 23 24 25 26 27 28 29 30
00
00
0
1
1
Dashed Line = mode (1, 1)
A0
AN
CS
* Please check the Byte Address Table (Table 11)
0
10
Figure 9. RDSR Timing
01
2
3
4
5
6
7
8
10
911
12
13
14
SCK
SI
DATA OUT
MSB
HIGH IMPEDANCE
OPCODE
SO
7
6
5
4
3
2
1
0
00
0
0
0
1
0
1
Dashed Line = mode (1, 1)
CS


同様の部品番号 - NV25080LV

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NV25080 ONSEMI-NV25080 Datasheet
278Kb / 16P
   EEPROM Serial 8/16/32/64-Kb SPI
June, 2018 ??Rev. 1
NV25080DTHFT3G ONSEMI-NV25080DTHFT3G Datasheet
278Kb / 16P
   EEPROM Serial 8/16/32/64-Kb SPI
June, 2018 ??Rev. 1
NV25080DWHFT3G ONSEMI-NV25080DWHFT3G Datasheet
278Kb / 16P
   EEPROM Serial 8/16/32/64-Kb SPI
June, 2018 ??Rev. 1
NV25080MUW ONSEMI-NV25080MUW Datasheet
284Kb / 14P
   EEPROM Serial 8/16-Kb SPI - Automotive Grade 1 in Wettable Flank UDFN8 Package
July, 2020 - Rev. 4
NV25080MUW2VTAG ONSEMI-NV25080MUW2VTAG Datasheet
231Kb / 16P
   EEPROM Serial 8/16-Kb SPI
May, 2018 ??Rev. 2
More results

同様の説明 - NV25080LV

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NV25080 ONSEMI-NV25080 Datasheet
278Kb / 16P
   EEPROM Serial 8/16/32/64-Kb SPI
June, 2018 ??Rev. 1
CAV25080 ONSEMI-CAV25080_18 Datasheet
268Kb / 15P
   EEPROM Serial 8/16-Kb SPI
June, 2018 ??Rev. 1
NV25640WF ONSEMI-NV25640WF Datasheet
195Kb / 13P
   EEPROM Serial 64-Kb SPI
June, 2018 ??Rev. 1
CAT25640 ONSEMI-CAT25640_18 Datasheet
316Kb / 20P
   EEPROM Serial 64-Kb SPI
June, 2018 ??Rev. 11
NV25080WF ONSEMI-NV25080WF Datasheet
231Kb / 16P
   EEPROM Serial 8/16-Kb SPI
May, 2018 ??Rev. 2
CAT25080 ONSEMI-CAT25080_18 Datasheet
312Kb / 18P
   EEPROM Serial 8/16-Kb SPI
June, 2018 ??Rev. 9
NV25320WF ONSEMI-NV25320WF Datasheet
196Kb / 13P
   EEPROM Serial 32-Kb SPI
June, 2018 ??Rev. 1
CAT25320 ONSEMI-CAT25320_18 Datasheet
268Kb / 15P
   EEPROM Serial 32-Kb SPI
June, 2018 ??Rev. 12
CAT25640VI ONSEMI-CAT25640VI Datasheet
189Kb / 19P
   64-Kb SPI Serial CMOS EEPROM
May, 2012 ??Rev. 10
CAV25640 ONSEMI-CAV25640 Datasheet
159Kb / 14P
   64-Kb SPI Serial CMOS EEPROM
July, 2011 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com