データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISD1700A データシート(PDF) 24 Page - Winbond

部品番号 ISD1700A
部品情報  Multi-Message Single-Chip Voice Record&Playback Devices
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WINBOND [Winbond]
ホームページ  http://www.winbond.com
Logo WINBOND - Winbond

ISD1700A データシート(HTML) 24 Page - Winbond

Back Button ISD1700A Datasheet HTML 20Page - Winbond ISD1700A Datasheet HTML 21Page - Winbond ISD1700A Datasheet HTML 22Page - Winbond ISD1700A Datasheet HTML 23Page - Winbond ISD1700A Datasheet HTML 24Page - Winbond ISD1700A Datasheet HTML 25Page - Winbond ISD1700A Datasheet HTML 26Page - Winbond ISD1700A Datasheet HTML 27Page - Winbond ISD1700A Datasheet HTML 28Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
ISD1700A SERIES
- 24 -
10 ELECTRICAL CHARACTERISTICS
10.1
DC PARAMETERS
PARAMETER
SYMBOL
MIN
TYP
[1]
MAX
UNITS
CONDITIONS
Supply Voltage
VDD
2.4
5.5
V
Input Low Voltage
VIL
VSS-0.3
0.3xVDD
V
Input High Voltage
VIH
0.7xVDD
VDD
V
Output Low Voltage
VOL
VSS-0.3
0.3xVDD
V
IOL = 4.0 mA
[2]
Output High Voltage
VOH
0.7xVDD
VDD
V
IOH = -1.6 mA
[2]
Record Current
IDD_Record
20
mA
Playback Current
IDD_Playback
20
mA
Erase Current
IDD_Erase
20
mA
VDD = 5.5 V, No load,
Sampling freq = 12 kHz
Standby Current
ISB
0.5
1
µA
VDD = 5.5 V, T=25°C
[3] [4]
Input Leakage Current
IILPD1
±1
µA
Force VDD
Input Current Low
IILPD2
-3
-10
µA
Force VSS , others at Vcc
Preamp Input Impedance RMIC+,RMIC-
7
kΩ
Power-up AGC
AnaIn Input Impedance
RAnaIn
42
kΩ
Power-up
MIC Differential Input
VIN1
15
300
mV
Peak-to-Peak
[5]
AnaIn Input Voltage
VIN2
1
V
Peak-to-Peak
Gain from MIC to SP+/-
AMSP
6
40
dB
VIN = 15~300 mV, AGC =
4.7 µF, VCC = 2.4V~5.5V
Speaker Output Load
RSPK
8
Across both Speaker pins
670
mW
VDD = 5.5 V
313
mW
VDD = 4.4 V
117
mW
VDD= 3 V
Speaker Output Power
Pout
49
mW
VDD= 2.4 V
1Vp-p,
1 kHz sine
wave at
AnaIn. RSPK
= 8 Ω.
Speaker Output Voltage
VOUT1
VDD
V
RSPK = 8Ω (Speaker),
Typical buzzer
AUD
IAUD
-3.0
mA
VDD =4.5 V, REXT= 390 Ω
Total Harmonic Distortion
THD
1
%
15 mV p-p 1 kHz sine wave,
Cmessage weighted
Notes:
[1]
Conditions: VCC = 4.5V, 8 kHz sampling frequency and TA = 25°C, unless otherwise stated.
[2]
LED output during Record operation.
[3]
VCCA, VCCD and VCCP are connected together. VSSA, VSSP1, VSSP2 and VSSD are connected together.
[4]
REC , PLAY , FT , FWD , ERASE , VOL and RESET must be at VCCD.
[5]
Balanced input signal applied between MIC+ and MIC- as shown in the applications example. Single-ended MIC+ or
MIC- input is recommended to be less than 100 mV p-p.


同様の部品番号 - ISD1700A

メーカー部品番号データシート部品情報
logo
Winbond
ISD1700 WINBOND-ISD1700 Datasheet
356Kb / 24P
   Multi-Message Single-Chip Voice Record & Playback Devices
logo
Nuvoton Technology Corp...
ISD1700 NUVOTON-ISD1700 Datasheet
990Kb / 23P
   Multi-Message Single-Chip Voice Record & Playback Devices
More results

同様の説明 - ISD1700A

メーカー部品番号データシート部品情報
logo
Winbond
ISD1700 WINBOND-ISD1700 Datasheet
356Kb / 24P
   Multi-Message Single-Chip Voice Record & Playback Devices
logo
Nuvoton Technology Corp...
ISD1700 NUVOTON-ISD1700 Datasheet
990Kb / 23P
   Multi-Message Single-Chip Voice Record & Playback Devices
ISD14B00 NUVOTON-ISD14B00 Datasheet
993Kb / 27P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
ISD18B00 NUVOTON-ISD18B00 Datasheet
610Kb / 20P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
logo
Generalplus Technology ...
GPCR20A GENERALPLUS-GPCR20A Datasheet
266Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
logo
List of Unclassifed Man...
ISD1100 ETC-ISD1100 Datasheet
265Kb / 24P
   SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
logo
Generalplus Technology ...
GPCR03B GENERALPLUS-GPCR03B Datasheet
162Kb / 7P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
GPCR06B GENERALPLUS-GPCR06B Datasheet
180Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
logo
Nuvoton Technology Corp...
ISD1900 NUVOTON-ISD1900 Datasheet
954Kb / 29P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
logo
List of Unclassifed Man...
ISD1964SYI ETC2-ISD1964SYI Datasheet
499Kb / 29P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com