データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2N2907AUA データシート(PDF) 1 Page - TT Electronics.

部品番号 2N2907AUA
部品情報  Surface Mount NPN General Purpose Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TTELEC [TT Electronics.]
ホームページ  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

2N2907AUA データシート(HTML) 1 Page - TT Electronics.

  2N2907AUA Datasheet HTML 1Page - TT Electronics. 2N2907AUA Datasheet HTML 2Page - TT Electronics. 2N2907AUA Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Surface Mount NPN General
Purpose Transistor
2N2907AUA (TX, TXV)
 
© TT electronics plc
Issue B
08/2016
Page 1
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
 
Description:
The 2N2907AUA (TX, TXV) is a herme cally sealed ceramic surface mount general purpose switching transistor. The 
miniature four pin ceramic package is ideal for designs where board space and device weight are important design 
considera ons. The “UA” suffix denotes the 4 terminal leadless chip carrier package, type “A” per MIL‐PRF‐19500/291. 
 
Typical screening per MIL‐PRF‐19500/291. The burn‐in condi on is VCB = 30 V. PD = 400 mW, TA = 25°C, t = 80 hrs. Refer to 
MIL‐PRF‐19500/291 for complete requirements. In addi on, the TX and TXV versions receive 100% thermal response 
tes ng. 
 
When ordering parts without processing, do not use the TX or TXV suffix. 
 
Applications:
 General switching
 Amplification
 Signal processing
 Radio transmission
 Logic gates
Features:
 Ceramic 4 pin surface mount package
 Miniature package to minimize circuit board area
 Hermetically sealed
 Processed per MIL-PRF-19500/291
.022 [.559]
.006 [.152]
 


同様の部品番号 - 2N2907AUA

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
2N2907AUA MICROSEMI-2N2907AUA Datasheet
68Kb / 2P
   PNP SMALL SIGNAL SILICON TRANSISTOR
2N2907AUA MICROSEMI-2N2907AUA Datasheet
105Kb / 6P
   RADIATION HARDENED
More results

同様の説明 - 2N2907AUA

メーカー部品番号データシート部品情報
logo
OPTEK Technologies
2N2222AUA OPTEK-2N2222AUA Datasheet
192Kb / 3P
   Surface Mount NPN General Purpose Transistor
logo
TT Electronics.
2N2222AUB TTELEC-2N2222AUB Datasheet
254Kb / 3P
   Surface Mount NPN General Purpose Transistor
logo
Micropac Industries
61084 MICROPAC-61084 Datasheet
83Kb / 2P
   SURFACE MOUNT (NPN) GENERAL PURPOSE TRANSISTOR
61090 MICROPAC-61090 Datasheet
82Kb / 2P
   SURFACE MOUNT (NPN) GENERAL PURPOSE TRANSISTOR
logo
TT Electronics.
2N2222AUA TTELEC-2N2222AUA Datasheet
299Kb / 3P
   Surface Mount NPN General Purpose Transistor
logo
Micropac Industries
61113 MICROPAC-61113 Datasheet
81Kb / 2P
   GENERAL PURPOSE (NPN) TRANSISTOR SURFACE MOUNT PACKAGE
logo
Leshan Radio Company
MSD602-RT1 LRC-MSD602-RT1 Datasheet
40Kb / 1P
   NPN General Purpose Amplifier Transistor Surface Mount
logo
ON Semiconductor
MSD602-RT1G ONSEMI-MSD602-RT1G Datasheet
89Kb / 3P
   NPN General Purpose Amplifier Transistor Surface Mount
July, 2012 ??Rev. 7
2SC4081RT1 ONSEMI-2SC4081RT1 Datasheet
48Kb / 2P
   General Purpose Amplifier Transistor NPN Surface Mount
May, 2006 ??Rev. 4
MSD602-RT1 ONSEMI-MSD602-RT1 Datasheet
111Kb / 4P
   NPN General Purpose Amplifier Transistor Surface Mount
1996 REV 1
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com