データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB11693 データシート(PDF) 3 Page - Sanyo Semicon Device

部品番号 LB11693
部品情報  Three-Phase Brushless Motor Driver for 24 V Fan Motors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11693 データシート(HTML) 3 Page - Sanyo Semicon Device

  LB11693 Datasheet HTML 1Page - Sanyo Semicon Device LB11693 Datasheet HTML 2Page - Sanyo Semicon Device LB11693 Datasheet HTML 3Page - Sanyo Semicon Device LB11693 Datasheet HTML 4Page - Sanyo Semicon Device LB11693 Datasheet HTML 5Page - Sanyo Semicon Device LB11693 Datasheet HTML 6Page - Sanyo Semicon Device LB11693 Datasheet HTML 7Page - Sanyo Semicon Device LB11693 Datasheet HTML 8Page - Sanyo Semicon Device LB11693 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
No.8095-3/12
LB11693
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
RD Pin
Low-level output voltage
VOL (RD)
IRD = 5 mA
0.1
0.3
V
Output leakage current
IL (RD)
VRD = 28 V
10
µA
FG Pin
Low-level output voltage
VOL (FG)
IFG = 5 mA
0.1
0.3
V
Output leakage current
IL (FG)
VFG = 28 V
10
µA
FGFIL Pin
Charge current
IFGFIL1
–7
–5
–3
µA
Discharge current
IFGFIL2
3
5
7
µA
FG Amplifier Schmitt Block (IN1)
Amplifier gain
G (FG)
Design target value
7
times
Hysteresis
VIS (FG)
Design target value, input equivalent
8
mV
S/S Pin
High-level input voltage range
VIH (SS)
2.0
VREG
V
Low-level input voltage range
VIL (SS)
0
1.0
V
Input open voltage
VIO (SS)
2.6
2.9
3.2
V
Hysteresis
VIS (SS)
0.16
0.25
0.34
V
High-level input current
IIH (SS)
VS/S = VREG
100
130
µA
Low-level input current
IIL (SS)
VS/S = 0 V
–170
–130
µA
PWMIN Pin
Input frequency range
f (PI)
50
kHz
High-level input voltage range
VIH (PI)
2.0
VREG
V
Low-level input voltage range
VIL (PI)
0
1.0
V
Input open voltage
VIO (PI)
2.6
2.9
3.2
V
Hysteresis
VIS (PI)
0.16
0.25
0.34
V
High-level input current
IIH (PI)
VPWMIN = VREG
100
130
µA
Low-level input current
IIL (PI)
VPWMIN = 0 V
–170
–130
µA
F/R Pin
High-level input voltage range
VIH (FR)
2.0
VREG
V
Low-level input voltage range
VIL (FR)
0
1.0
V
Input open voltage
VIO (FR)
VREG – 0.5
VREG
V
Hysteresis
VIS (FR)
0.16
0.25
0.34
V
High-level input current
IIH (FR)
VF/R = VREG
–10
0
+10
µA
Low-level input current
IIL (FR)
VF/R = 0 V
–165
–115
µA
Continued from preceding page.
1
14
28
15
0.6
26.75
20.0
R1.7
(1.81)
1.78
1.0
Package Dimensions
unit : mm
3147C
SANYO : DIP28H (500mil)
20
16
12
8
4
3
0
24
-30
120
0
30
60
90
1.2
8.0
Ambient temperature, Ta —
°C
With an infinite heat sink
Independent IC
Pdmax — Ta


同様の部品番号 - LB11693

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB11693H SANYO-LB11693H Datasheet
915Kb / 24P
   Monolithic Digital IC 3-Phase Brushless Motor Driver for 24V Fan Motors
logo
ON Semiconductor
LB11693H ONSEMI-LB11693H Datasheet
983Kb / 24P
   3-Phase Brushless Motor Driver for 24V Fan Motors
May, 2013
logo
Sanyo Semicon Device
LB11693JH SANYO-LB11693JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
LB11693JH SANYO-LB11693JH Datasheet
158Kb / 12P
   24V Fan Motor Driver IC
logo
ON Semiconductor
LB11693JH ONSEMI-LB11693JH Datasheet
139Kb / 12P
   24V Fan Motor Driver IC
May, 2013
More results

同様の説明 - LB11693

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LB11873-TRM-E ONSEMI-LB11873-TRM-E Datasheet
159Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11870 SANYO-LB11870 Datasheet
204Kb / 14P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
logo
ON Semiconductor
LB11693H ONSEMI-LB11693H Datasheet
983Kb / 24P
   3-Phase Brushless Motor Driver for 24V Fan Motors
May, 2013
logo
Sanyo Semicon Device
LB1980H SANYO-LB1980H Datasheet
140Kb / 8P
   Three-Phase Brushless Motor Driver for VCR Capstan Motors
LB1987 SANYO-LB1987 Datasheet
148Kb / 17P
   Three-Phase Brushless Motor Driver for VCR Capstan Motors
LB11870 SANYO-LB11870_07 Datasheet
194Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB1876 SANYO-LB1876 Datasheet
118Kb / 14P
   Three-Phase Brushless Motor Driver for Polygon Mirror Motors
LB11872H SANYO-LB11872H Datasheet
125Kb / 13P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
LB11872H SANYO-LB11872H_08 Datasheet
131Kb / 11P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB1999M SANYO-LB1999M Datasheet
119Kb / 8P
   Three-Phase Brushless Motor Driver for VCR Capstan Motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com