データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8130-EVAL データシート(PDF) 10 Page - Analog Devices

部品番号 AD8130-EVAL
部品情報  Low-Cost 270 MHz Differential Receiver Amplifiers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8130-EVAL データシート(HTML) 10 Page - Analog Devices

Back Button AD8130-EVAL Datasheet HTML 6Page - Analog Devices AD8130-EVAL Datasheet HTML 7Page - Analog Devices AD8130-EVAL Datasheet HTML 8Page - Analog Devices AD8130-EVAL Datasheet HTML 9Page - Analog Devices AD8130-EVAL Datasheet HTML 10Page - Analog Devices AD8130-EVAL Datasheet HTML 11Page - Analog Devices AD8130-EVAL Datasheet HTML 12Page - Analog Devices AD8130-EVAL Datasheet HTML 13Page - Analog Devices AD8130-EVAL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
REV. 0
AD8129/AD8130
–10–
FREQUENCY – MHz
–60
1
–66
–72
–78
–84
–90
10
40
VOUT = 1V p-p
VS = 5V
VS = 12V
G = 1
VS = 12V
G = 2
TPC 37. AD8130 Second Harmonic
Distortion vs. Frequency
FREQUENCY – MHz
1
–51
–57
–63
–69
–75
–81
–87
–93
–99
10
40
VOUT = 1V p-p
G = 1
VS = 5V
VS = 12V
G = 2
VS = 5V
G = 1
G = 1
VS = 12V
TPC 40. AD8130 Third Harmonic
Distortion vs. Frequency
FREQUENCY – MHz
1
–43
–49
–55
–61
–67
–73
–79
10
40
VS = 2.5V
G = 1
G = 2
G = 2
G = 1
VOUT = 2V p-p
VOUT = 1V p-p
TPC 43. AD8130 Second Harmonic
Distortion vs. Frequency
FREQUENCY – MHz
–54
1
–60
–66
–72
–78
–84
10
40
VOUT = 2V p-p
VS = 5V
VS = 12V
G = 2
G = 1
VS = 12V
G = 1
VS = 5V
TPC 38. AD8130 Second Harmonic
Distortion vs. Frequency
FREQUENCY – MHz
1
–45
–51
–57
–63
–69
–75
–81
–87
–93
10
40
VOUT = 2V p-p
G = 1
VS = 5V
VS = 12V
G = 2
G = 2, VS = 12V
G = 2, VS = 5V
TPC 41. AD8130 Third Harmonic
Distortion vs. Frequency
FREQUENCY – MHz
1
–42
–48
–54
–60
–66
–72
–78
–84
–90
10
40
VS = 2.5V
–96
G = 2
G = 1
VOUT = 2V p-p
G = 2
G = 1
VOUT = 1V p-p
TPC 44. AD8130 Third Harmonic
Distortion vs. Frequency
VOUT – V p-p
–55
–91
0.5
–61
–67
–73
–79
–85
110
fC = 5MHz
VS = 5V
VS = 12V
G = 1
VS = 5V
VS = 12V
G = 2
TPC 39. AD8130 Second Harmonic
Distortion vs. Output Voltage
VOUT – V p-p
–46
–82
0.5
–52
–58
–64
–70
–76
110
–88
–94
fC = 5MHz
G = 1
VS = 12V
VS = 5V
G = 2
VS = 12V
VS = 5V
TPC 42. AD8130 Third Harmonic
Distortion vs. Output Voltage
VOUT – V p-p
–46
0
–52
–58
–64
–70
–76
–82
–88
–94
0.5
1.0
1.5
2.0
2.5
3.0
VS = 2.5V
fC = 5MHz
G = 1, HD2
G = 2, HD3
G = 2, HD2
G = 2, HD2
G = 1, HD3
G = 2, HD3
TPC 45. AD8130 Harmonic Distortion
vs. Output Voltage
AD8130 Harmonic Distortion Characteristics
(RL = 1 k , CL = 2 pF, TA = 25 C, unless otherwise noted.)


同様の部品番号 - AD8130-EVAL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8130 AD-AD8130 Datasheet
801Kb / 40P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8130AR AD-AD8130AR Datasheet
801Kb / 40P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8130AR-REEL AD-AD8130AR-REEL Datasheet
801Kb / 40P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8130AR-REEL7 AD-AD8130AR-REEL7 Datasheet
801Kb / 40P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8130ARM AD-AD8130ARM Datasheet
801Kb / 40P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
More results

同様の説明 - AD8130-EVAL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8129 AD-AD8129_15 Datasheet
791Kb / 41P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8130 AD-AD8130_15 Datasheet
791Kb / 41P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8129 AD-AD8129_05 Datasheet
801Kb / 40P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8055 AD-AD8055_06 Datasheet
302Kb / 16P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055ART AD-AD8055ART Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055 AD-AD8055_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8056 AD-AD8056_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055 AD-AD8055 Datasheet
207Kb / 11P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
REV. B
logo
Maxim Integrated Produc...
MAX9718 MAXIM-MAX9718 Datasheet
569Kb / 23P
   Low-Cost, Mono/Stereo,1.4W Differential Audio Power Amplifiers
Rev 0; 10/03
MAX9718 MAXIM-MAX9718_09 Datasheet
603Kb / 26P
   Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 6; 3/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com